Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP40A Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # 5KP40A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

5KP40A Datasheet(HTML) 3 Page - Pan Jit International Inc.

  5KP40A Datasheet HTML 1Page - Pan Jit International Inc. 5KP40A Datasheet HTML 2Page - Pan Jit International Inc. 5KP40A Datasheet HTML 3Page - Pan Jit International Inc. 5KP40A Datasheet HTML 4Page - Pan Jit International Inc. 5KP40A Datasheet HTML 5Page - Pan Jit International Inc. 5KP40A Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAGE . 3
November 21,2012-REV.04
5KP SERIES
Part Number
Reverse
Stand-off
Voltage
Breakdown Voltage
TestC urrent
Reverse Leakage
Max. Clamp
Voltage
10/1000μs
Peak Pulse
Current
10/1000μs
Marking Code
V RWM(Notes 4)
V BR @ IT
IT
IR @ VRWM
VC @ IPP
IPP
Mi n.
Ma x.
UNI
BI
UNI
BI
V
V
V
mA
μ
A
μ
A
V
A
UNI
BI
5000W Transient Voltage Suppressor
5KP40A
5KP40CA
40
44.4
51.1
5
6
6
64.5
78
5KP40A
5KP40CA
5KP43
5KP43C
43
47.8
60.5
5
6
6
76.7
65
5KP43
5KP43C
5KP43A
5KP43CA
43
47.8
54.9
5
6
6
69.4
72
5KP43A
5KP43CA
5KP45
5KP45C
45
50
63.3
5
6
6
80.3
62
5KP45
5KP45C
5KP45A
5KP45CA
45
50
57.5
5
6
6
72.7
69
5KP45A
5KP45CA
5KP48
5KP48C
48
53.3
67.5
5
6
6
85.5
58
5KP48
5KP48C
5KP48A
5KP48CA
48
53.3
61.3
5
6
6
77.4
65
5KP48A
5KP48CA
5KP51
5KP51C
51
56.7
71.8
5
6
6
91.1
55
5KP51
5KP51C
5KP51A
5KP51CA
51
56.7
65.2
5
6
6
82.4
61
5KP51A
5KP51CA
5KP54
5KP54C
54
60
76
5
6
6
96.3
52
5KP54
5KP54C
5KP54A
5KP54CA
54
60
69
5
6
6
87.1
57
5KP54A
5KP54CA
5KP58
5KP58C
58
64.4
81.6
5
6
6
103
49
5KP58
5KP58C
5KP58A
5KP58CA
58
64.4
74.1
5
6
6
93.6
53
5KP58A
5KP58CA
5KP60
5KP60C
60
66.7
84.5
5
6
6
107
47
5KP60
5KP60C
5KP60A
5KP60CA
60
66.7
76.7
5
6
6
96.8
52
5KP60A
5KP60CA
5KP64
5KP64C
64
71.1
90.1
5
6
6
114
44
5KP64
5KP64C
5KP64A
5KP64CA
64
71.1
81.8
5
6
6
103
49
5KP64A
5KP64CA
5KP70
5KP70C
70
77.8
98.6
5
6
6
125
40
5KP70
5KP70C
5KP70A
5KP70CA
70
77.8
89.5
5
6
6
113
44
5KP70A
5KP70CA
5KP75
5KP75C
75
83.3
105.7
5
6
6
134
37
5KP75
5KP75C
5KP75A
5KP75CA
75
83.3
95.8
5
6
6
121
41
5KP75A
5KP75CA
5KP78
5KP78C
78
86.7
109.8
5
6
6
139
36
5KP78
5KP78C
5KP78A
5KP78CA
78
86.7
99.7
5
6
6
126
40
5KP78A
5KP78CA
5KP85
5KP85C
85
94.4
119.2
5
6
6
151
33
5KP85
5KP85C
5KP85A
5KP85CA
85
94.4
108.2
5
6
6
137
36
5KP85A
5KP85CA
5KP90
5KP90C
90
100
126.5
5
6
6
160
31
5KP90
5KP90C
5KP90A
5KP90CA
90
100
115.5
5
6
6
146
34
5KP90A
5KP90CA
5KP100
5KP100C
100
111
141
5
6
6
179
28
5KP100
5KP100C
5KP100A
5KP100CA
100
111
128
5
6
6
162
31
5KP100A
5KP100CA
5KP110
5KP110C
110
122
154.5
5
6
6
196
26
5KP110
5KP110C
5KP110A
5KP110CA
110
122
140.5
5
6
6
177
28
5KP110A
5KP110CA
5KP120
5KP120C
120
133
169
5
6
6
214
23
5KP120
5KP120C
5KP120A
5KP120CA
120
133
153
5
6
6
193
20
5KP120A
5KP120CA
5KP130
5KP130C
130
144
182.5
5
6
6
231
22
5KP130
5KP130C
5KP130A
5KP130CA
130
144
165.5
5
6
6
209
24
5KP130A
5KP130CA
5KP150
5KP150C
150
167
211.5
5
6
6
268
19
5KP150
5KP150C
5KP150A
5KP150CA
150
167
192.5
5
6
6
243
21
5KP150A
5KP150CA
5KP160
5KP160C
160
178
226
5
6
6
287
17
5KP160
5KP160C
5KP160A
5KP160CA
160
178
205
5
6
6
259
19
5KP160A
5KP160CA
5KP170
5KP170C
170
189
239.5
5
6
6
304
16
5KP170
5KP170C
5KP170A
5KP170CA
170
189
217.5
5
6
6
275
18
5KP170A
5KP170CA
5KP180
5KP180C
180
198
253.8
1
3
3
322
16
5KP180
5KP180C
5KP180A
5KP180CA
180
198
230.4
1
3
3
292
17
5KP180A
5KP180CA
5KP190
5KP190C
190
209
267.9
1
3
3
340
15
5KP190
5KP190C
5KP190A
5KP190CA
190
209
243.2
1
3
3
308
16
5KP190A
5KP190CA
5KP200
5KP200C
200
220
282
1
3
3
358
14
5KP200
5KP200C
5KP200A
5KP200CA
200
220
256
1
3
3
324
15
5KP200A
5KP200CA
5KP210
5KP210C
210
231
296.1
1
3
3
376
13
5KP210
5KP210C
5KP210A
5KP210CA
210
231
268.8
1
3
3
340
15
5KP210A
5KP210CA
5KP220
5KP220C
220
242
310.2
1
3
3
394
13
5KP220
5KP220C
5KP220A
5KP220CA
220
242
282
1
3
3
356
14
5KP220A
5KP220CA


Similar Part No. - 5KP40A

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP40A SURGE-5KP40A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
HuaXinAn Electronics CO...
5KP40A HUAXINAN-5KP40A Datasheet
357Kb / 5P
   Transient Voltage Suppressors
logo
Vishay Siliconix
5KP40A VISHAY-5KP40A Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
logo
Pan Jit International I...
5KP40A PANJIT-5KP40A Datasheet
88Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
5KP40A LEIDITECH-5KP40A Datasheet
629Kb / 5P
   5000W Transient Voltage Suppressor
More results

Similar Description - 5KP40A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5KE PANJIT-1.5KE_08 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
1.5SMC PANJIT-1.5SMC_09 Datasheet
143Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
5KP PANJIT-5KP_08 Datasheet
108Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
1.5SMC-AU PANJIT-1.5SMC-AU Datasheet
126Kb / 7P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
5.0SMCJ PANJIT-5.0SMCJ Datasheet
158Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
5.0SMCJ_SERIES PANJIT-5.0SMCJ_SERIES_14 Datasheet
153Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
logo
StarHope
TVS-5KP SPSEMI-TVS-5KP Datasheet
326Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 250 Volts 5000 Watt Peak Pulse Power
logo
Pan Jit International I...
P6KE_SERIES PANJIT-P6KE_SERIES_14 Datasheet
243Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
SA5.0_SERIES PANJIT-SA5.0_SERIES_14 Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
P4KE_SERIES PANJIT-P4KE_SERIES_14 Datasheet
194Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com