Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15SMCJ54A Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # 15SMCJ54A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

15SMCJ54A Datasheet(HTML) 3 Page - Pan Jit International Inc.

  15SMCJ54A Datasheet HTML 1Page - Pan Jit International Inc. 15SMCJ54A Datasheet HTML 2Page - Pan Jit International Inc. 15SMCJ54A Datasheet HTML 3Page - Pan Jit International Inc. 15SMCJ54A Datasheet HTML 4Page - Pan Jit International Inc. 15SMCJ54A Datasheet HTML 5Page - Pan Jit International Inc. 15SMCJ54A Datasheet HTML 6Page - Pan Jit International Inc. 15SMCJ54A Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PAGE . 3
November 5,2012-REV.03
1.5SMCJ SERIES
Part Number
R ever s e
St a nd - of f
Vo l t a g e
B r eak dow n
Vo l t a g e
Te s t
C u rre n t
R e ver s e
Le akag e
Max.Clamp
Voltage
10/1000
μs
Peak Pulse
Current
10/1000
μs
Marking
Code
V RW M
(N o te s 4)
V BR @ I T
I T
IR @ VRWM
VC @ IPP
IPP
Mi n .
M ax.
UNI
BI
UNI
BI
V
V
V
mA
μ A
μ A
V
A
UNI
BI
1500W Transient Voltage Suppressor
1.5SMCJ43
1.5SMCJ43C
43
47.8
61
1
1
1
76.7
19.6
GFS
BFS
1.5SMCJ43A
1.5SMCJ43CA
43
47.8
55
1
1
1
69.4
21.6
GFT
BFT
1.5SMCJ45
1.5SMCJ45C
45
50
63
1
1
1
80.3
18.7
GFU
BFU
1.5SMCJ45A
1.5SMCJ45CA
45
50
57.5
1
1
1
72.7
20.6
GFV
BFV
1.5SMCJ48
1.5SMCJ48C
48
53.3
67.5
1
1
1
85.5
17.5
GFW
BFW
1.5SMCJ48A
1.5SMCJ48CA
48
53.3
61.3
1
1
1
77.4
19.4
GFX
BFX
1.5SMCJ51
1.5SMCJ51C
51
56.7
71.8
1
1
1
91.1
18.5
GFY
BFY
1.5SMCJ51A
1.5SMCJ51CA
51
56.7
65.2
1
1
1
82.4
18.2
GFZ
BFZ
1.5SMCJ54
1.5SMCJ54C
54
60
76
1
1
1
96.3
15.6
GGD
BGD
1.5SMCJ54A
1.5SMCJ54CA
54
60
69
1
1
1
87.1
17.2
GGE
BGE
1.5SMCJ58
1.5SMCJ58C
58
64.4
81.6
1
1
1
103
14.6
GGF
BGF
1.5SMCJ58A
1.5SMCJ58CA
58
64.4
74.1
1
1
1
93.6
16
GGG
BGG
1.5SMCJ60
1.5SMCJ60C
60
66.7
84.5
1
1
1
107
14
GGH
BGH
1.5SMCJ60A
1.5SMCJ60CA
60
66.7
76.7
1
1
1
96.8
15.5
GGK
BGK
1.5SMCJ64
1.5SMCJ64C
64
71.1
90.1
1
1
1
114
13.2
GGL
BGL
1.5SMCJ64A
1.5SMCJ64CA
64
71.1
81.8
1
1
1
103
14.6
GGM
BGM
1.5SMCJ70
1.5SMCJ70C
70
77.8
98.6
1
1
1
125
12
GGN
BGN
1.5SMCJ70A
1.5SMCJ70CA
70
77.8
89.5
1
1
1
113
13.3
GGP
BGP
1.5SMCJ75
1.5SMCJ75C
75
83.3
105.7
1
1
1
134
11.2
GGQ
BGQ
1.5SMCJ75A
1.5SMCJ75CA
75
83.3
95.8
1
1
1
121
12.4
GGR
BGR
1.5SMCJ78
1.5SMCJ78C
78
86.7
109.8
1
1
1
139
10.8
GGS
BGS
1.5SMCJ78A
1.5SMCJ78CA
78
86.7
99.7
1
1
1
126
11.4
GGT
BGT
1.5SMCJ85
1.5SMCJ85C
85
94.4
119.2
1
1
1
151
9.9
GGU
BGU
1.5SMCJ85A
1.5SMCJ85CA
85
94.4
108.2
1
1
1
137
10.4
GGV
BGV
1.5SMCJ90
1.5SMCJ90C
90
100
126.5
1
1
1
160
9.4
GGW
BGW
1.5SMCJ90A
1.5SMCJ90CA
90
100
115.5
1
1
1
146
10.3
GGX
BGX
1.5SMCJ100
1.5SMCJ100C
100
111
141
1
1
1
179
8.4
GGY
BGY
1.5SMCJ100A
1.5SMCJ100CA
100
111
128
1
1
1
162
9.3
GGZ
BGZ
1.5SMCJ110
1.5SMCJ110C
110
122
154.5
1
1
1
196
7.7
GHD
BHD
1.5SMCJ110A
1.5SMCJ110CA
110
122
140.5
1
1
1
177
8.4
GHE
BHE
1.5SMCJ120
1.5SMCJ120C
120
133
169
1
1
1
214
7
GHF
BHF
1.5SMCJ120A
1.5SMCJ120CA
120
133
153
1
1
1
193
7.9
GHG
BHG
1.5SMCJ130
1.5SMCJ130C
130
144
182.5
1
1
1
231
6.5
GHH
BHH
1.5SMCJ130A
1.5SMCJ130CA
130
144
165.5
1
1
1
209
7.2
GHK
BHK
1.5SMCJ150
1.5SMCJ150C
150
167
211.5
1
1
1
268
5.6
GHL
BHL
1.5SMCJ150A
1.5SMCJ150CA
150
167
192.5
1
1
1
243
6.2
GHM
BHM
1.5SMCJ160
1.5SMCJ160C
160
178
226
1
1
1
287
5.2
GHN
BHN
1.5SMCJ160A
1.5SMCJ160CA
160
178
205
1
1
1
259
5.8
GHP
BHP
1.5SMCJ170
1.5SMCJ170C
170
189
239.5
1
1
1
304
4.9
GHQ
BHQ
1.5SMCJ170A
1.5SMCJ170CA
170
189
217.5
1
1
1
275
5.5
GHR
BHR
1.5SMCJ180
1.5SMCJ180C
180
198
253.8
1
1
1
322
4.7
GHS
BHS
1.5SMCJ180A
1.5SMCJ180CA
180
198
230.4
1
1
1
292
5.1
GHT
BHT
1.5SMCJ190
1.5SMCJ190C
190
209
267.9
1
1
1
340
4.4
GHU
BHU
1.5SMCJ190A
1.5SMCJ190CA
190
209
243.2
1
1
1
308
4.8
GHV
BHV
1.5SMCJ200
1.5SMCJ200C
200
220
282
1
1
1
358
4.1
GHW
BHW
1.5SMCJ200A
1.5SMCJ200CA
200
220
256
1
1
1
324
4.6
GHX
BHX
1.5SMCJ210
1.5SMCJ210C
210
231
296.1
1
1
1
376
4
GHY
BHY
1.5SMCJ210A
1.5SMCJ210CA
210
231
268.8
1
1
1
340
4.4
GHZ
BHZ
1.5SMCJ220
1.5SMCJ220C
220
242
310.2
1
1
1
394
3.8
GID
BID
1.5SMCJ220A
1.5SMCJ220CA
220
242
281.6
1
1
1
356
4.2
GIE
BIE


Similar Part No. - 15SMCJ54A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
15SMCJ PANJIT-15SMCJ Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
logo
Won-Top Electronics
15SMCJ WTE-15SMCJ Datasheet
64Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Diotec Semiconductor
15SMCJ65 DIOTEC-15SMCJ65 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
15SMCJ65 DIOTEC-15SMCJ65 Datasheet
170Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
15SMCJ65 DIOTEC-15SMCJ65 Datasheet
169Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
More results

Similar Description - 15SMCJ54A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5SMCJ-AU PANJIT-1.5SMCJ-AU Datasheet
244Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
3KP_SERIES PANJIT-3KP_SERIES_14 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
3.0SMCJ_SERIES PANJIT-3.0SMCJ_SERIES_14 Datasheet
240Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
5.0SMCJ_SERIES PANJIT-5.0SMCJ_SERIES_14 Datasheet
153Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
5.0SMCJ PANJIT-5.0SMCJ Datasheet
158Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
1.5KE PANJIT-1.5KE_08 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
3.0SMCJ PANJIT-3.0SMCJ_09 Datasheet
153Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
3KP PANJIT-3KP_09 Datasheet
86Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
1.5SMCJ PANJIT-1.5SMCJ_09 Datasheet
148Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
2.0SMCJ22A PANJIT-2.0SMCJ22A Datasheet
85Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com