Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15KP13A Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # 15KP13A
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

15KP13A Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  15KP13A Datasheet HTML 1Page - EIC discrete Semiconductors 15KP13A Datasheet HTML 2Page - EIC discrete Semiconductors 15KP13A Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
15KP SERIES
TRANSIENT VOLTAGE
SUPPRESSOR
VR : 12 - 240 Volts
PPK : 15,000 Watts
FEATURES :
* Excellent Clamping Capability
* Fast Response Time
* Low Zener Impedance
* Low Leakage Current
MECHANICAL DATA
* Case : Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Cathode polarity band
* Mounting position : Any
* Weight : 2.73 grams
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Unit
Peak Pulse Power Dissipation (10X1000
µs, see Fig.1 )
PPK
15,000
Watts
Steady State Power Dissipation
PD
7.0
Watts
Peak Forward Surge Current, 8.3ms Single Half Sine Wave
(Uni-directional devices only)
Operating and Storage Temperature Range
TJ, TSTG
- 55 to + 150
°C
This pulse is a standard test waveform used for protection devices.
Fig. 1
UPDATE : AUGUST 16, 2001
IFSM
200
Amps.
T1 x 1.25 = 10
µs
1000
µs
0.1 IPP
0.5 IPP
0.9 IPP
IPP
(Peak Value)
Time
0.053 (1.35)
0.050 (1.27)
0.250 (6.4)
0.235 (6.0)
AR - L
Dimensions in inches and ( millimeter )
1.00 (25.4)
MIN.
0.410 (10.4)
0.380 (9.7)


Similar Part No. - 15KP13A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
15KP13A NJSEMI-15KP13A Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
15KP13A ETC-15KP13A Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP13A NJSEMI-15KP13A Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP13A NJSEMI-15KP13A Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP13A NJSEMI-15KP13A Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 15KP13A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com