Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS84DW Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BSS84DW
Description  DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BSS84DW Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BSS84DW_14 Datasheet HTML 1Page - Pan Jit International Inc. BSS84DW_14 Datasheet HTML 2Page - Pan Jit International Inc. BSS84DW_14 Datasheet HTML 3Page - Pan Jit International Inc. BSS84DW_14 Datasheet HTML 4Page - Pan Jit International Inc. BSS84DW_14 Datasheet HTML 5Page - Pan Jit International Inc. BSS84DW_14 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BSS84DW
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
1
2
3
4
5
6
1
2
3
4
5
6
FEATURES
APPLICATIONS
MAXIMUM RATINGS
Rating
Symbol
Value
Units
This device contains two electrically-isolated P-channel, enhancement-mode
MOSFETs, housed in a very small SOT-363 (SC70-6L) package. This device
is ideal for portable applications where board space is at a premium.
Switching Power Supplies
Hand-Held Computers, PDAs
Drain-Source Voltage
Drain-Gate Voltage (Note 1)
Gate-Source Voltage
Drain Current
Total Power Dissipation (Note 2)
Operating Junction Temperature Range
Storage Temperature Range
8/12/2005
Page 1
www.panjit.com
- 50
V
V
- 50
V
± 20
mA
130
200
mW
°C
-55 to +150
°C
-55 to +150
V
V
V
I
P
T
T
DSS
DGR
GSS
D
D
stg
T = 25°C Unless otherwise noted
J
J
Note 2. FR-
4 board 70 x 60 x 1mm with minimum recommended pad layout
SOT- 363
THERMAL CHARACTERISTICS
Characteristic
Symbol
Units
thja
Thermal Resistance, Junction to Ambient (Note 2)
625
Value
R
°C/W
12
3
65
4
Note 1. R
< 20K ohms
GS
MARKING CODE: S84
Low On-Resistance
Lead free in comply with EU RoHS 2002/95/EC directives.
Low Gate Threshold Voltage
Fast Switching
Green molding compound as per IEC61249 Std. . (Halogen Free)


Similar Part No. - BSS84DW_14

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS84DW DIODES-BSS84DW_1 Datasheet
447Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
BSS84DW DIODES-BSS84DW_15 Datasheet
207Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - BSS84DW_14

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
   Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP2035UTS DIODES-DMP2035UTS_15 Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2004DMK DIODES-DMP2004DMK_16 Datasheet
480Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
   Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
   P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com