Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP-UM001GD10EG-MS Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AP-UM001GD10EG-MS
Description  USB-Disk Module?
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-UM001GD10EG-MS Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AP-UM001GD10EG-MS Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-UM001GD10EG-MS Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-UM001GD10EG-MS Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-UM001GD10EG-MS Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-UM001GD10EG-MS Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-UM001GD10EG-MS Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-UM001GD10EG-MS Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-UM001GD10EG-MS Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-UM001GD10EG-MS Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
USB-Disk ModuleⅡ
AP-UMxxxxXXXXG-XXXX
8
© 2009 Apacer Technology, Inc.
Rev.
1.5
3.3 Type D﹙
﹙LP﹚
Table 3-3: Pin Assignment of the 10-pin configuration in Type D (LP)
Pin
Signal
Pin
Signal
1
+5V
2
N.C
3
USB D-
4
N.C
5
USB D+
6
N.C
7
GND
8
N.C
9
Key (Blocked)
10
N.C


Similar Part No. - AP-UM001GD10EG-MS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-UM001GN10CS ETC2-AP-UM001GN10CS Datasheet
444Kb / 22P
   USB-Disk Module?좵lus
AP-UM001GN10CS-MH ETC2-AP-UM001GN10CS-MH Datasheet
444Kb / 22P
   USB-Disk Module?좵lus
AP-UM001GN10CS-MS ETC2-AP-UM001GN10CS-MS Datasheet
444Kb / 22P
   USB-Disk Module?좵lus
AP-UM001GN20CS ETC2-AP-UM001GN20CS Datasheet
444Kb / 22P
   USB-Disk Module?좵lus
AP-UM001GN31CG-MS ETC2-AP-UM001GN31CG-MS Datasheet
444Kb / 22P
   USB-Disk Module?좵lus
More results

Similar Description - AP-UM001GD10EG-MS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-UM256MN10CS ETC2-AP-UM256MN10CS Datasheet
444Kb / 22P
   USB-Disk Module?좵lus
logo
Apacer Technology Inc.
UDMII-PLUS-LP-180D APACER-UDMII-PLUS-LP-180D Datasheet
1Mb / 4P
   USB-Disk Module (UDM) II Plus
UDMII-PLUS APACER-UDMII-PLUS Datasheet
1Mb / 4P
   USB-Disk Module (UDM) II Plus
logo
Taiwan Memory Technolog...
I5062-ZD TMT-I5062-ZD Datasheet
134Kb / 8P
   USB Flash Disk Controller
logo
List of Unclassifed Man...
I5062-ZD ETC1-I5062-ZD Datasheet
129Kb / 8P
   USB Flash Disk Controller
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
logo
List of Unclassifed Man...
AU9384 ETC-AU9384 Datasheet
461Kb / 24P
   USB Flash Disk Controller
logo
Taiwan Memory Technolog...
I5068-Z TMT-I5068-Z Datasheet
132Kb / 8P
   USB Flash Disk Controller
logo
SMSC Corporation
97CFDC SMSC-97CFDC Datasheet
143Kb / 20P
   USB FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
I5068-Z ETC2-I5068-Z Datasheet
124Kb / 7P
   USB Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com