Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP-SDM001GBPANS-BC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AP-SDM001GBPANS-BC
Description  SATA-Disk Module?
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-SDM001GBPANS-BC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AP-SDM001GBPANS-BC Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-SDM001GBPANS-BC Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-SDM001GBPANS-BC Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-SDM001GBPANS-BC Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-SDM001GBPANS-BC Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-SDM001GBPANS-BC Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-SDM001GBPANS-BC Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-SDM001GBPANS-BC Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-SDM001GBPANS-BC Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
SATA-Disk Module
AP-SDMxxxxXPANS-B
8
© 2009 Apacer Technology Inc.
Rev. 1.0
2.1.1 Check-Power-Mode (98h or E5h)
Register
7
6
5
4
3
2
1
0
Features
X
Sector Count
X
Sector Number (LBA Low)
X
Cylinder Low (LBA Mid)
X
Cylinder High (LBA High)
X
Device
X
Drive
X
Command
98h or E5h
The Check-Power-Mode command verifies the device’s current power mode. When the device is configured
for Standby mode, or is entering or exiting Standby, the BSY bit will be set and the Sector Count register is set
to 00h, and the BSY bit is then cleared. In Idle mode, BSY is set and the Sector Count register is set to FFh,
and then the BSY bit is cleared and an interrupt is issued.
2.1.2 Execute-Drive-Diagnostic (90h)
Register
7
6
5
4
3
2
1
0
Features
X
Sector Count
X
Sector Number (LBA Low)
X
Cylinder Low (LBA Mid)
X
Cylinder High (LBA High)
X
Device
X
Drive
X
Command
90h
The Executive-Drive-Diagnostic command performs an internal read/write diagnostic test using AA55h and
55AAh. If an error is detected in the read/write buffer, the Error register will report the appropriate diagnostic
code. The diagnostic codes are shown in Table 2-2.
Table 2-2 Diagnostic codes reported upon internal read/write testing
Code
Error Type
01h
No Error Detected
02h
Formatter Device Error
03h
Sector Buffer Error
04h
ECC Circuitry Error
05h
Controlling Microprocessor Error
8Xh
Slave Error


Similar Part No. - AP-SDM001GBPANS-BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-SDM001GBPANS-HT ETC2-AP-SDM001GBPANS-HT Datasheet
262Kb / 21P
   SATA-Disk Module?
AP-SDM001GBPANS-HTC ETC2-AP-SDM001GBPANS-HTC Datasheet
262Kb / 21P
   SATA-Disk Module?
More results

Similar Description - AP-SDM001GBPANS-BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-SDM512MDPANS-HT ETC2-AP-SDM512MDPANS-HT Datasheet
204Kb / 20P
   SATA-Disk Module?
AP-SDM512MAPANS-HT ETC2-AP-SDM512MAPANS-HT Datasheet
262Kb / 21P
   SATA-Disk Module?
AP-SDM001G1PANS-HT ETC2-AP-SDM001G1PANS-HT Datasheet
270Kb / 35P
   SATA-Disk Module?
AP-SDM004G1PANS-EM ETC2-AP-SDM004G1PANS-EM Datasheet
1Mb / 18P
   SATA-Disk Module?
AP-SDM004GMPANS-HTC ETC2-AP-SDM004GMPANS-HTC Datasheet
155Kb / 18P
   SATA Disk Module
logo
Apacer Technology Inc.
SDM5A-22P180D APACER-SDM5A-22P180D Datasheet
1Mb / 4P
   SATA DOM (SATA disk of module)
logo
List of Unclassifed Man...
APSDM002G55AN-AT ETC2-APSDM002G55AN-AT Datasheet
226Kb / 21P
   SATA-Disk Module 4
logo
Apacer Technology Inc.
SDM5A-7P180D-SLIM2 APACER-SDM5A-7P180D-SLIM2 Datasheet
1Mb / 4P
   SATA Disk Module 5A
logo
List of Unclassifed Man...
APSDM001GA5AN-AT ETC2-APSDM001GA5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM001GD5AN-AT ETC2-APSDM001GD5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com