Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APSDM008GE5AN-ACWC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # APSDM008GE5AN-ACWC
Description  SATA-Disk Module 4
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM008GE5AN-ACWC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  APSDM008GE5AN-ACWC Datasheet HTML 1Page - List of Unclassifed Manufacturers APSDM008GE5AN-ACWC Datasheet HTML 2Page - List of Unclassifed Manufacturers APSDM008GE5AN-ACWC Datasheet HTML 3Page - List of Unclassifed Manufacturers APSDM008GE5AN-ACWC Datasheet HTML 4Page - List of Unclassifed Manufacturers APSDM008GE5AN-ACWC Datasheet HTML 5Page - List of Unclassifed Manufacturers APSDM008GE5AN-ACWC Datasheet HTML 6Page - List of Unclassifed Manufacturers APSDM008GE5AN-ACWC Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM008GE5AN-ACWC Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM008GE5AN-ACWC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SATA-Disk Module 4
APSDMxxxxX5AN-AXXX
3
© 2012 Apacer Technology Inc.
Rev. 1.1
1. General Description
Apacer’s SATA-Disk Module 4 (SDM4) is a high-performance, embedded SSD designed to replace the
conventional SATA hard disk drive. SDM SSD can be plugged into a standard Serial ATA 7-pin connector
commonly found in desktops, IT-STB, industrial PC and thin client systems. Moreover, Apacer provides
an innovative way for design-in customers to strengthen the vibration-resistance between SDM4 and
mainboard.
Apacer’s SDM4 has a built-in microcontroller with file management firmware that communicates with
SATA standard interface. This means SDM4 does not require additional or proprietary host software such
as Flash File System (FFS) and Memory Technology Driver (MTD). This product is well suited for
embedded flash storage applications offering new and expanded functionalities as well as more cost-
effective designs, better performance and increased reliability.
SDM4 Series is designed to work at 5 Volts and uses a standard SATA driver that complies with major
operating systems such as Microsoft’s Windows series.
Featuring technologies as Apacer-specific Wear-leveling algorithms, S.M.A.R.T, Enhanced Data Integrity,
Intelligent Power Failure Management, ATA Secure Erase, and TRIM, Apacer assures users of a versatile
device on data storage.
1.1 Performance-Optimized Controller
The heart of SDM4 is the Flash controller, which translates standard SATA signals into the data and
controls of the flash media. The SATA and Flash Management controller are specifically designed to
attain high data throughput from the host to the flash.
1.1.1 Power Management Unit (PMU)
The power management unit (PMU) controls the power consumption of SDM4. It can dramatically extend
product battery life by leaving the idle part of the circuitry into sleep mode. The PMU has zero wake-up
latency.
1.1.2 SRAM Buffer
The Flash Controller performs as a SRAM buffer to optimize the host’s data transfer to and from the flash
media.


Similar Part No. - APSDM008GE5AN-ACWC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM008GE5AN-ACM ETC2-APSDM008GE5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM008GE5AN-ACMC ETC2-APSDM008GE5AN-ACMC Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM008GE5AN-ACMW ETC2-APSDM008GE5AN-ACMW Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM008GE5AN-ACMWC ETC2-APSDM008GE5AN-ACMWC Datasheet
3Mb / 23P
   SATA-Disk Module 4
More results

Similar Description - APSDM008GE5AN-ACWC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM002G55AN-AT ETC2-APSDM002G55AN-AT Datasheet
226Kb / 21P
   SATA-Disk Module 4
APSDM001GA5AN-AT ETC2-APSDM001GA5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM004GD5AN-ACM ETC2-APSDM004GD5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002G55AN-PT ETC2-APSDM002G55AN-PT Datasheet
344Kb / 19P
   SATA-Disk Module 4
APSDM002G15AN-PT ETC2-APSDM002G15AN-PT Datasheet
376Kb / 20P
   SATA-Disk Module 4
APSDM002GG5AN-PTW ETC2-APSDM002GG5AN-PTW Datasheet
318Kb / 19P
   SATA-Disk Module 4
APSDM002G15AN-AT ETC2-APSDM002G15AN-AT Datasheet
256Kb / 21P
   SATA-Disk Module 4
APSDM002G45AN-PT ETC2-APSDM002G45AN-PT Datasheet
334Kb / 18P
   SATA-Disk Module 4
APSDM004GA5AN-ACM ETC2-APSDM004GA5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002GF5AN-AT ETC2-APSDM002GF5AN-AT Datasheet
225Kb / 21P
   SATA-Disk Module 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com