Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APSDM032GA5AN-ACMC Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # APSDM032GA5AN-ACMC
Description  SATA-Disk Module 4
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM032GA5AN-ACMC Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button APSDM032GA5AN-ACMC Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM032GA5AN-ACMC Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM032GA5AN-ACMC Datasheet HTML 9Page - List of Unclassifed Manufacturers APSDM032GA5AN-ACMC Datasheet HTML 10Page - List of Unclassifed Manufacturers APSDM032GA5AN-ACMC Datasheet HTML 11Page - List of Unclassifed Manufacturers APSDM032GA5AN-ACMC Datasheet HTML 12Page - List of Unclassifed Manufacturers APSDM032GA5AN-ACMC Datasheet HTML 13Page - List of Unclassifed Manufacturers APSDM032GA5AN-ACMC Datasheet HTML 14Page - List of Unclassifed Manufacturers APSDM032GA5AN-ACMC Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
SATA-Disk Module 4
APSDMxxxxX5AN-ACMXX
10
© 2012 Apacer Technology Inc.
Rev. 1.2
5.6 S.M.A.R.T.
S.M.A.R.T. is an acronym for Self-Monitoring, Analysis and Reporting Technology, an open standard
allowing disk drives to automatically monitor their own health and report potential problems. It protects the
user from unscheduled downtime by monitoring and storing critical drive performance and calibration
parameters. Ideally, this should allow taking proactive actions to prevent impending drive failure.
Apacer devices use the standard SMART command B0h to read data out from the drive to activate our
SMART feature that complies with the ATA/ATAPI-7 specifications. Based on the SFF-8035i Rev. 2.0
specifications, Apacer SMART defines vendor-specified SMART Attribute IDs (A0 ~ A5, and 0C). They
represent Initial bad block count, Bad block count, Spare block count, Maximum erase count, Average
erase count and Power cycle. When the Apacer SMART Utility running on the host, it analyzes and
reports the disk status to the host before the device reaches in critical condition.
5.7 TRIM
Made of millions of NAND flash cells, SSD can be written into groups called pages in 4K size generally,
but can only be erased in larger groups called blocks of 128 pages or 512KB. These stipulations are
partially the source of many performance issues. Until an address gets used again, the SSD has to keep
track of every last bit of data that’s written on it. The ATA-TRIM instruction tilts the balance in favor of the
SSD. TRIM addresses a major part of the performance degradation issue over time that plagues all SSDs.
A TRIM enabled drive running an OS with TRIM support will stay closer to its peak performance over time.


Similar Part No. - APSDM032GA5AN-ACMC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM032G15AD-AC ETC2-APSDM032G15AD-AC Datasheet
256Kb / 21P
   SATA-Disk Module 4
APSDM032G15AD-ACW ETC2-APSDM032G15AD-ACW Datasheet
256Kb / 21P
   SATA-Disk Module 4
APSDM032G15AD-PC ETC2-APSDM032G15AD-PC Datasheet
376Kb / 20P
   SATA-Disk Module 4
APSDM032G15AD-PCW ETC2-APSDM032G15AD-PCW Datasheet
376Kb / 20P
   SATA-Disk Module 4
APSDM032G15AN-AC ETC2-APSDM032G15AN-AC Datasheet
256Kb / 21P
   SATA-Disk Module 4
More results

Similar Description - APSDM032GA5AN-ACMC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM002G55AN-AT ETC2-APSDM002G55AN-AT Datasheet
226Kb / 21P
   SATA-Disk Module 4
APSDM001GA5AN-AT ETC2-APSDM001GA5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM001GD5AN-AT ETC2-APSDM001GD5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM004GD5AN-ACM ETC2-APSDM004GD5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002G55AN-PT ETC2-APSDM002G55AN-PT Datasheet
344Kb / 19P
   SATA-Disk Module 4
APSDM002G15AN-PT ETC2-APSDM002G15AN-PT Datasheet
376Kb / 20P
   SATA-Disk Module 4
APSDM002GG5AN-PTW ETC2-APSDM002GG5AN-PTW Datasheet
318Kb / 19P
   SATA-Disk Module 4
APSDM002G15AN-AT ETC2-APSDM002G15AN-AT Datasheet
256Kb / 21P
   SATA-Disk Module 4
APSDM002G45AN-PT ETC2-APSDM002G45AN-PT Datasheet
334Kb / 18P
   SATA-Disk Module 4
APSDM002GF5AN-AT ETC2-APSDM002GF5AN-AT Datasheet
225Kb / 21P
   SATA-Disk Module 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com