Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP-SDM001GBPANS-HT Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AP-SDM001GBPANS-HT
Description  SATA-Disk Module?
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-SDM001GBPANS-HT Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AP-SDM001GBPANS-HT Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-SDM001GBPANS-HT Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-SDM001GBPANS-HT Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-SDM001GBPANS-HT Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-SDM001GBPANS-HT Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-SDM001GBPANS-HT Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-SDM001GBPANS-HT Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-SDM001GBPANS-HT Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-SDM001GBPANS-HT Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SATA-Disk Module
AP-SDMxxxxXPANS-HTX
5
© 2011 Apacer Technology Inc.
Rev. 1.2
1.6
Pin Assignments
Table 1-3: Signal segment
Name
Type
Description
S1
GND
S2
RxP
+ Differential Receive Signal
S3
RxN
- Differential Receive Signal
S4
GND
S5
TxN
- Differential Transmit Signal
S6
TxP
+ Differential Transmit Signal
S7
GND
Table 1-4: Power segment
Pin
Signal/Description
P1
VCC (5V)
P2
GND
7P/180D w/o Housing
7P/180D w/ Housing
Signal Pin 1
Signal Pin 1
Power Pin 1
(Power Cable Type)
Power Pin 1
(Power Cable Type)
Power Pin 1
(Power Cable-less Type)
Power Pin 1
(Power Cable-less Type)


Similar Part No. - AP-SDM001GBPANS-HT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-SDM001GBPANS-B ETC2-AP-SDM001GBPANS-B Datasheet
355Kb / 44P
   SATA-Disk Module?
AP-SDM001GBPANS-BC ETC2-AP-SDM001GBPANS-BC Datasheet
355Kb / 44P
   SATA-Disk Module?
More results

Similar Description - AP-SDM001GBPANS-HT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-SDM512MAPANS-B ETC2-AP-SDM512MAPANS-B Datasheet
355Kb / 44P
   SATA-Disk Module?
AP-SDM512MDPANS-HT ETC2-AP-SDM512MDPANS-HT Datasheet
204Kb / 20P
   SATA-Disk Module?
AP-SDM001G1PANS-HT ETC2-AP-SDM001G1PANS-HT Datasheet
270Kb / 35P
   SATA-Disk Module?
AP-SDM004G1PANS-EM ETC2-AP-SDM004G1PANS-EM Datasheet
1Mb / 18P
   SATA-Disk Module?
AP-SDM004GMPANS-HTC ETC2-AP-SDM004GMPANS-HTC Datasheet
155Kb / 18P
   SATA Disk Module
logo
Apacer Technology Inc.
SDM5A-22P180D APACER-SDM5A-22P180D Datasheet
1Mb / 4P
   SATA DOM (SATA disk of module)
logo
List of Unclassifed Man...
APSDM002G55AN-AT ETC2-APSDM002G55AN-AT Datasheet
226Kb / 21P
   SATA-Disk Module 4
logo
Apacer Technology Inc.
SDM5A-7P180D-SLIM2 APACER-SDM5A-7P180D-SLIM2 Datasheet
1Mb / 4P
   SATA Disk Module 5A
logo
List of Unclassifed Man...
APSDM001GA5AN-AT ETC2-APSDM001GA5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM001GD5AN-AT ETC2-APSDM001GD5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com