Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APSDM128GM5AN-PCMW Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # APSDM128GM5AN-PCMW
Description  Serial ATA Flash Drive
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM128GM5AN-PCMW Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  APSDM128GM5AN-PCMW Datasheet HTML 1Page - List of Unclassifed Manufacturers APSDM128GM5AN-PCMW Datasheet HTML 2Page - List of Unclassifed Manufacturers APSDM128GM5AN-PCMW Datasheet HTML 3Page - List of Unclassifed Manufacturers APSDM128GM5AN-PCMW Datasheet HTML 4Page - List of Unclassifed Manufacturers APSDM128GM5AN-PCMW Datasheet HTML 5Page - List of Unclassifed Manufacturers APSDM128GM5AN-PCMW Datasheet HTML 6Page - List of Unclassifed Manufacturers APSDM128GM5AN-PCMW Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM128GM5AN-PCMW Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM128GM5AN-PCMW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Serial ATA Flash Drive
APSDMxxxxM5XN-PCMX
1
© 2013 Apacer Technology Inc.
Rev. 1.8
Features:
Standard Serial ATA 2.6 (Gen. 2)
Serial ATA 2.6 (Gen. 2)
SATA
Ⅱ, 3.0 Gbps
ATA-compatible command set
ATA modes support
Capacities
8, 16, 32, 64, 128 GB
Performance*
Burst read/write: 300 MB/sec
Sustained read: up to 155 MB/sec
Sustained write: up to 80 MB/sec
Intelligent endurance design
Built-in hardware ECC, enabling up to
16/24 bit correction per 1K bytes
Static wear-leveling scheme together
with dynamical block allocation to
significantly increase the lifetime of a
flash device and optimize the disk
performance
Flash bad-block management
S.M.A.R.T.
Power Failure Management
ATA Secure Erase
TRIM
NAND Flash Type: MLC
MTBF > 1,000,000 hours
Temperature ranges
Operation:
Standard: 0°C to 70°C (32 ~ 158°F)
Extended: -40 ~ +85°C (-40°~ 185°F)**
Storage: -40°C to 100°C (-40°~ 212°F)
Supply voltage
3.3V
± 5%
Power consumption (typical)*
Active mode: 475 mA
Idle mode: 135 mA
Form factor
Mini PCIe (50.8 x 29.85 x 3.40, unit: mm)
JEDEC MO-300 compliant
Connector
52-pin mSATA connector
Shock & Vibration***
Shock: 1500 G
Vibration: 15 G
RoHS Recast compliant
Complies with 2011/65/EU
Endurance: 13.5 TBW (8GB), 27.01 TBW
(16GB), 54.03 TBW (32GB), 108.07 TBW (64GB),
216.15 TBW (128GB)
Write Protect (optional)
Enabled by onboard hardware switch
Write Protect enabled by pin configuration****
*Varies from capacities. The values addressed here are typical and may vary depending on settings and platforms.
**Applies only to 16, 32, 64 and 128GB capacities. Please see “Product Ordering Information” for details.
***Non-operating
****For details, please refer to “Pin Assignments” and “Write Protect Enabled by Pin” sections


Similar Part No. - APSDM128GM5AN-PCMW

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
APSDM0016G12AN-CT APACER-APSDM0016G12AN-CT Datasheet
1Mb / 4P
   SATA DOM (SATA disk of module) series
APSDM0016G12AN-CTW APACER-APSDM0016G12AN-CTW Datasheet
1Mb / 4P
   SATA DOM (SATA disk of module) series
APSDM001G12AN-CT APACER-APSDM001G12AN-CT Datasheet
1Mb / 4P
   SATA DOM (SATA disk of module) series
APSDM001G12AN-CTW APACER-APSDM001G12AN-CTW Datasheet
1Mb / 4P
   SATA DOM (SATA disk of module) series
logo
List of Unclassifed Man...
APSDM001GA5AN-AT ETC2-APSDM001GA5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
More results

Similar Description - APSDM128GM5AN-PCMW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
APS25P6B008G-5T ETC2-APS25P6B008G-5T Datasheet
387Kb / 19P
   Serial ATA Flash Drive
APS25P6B032G-CT ETC2-APS25P6B032G-CT Datasheet
293Kb / 21P
   Serial ATA Flash Drive
APS1845008G-ACM ETC2-APS1845008G-ACM_14 Datasheet
760Kb / 21P
   Serial ATA Flash Drive
AP-SAFD255AA008GS-T ETC2-AP-SAFD255AA008GS-T Datasheet
340Kb / 19P
   Serial ATA Flash Drive
PS18P6A008G-5TWL ETC2-PS18P6A008G-5TWL Datasheet
276Kb / 19P
   Serial ATA Flash Drive
APS18P6A008G-CT ETC2-APS18P6A008G-CT Datasheet
247Kb / 22P
   Serial ATA Flash Drive
APS18P6A016G-CCM ETC2-APS18P6A016G-CCM Datasheet
245Kb / 21P
   Serial ATA Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com