Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APSDM008G45AN-PT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # APSDM008G45AN-PT
Description  SATA-Disk Module 4
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM008G45AN-PT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  APSDM008G45AN-PT Datasheet HTML 1Page - List of Unclassifed Manufacturers APSDM008G45AN-PT Datasheet HTML 2Page - List of Unclassifed Manufacturers APSDM008G45AN-PT Datasheet HTML 3Page - List of Unclassifed Manufacturers APSDM008G45AN-PT Datasheet HTML 4Page - List of Unclassifed Manufacturers APSDM008G45AN-PT Datasheet HTML 5Page - List of Unclassifed Manufacturers APSDM008G45AN-PT Datasheet HTML 6Page - List of Unclassifed Manufacturers APSDM008G45AN-PT Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM008G45AN-PT Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM008G45AN-PT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SATA-Disk Module 4
APSDMxxxx45AX-PXX
1
© 2014 Apacer Technology Inc.
Rev. 1.4
Features:
Standard Serial ATA Compliance
Serial ATA Revision 2.6
SATA 3.0 Gbps
ATA-compatible command set
Capacities
2, 4, 8, 16, 32, 64 GB
Performance*
Burst read/write: 300 MB/sec
Sustained read: up to 165 MB/sec
Sustained write: up to 150 MB/sec
Intelligent endurance design
Built-in hardware ECC, enabling up to
16/24 bit correction per 1K bytes
Static wear-leveling scheme together
with dynamical block allocation to
significantly increase the lifespan of a
flash device and optimize the disk
performance
Flash bad-block management
S.M.A.R.T.
Power Failure Management
ATA Secure Erase
TRIM
NAND Flash Type: SLC
Temperature ranges
Operation: 0°C to 70°C (32 ~ 158°F)
Extended: -40 ~ +85°C (-40°~ 185°F)
Storage: -40°C to 100°C (-40°~ 212°F)
Supply voltage
5.0 V
± 5%
Power consumption (typical)*
Active mode: 333 mA@5.0 V
Idle mode: 95 mA@5.0 V
Connector type
7-pin SATA signal connector
15-pin SATA power connector
Form factor
SATA Disk Module
Dimension: 45.80x32.80x1.00**, unit: mm
Shock & Vibration***
Shock: 1500 G
Vibration: 15 G
RoHS compliant
*Varies from capacities. The values for performances and power consumptions presented are typical and may vary depending on flash configurations
or platform settings. The term idle refers to the standby state of the device.
**Excluding the thickness/height of chips and connector, only the thickness of the module is accounted.
***Non-operating


Similar Part No. - APSDM008G45AN-PT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM008G45AN-AT ETC2-APSDM008G45AN-AT Datasheet
258Kb / 21P
   SATA-Disk Module 4
APSDM008G45AN-ATW ETC2-APSDM008G45AN-ATW Datasheet
258Kb / 21P
   SATA-Disk Module 4
More results

Similar Description - APSDM008G45AN-PT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM002G55AN-AT ETC2-APSDM002G55AN-AT Datasheet
226Kb / 21P
   SATA-Disk Module 4
APSDM001GA5AN-AT ETC2-APSDM001GA5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM001GD5AN-AT ETC2-APSDM001GD5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM004GD5AN-ACM ETC2-APSDM004GD5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002G55AN-PT ETC2-APSDM002G55AN-PT Datasheet
344Kb / 19P
   SATA-Disk Module 4
APSDM002G15AN-PT ETC2-APSDM002G15AN-PT Datasheet
376Kb / 20P
   SATA-Disk Module 4
APSDM002GG5AN-PTW ETC2-APSDM002GG5AN-PTW Datasheet
318Kb / 19P
   SATA-Disk Module 4
APSDM002G15AN-AT ETC2-APSDM002G15AN-AT Datasheet
256Kb / 21P
   SATA-Disk Module 4
APSDM004GA5AN-ACM ETC2-APSDM004GA5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002GF5AN-AT ETC2-APSDM002GF5AN-AT Datasheet
225Kb / 21P
   SATA-Disk Module 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com