Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V48A15E500B Datasheet(PDF) 9 Page - Vicor Corporation

Part # V48A15E500B
Description  DC-DC Converter Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V48A15E500B Datasheet(HTML) 9 Page - Vicor Corporation

Back Button V48A15E500B Datasheet HTML 3Page - Vicor Corporation V48A15E500B Datasheet HTML 4Page - Vicor Corporation V48A15E500B Datasheet HTML 5Page - Vicor Corporation V48A15E500B Datasheet HTML 6Page - Vicor Corporation V48A15E500B Datasheet HTML 7Page - Vicor Corporation V48A15E500B Datasheet HTML 8Page - Vicor Corporation V48A15E500B Datasheet HTML 9Page - Vicor Corporation V48A15E500B Datasheet HTML 10Page - Vicor Corporation V48A15E500B Datasheet HTML 11Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
48 V Input Maxi Family
Rev 7.7
vicorpower.com
Page 9 of 11
2/2013
800 735.6200
48 V Input
Module 2
Module 1
Module N+1
+OUT
+S
SC
–S
–OUT
Load
+S
–S
+OUT
+S
SC
–S
–OUT
+OUT
+S
SC
–S
–OUT
Figure11—N+1modulearrayoutputconnections.
• The+Outand–Outpowerbusesshouldbedesignedto
minimizeandbalanceparasiticimpedancefromeach
moduleoutputtotheload.
• The+Sensepinsmustbetiedtogethertoforma
+Sensebus.ThismustbeKelvinconnectedto+Out
atasinglepoint.The–Sensepinsshouldbetied
togethertoforma–Sensebus.ThismustbeKelvin
connectedto–Outatasinglepoint.
• Atthediscretionofthepowersystemdesigner,
asubsetofallmoduleswithinanarraymaybe
configuredasslavesbyconnectingSCto–S.
• OR’ingdiodesmaybeinsertedinserieswiththe
+Outpinsofeachmoduletoprovidemodule
outputfaulttolerance.
• The+Senseand-Senseleadsshould beroutedinclose
proximitytoeachotherontheprintedcircuitboard.If
wiresareusedtoconnecttheconvertersonaPCBto
anexternalload,theSenseleadsshouldbetwisted
togethertoreducenoisepickup.
designator
description
Finish
Notes
(None)
Short
Tin/Lead
Requiresin-board,mounting
L
Long
Tin/Lead
On-boardmountingfor0.065"boards
S
ShortModuMate
Gold
SurfMateorin-boardsocketmounting
N
LongModuMate
Gold
On-boardsocketmounting
F
ShortRoHS
Gold
SelectforRoHScompliantin-boardsolder,socket,orSurfMatemounting
G
LongRoHS
Gold
SelectforRoHScomplianton-boardsolderorsocketmounting
* Pinstyledesignatorfollowsthe“B”aftertheoutputpowerandprecedesthebaseplatedesignator.
Ex.V48A12T500BN2—LongModuMatePins
PARALLEL BUS OUTPUT
PiN sTyles*


Similar Part No. - V48A15E500B

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48A15E500BF2 VICOR-V48A15E500BF2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V48A15E500BF3 VICOR-V48A15E500BF3 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V48A15E500BG2 VICOR-V48A15E500BG2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V48A15E500BG3 VICOR-V48A15E500BG3 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V48A15E500BL2 VICOR-V48A15E500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
More results

Similar Description - V48A15E500B

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2_16 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com