Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APSDM008GA5AN-PCC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # APSDM008GA5AN-PCC
Description  SATA-Disk Module 4 SDM4 7P/180D Low Profile Specifications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM008GA5AN-PCC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button APSDM008GA5AN-PCC Datasheet HTML 5Page - List of Unclassifed Manufacturers APSDM008GA5AN-PCC Datasheet HTML 6Page - List of Unclassifed Manufacturers APSDM008GA5AN-PCC Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM008GA5AN-PCC Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM008GA5AN-PCC Datasheet HTML 9Page - List of Unclassifed Manufacturers APSDM008GA5AN-PCC Datasheet HTML 10Page - List of Unclassifed Manufacturers APSDM008GA5AN-PCC Datasheet HTML 11Page - List of Unclassifed Manufacturers APSDM008GA5AN-PCC Datasheet HTML 12Page - List of Unclassifed Manufacturers APSDM008GA5AN-PCC Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
SATA-Disk Module 4
APSDMxxxxX5AN-PXXX
8
© 2013 Apacer Technology Inc.
Rev. 1.5
4.4 Endurance
Terabytes Written (TBW) is an endurance rating system that indicates the maximum number of terabytes
written by the host to the drive. NAND flash has a limit on how many P/E cycles it can withstand before its
data retention becomes unreliable. Thus, key factors, such as wear leveling, flash configurations, Write
Amplifications and the number of P/E cycles, can influence the endurance of the drive.
The TBW of the device are listed in the following table.
Notes:
The measurement assumes the data written to the SSD for test is under a typical and constant rate.
The measurement follows the standard metric: 1 TB (Terabyte) = 1000 GB.
4.5 Environmental Specifications
Environmental specification of SDM4 follows military standards, shown in the following table.
Table 4-3 SDM4 environmental specifications
Item
Specification
Operating temperature
0~70(
℃)
Extended temperature
-40 ~ +85(
℃)
Storage temperature
-40~100(
℃)
Vibration (non-operating)
10~2000(Hz), 15(G), sine wave, X, Y, Z axis
Vibration (operating)
20~2000(Hz), 7.69 (Grms), random wave, X, Y, Z axis
Shock (non-operating)
1500(G) half-sine wave, ±X, ±Y, ±Z axis
Shock (operating)
50(G), half sine wave, ±X, ±Y, ±Z axis
4.6 Mean Time Between Failures (MTBF)
Mean Time Between Failures (MTBF) is predicted based on reliability data for the individual components
in SDM4.The prediction result for SDM4 is more than 2,000,000 hours.
Notes about the MTBF:
The MTBF is predicated and calculated based on “Telcordia Technologies Special Report, SR-332, Issue
2” method.
Capacity
TBW (TB)
2 GB
96
4 GB
192
8 GB
384
16 GB
769


Similar Part No. - APSDM008GA5AN-PCC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM008GA5AN-AC ETC2-APSDM008GA5AN-AC Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM008GA5AN-ACC ETC2-APSDM008GA5AN-ACC Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM008GA5AN-ACM ETC2-APSDM008GA5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM008GA5AN-ACMC ETC2-APSDM008GA5AN-ACMC Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM008GA5AN-ACMW ETC2-APSDM008GA5AN-ACMW Datasheet
3Mb / 23P
   SATA-Disk Module 4
More results

Similar Description - APSDM008GA5AN-PCC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM002G55AN-AT ETC2-APSDM002G55AN-AT Datasheet
226Kb / 21P
   SATA-Disk Module 4
APSDM001GA5AN-AT ETC2-APSDM001GA5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM001GD5AN-AT ETC2-APSDM001GD5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM004GD5AN-ACM ETC2-APSDM004GD5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002G55AN-PT ETC2-APSDM002G55AN-PT Datasheet
344Kb / 19P
   SATA-Disk Module 4
APSDM002G15AN-PT ETC2-APSDM002G15AN-PT Datasheet
376Kb / 20P
   SATA-Disk Module 4
APSDM002GG5AN-PTW ETC2-APSDM002GG5AN-PTW Datasheet
318Kb / 19P
   SATA-Disk Module 4
APSDM002G15AN-AT ETC2-APSDM002G15AN-AT Datasheet
256Kb / 21P
   SATA-Disk Module 4
APSDM002G45AN-PT ETC2-APSDM002G45AN-PT Datasheet
334Kb / 18P
   SATA-Disk Module 4
APSDM004GA5AN-ACM ETC2-APSDM004GA5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com