Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APSDM004GA5AN-PTC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # APSDM004GA5AN-PTC
Description  SATA-Disk Module 4 SDM4 7P/180D Low Profile Specifications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM004GA5AN-PTC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  APSDM004GA5AN-PTC Datasheet HTML 1Page - List of Unclassifed Manufacturers APSDM004GA5AN-PTC Datasheet HTML 2Page - List of Unclassifed Manufacturers APSDM004GA5AN-PTC Datasheet HTML 3Page - List of Unclassifed Manufacturers APSDM004GA5AN-PTC Datasheet HTML 4Page - List of Unclassifed Manufacturers APSDM004GA5AN-PTC Datasheet HTML 5Page - List of Unclassifed Manufacturers APSDM004GA5AN-PTC Datasheet HTML 6Page - List of Unclassifed Manufacturers APSDM004GA5AN-PTC Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM004GA5AN-PTC Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM004GA5AN-PTC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SATA-Disk Module 4
APSDMxxxxX5AN-PXXX
1
© 2013 Apacer Technology Inc.
Rev. 1.5
Features:
Standard Serial ATA 2.6 (Gen. 2)
Serial ATA 2.6 (Gen. 2)
SATA II, 3.0 Gbps
ATA-compatible command set
Capacities
1, 2, 4, 8, 16 GB
Performance*
Burst read/write: 300 MB/sec
Sustained read: up to 43 MB/sec
Sustained write: up to 42 MB/sec
Intelligent endurance design
Built-in hardware ECC, enabling up to
16/24 bit correction per 1K bytes
Static wear-leveling scheme together
with dynamical block allocation to
significantly increase the lifetime of a
flash device and optimize the disk
performance
Flash bad-block management
S.M.A.R.T.
Power Failure Management
ATA Secure Erase
TRIM
NAND Flash Type: SLC
MTBF: >2,000,000 hours
Endurance (TBW: Terabytes Written)
2GB: 96 TBW
4GB: 192 TBW
8GB: 384 TBW
16GB: 769 TBW
Temperature ranges
Operation:
Standard: 0°C to 70°C
Extended: -40 ~ +85°C
Storage: -40°C to 100°C
Supply voltage
5.0 V
± 5%
Power consumption (typical)*
Active mode: 190 mA@5.0 V
Idle mode: 85 mA@5.0 V
Connector type
7-pin signal connector
Option : 2-pin additional power connector
Form factor
SATA Disk Module
Dimension (w/o housing):
30.00x20.00x1.00**, unit: mm
Dimension (w/ housing): 32.50
x23.30x8.53**, unit: mm
Shock & Vibration***
Shock: 1500 G
Vibration: 15 G
RoHS Recast compliant
*Varies from capacities. The values for performances and power consumptions presented are typical and may vary depending on
flash configurations or platform settings. The term idle refers to the standby state of the device.
** Without including the size of SATA connector
***Non-operating


Similar Part No. - APSDM004GA5AN-PTC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM004GA5AN-ACM ETC2-APSDM004GA5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM004GA5AN-ACMC ETC2-APSDM004GA5AN-ACMC Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM004GA5AN-ACMW ETC2-APSDM004GA5AN-ACMW Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM004GA5AN-ACMWC ETC2-APSDM004GA5AN-ACMWC Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM004GA5AN-AT ETC2-APSDM004GA5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
More results

Similar Description - APSDM004GA5AN-PTC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM002G55AN-AT ETC2-APSDM002G55AN-AT Datasheet
226Kb / 21P
   SATA-Disk Module 4
APSDM001GA5AN-AT ETC2-APSDM001GA5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM001GD5AN-AT ETC2-APSDM001GD5AN-AT Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM004GD5AN-ACM ETC2-APSDM004GD5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
APSDM002G55AN-PT ETC2-APSDM002G55AN-PT Datasheet
344Kb / 19P
   SATA-Disk Module 4
APSDM002G15AN-PT ETC2-APSDM002G15AN-PT Datasheet
376Kb / 20P
   SATA-Disk Module 4
APSDM002GG5AN-PTW ETC2-APSDM002GG5AN-PTW Datasheet
318Kb / 19P
   SATA-Disk Module 4
APSDM002G15AN-AT ETC2-APSDM002G15AN-AT Datasheet
256Kb / 21P
   SATA-Disk Module 4
APSDM002G45AN-PT ETC2-APSDM002G45AN-PT Datasheet
334Kb / 18P
   SATA-Disk Module 4
APSDM004GA5AN-ACM ETC2-APSDM004GA5AN-ACM Datasheet
3Mb / 23P
   SATA-Disk Module 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com