Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP-FM0512ED0S3S-KS1M Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AP-FM0512ED0S3S-KS1M
Description  Value Added ATA Disk Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-FM0512ED0S3S-KS1M Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AP-FM0512ED0S3S-KS1M Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-FM0512ED0S3S-KS1M Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-FM0512ED0S3S-KS1M Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-FM0512ED0S3S-KS1M Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-FM0512ED0S3S-KS1M Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-FM0512ED0S3S-KS1M Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-FM0512ED0S3S-KS1M Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-FM0512ED0S3S-KS1M Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-FM0512ED0S3S-KS1M Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Value Added ATA-Disk Module Ⅲ
AP-FMxxxxEDXXXS-XXXXXX
5
© 2011 Apacer Technology Inc.
Rev. 1.6
3. Pin Assignments
Table 3-1 lists the pin assignments with respective signal names for the 40-pin configuration. A “#” suffix
indicates the active low signal. The pin type can be input, output or input/output.
Table 3-1: Pin assignments for the 40-pin configuration
Pin No.
Signal Name
Pin Type
I/O Type
Pin No.
Signal Name
Pin Type
I/O Type
1
RESET#
I
I2U
2
GND
-
Ground
3
D7
I/O
I1Z, O2
4
D8
I/O
I1Z, O2
5
D6
I/O
I1Z, O2
6
D9
I/O
I1Z, O2
7
D5
I/O
I1Z, O2
8
D10
I/O
I1Z, O2
9
D4
I/O
I1Z, O2
10
D11
I/O
I1Z, O2
11
D3
I/O
I1Z, O2
12
D12
I/O
I1Z, O2
13
D2
I/O
I1Z, O2
14
D13
I/O
I1Z, O2
15
D1
I/O
I1Z, O2
16
D14
I/O
I1Z, O2
17
D0
I/O
I1Z, O2
18
D15
I/O
I1Z, O2
19
GND
-
Ground
20
NC
-
Power
21
DMARQ
O
O1
22
GND
Ground
23
IOWR#
STOP
I
I2Z
24
GND
-
Ground
25
IORD#
HDMARDY#
HSTROBE#
I
I2Z
26
GND
-
Ground
27
IORDY
DDMARDY#
DSTROBE
O
O1
28
CSEL
I
I1U
29
DMACK#
I
I2U-
30
NC/WP#*
-/I
-/I1U
31
INTRQ
O
O1
32
IOCS16#
O
O2
33
A1
I
I1Z
34
PDIAG#
I/O
I1U, O1
35
A0
I
I1Z
36
A2
I
I1Z
37
CS1FX#
I
I2Z
38
CS3FX#
I
I2Z
39
DASP#
I/O
I1U, O6
40
GND
-
Ground
*Pin 30 is selectable as NC or WP# through a zero ohm resistor jumper. Default is NC. Note that pin 30 is a GND pin on standard
ATA interface. This pin could be redesigned for host to control the write protect function on ADM


Similar Part No. - AP-FM0512ED0S3S-KS1M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FM0512ED0S3S-KS1M ETC2-AP-FM0512ED0S3S-KS1M Datasheet
283Kb / 22P
   Value Added ATA Disk Module
More results

Similar Description - AP-FM0512ED0S3S-KS1M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FM0128EB2S3S-KS ETC2-AP-FM0128EB2S3S-KS Datasheet
188Kb / 21P
   Value Added ATA Disk Module
AP-FM0128E20S3S-KS1M ETC2-AP-FM0128E20S3S-KS1M Datasheet
218Kb / 21P
   Value Added ATA Disk Module ?
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
   Value Added ATA Disk Module
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS_14 Datasheet
186Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128E30S3R-KS ETC2-AP-FM0128E30S3R-KS Datasheet
166Kb / 19P
   Value Added ATA Disk Module
AP-FM0128EA4S5S-KS ETC2-AP-FM0128EA4S5S-KS Datasheet
193Kb / 19P
   Value Added ATA Disk Module
AP-FM0128E40S3R-KS ETC2-AP-FM0128E40S3R-KS Datasheet
196Kb / 21P
   Value Added ATA Disk Module
AP-FM0128E15S5S-KS ETC2-AP-FM0128E15S5S-KS Datasheet
182Kb / 19P
   Halogen Free Value Added ATA Disk Module ?
AP-FD18A20B0001GR-KS ETC2-AP-FD18A20B0001GR-KS Datasheet
181Kb / 18P
   Value Added ATA Flash Drive ?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com