Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAH3693FC Datasheet(PDF) 11 Page - Dynex Semiconductor

Part # MAH3693FC
Description  1553B Bus Controller/Remote Terminal
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAH3693FC Datasheet(HTML) 11 Page - Dynex Semiconductor

Back Button MAH3693FC Datasheet HTML 7Page - Dynex Semiconductor MAH3693FC Datasheet HTML 8Page - Dynex Semiconductor MAH3693FC Datasheet HTML 9Page - Dynex Semiconductor MAH3693FC Datasheet HTML 10Page - Dynex Semiconductor MAH3693FC Datasheet HTML 11Page - Dynex Semiconductor MAH3693FC Datasheet HTML 12Page - Dynex Semiconductor MAH3693FC Datasheet HTML 13Page - Dynex Semiconductor MAH3693FC Datasheet HTML 14Page - Dynex Semiconductor MAH3693FC Datasheet HTML 15Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
MA3690/1/3
11/41
SUBSYSTEM INTERFACE
The terminal / subsystem interface consists of a 16 bit
bidirectional data highway and a number of control lines, many
of which are of optional use. The subsystem lines have been
arranged such as to allow a simple shared store technique to
be readily implemented but sufficient flexibility has been
designed to allow optimisation of the interface for a particular
subsystem design.
REMOTE TERMINAL MODE
On initialisation, the RT address, address parity and
broadcast enables are loaded from the subsystem via the data
highway, Figure 4. The subsystem status bits are also loaded
in a similar manner when required, Figure 5.
This terminal uses two distinct methods for dealing with
non mode data and mode data. In the first, a busy request /
acknowledge handshake is used to ensure no data transfer
takes place when the subsystem is busy thus ensuring no
addressing / data conflict of the main data store. Mode data,
however, may be transferred even if the subsystem has
declared itself busy. This represents a departure from previous
chipset philosophy.
The validation of a data transfer also depends on data type.
For non mode data, a data transfer request / acknowledge
handshake is used to transfer each data word to or from the
subsystem (both RT and BC) with a good block received
(GBRN) denoting a correct transfer. For mode data, a mode
data transfer (MDTN) is used to signal a mode data word with
correct transfer being denoted by mode data received
(MDRN). Thus, dependant on application, the l/O signals may
be significantly reduced.
An RT subsystem interface signal transfer is shown in
Figure 6.
BIT WORD
The terminal contains a 16 regisiter, called BIT word, which
records message errors and terminal status information. The
entire BIT word contents are reset by power up initialisation or
a legal mode command to reset remote terminal.
The
conditions for the setting of the BIT, and any additional reset
conditions are given for each signal.
The contents of the BIT word register shall not be altered
by any of the following legal mode commands.
Transmit
Status Word (TSW), Transmit Last Command (TLC) and
Transmit BIT Word (TBW).
Transmitter Timeout Error
This BIT shall be set to logic one if transmitter timeout
occurs while the terminal is tranmitting.
In addition, if the
terminal is issued with a legal mode command to Initiate Self
Test (code 00011) this bit shall be set if the range transmitter
timeout mechanism does not operate within the of 660
µs to
800
µs.
Subsystem Handshake Failure
This bit shall be set to logic one if the subsystem does not
acknowledge a terminal request to transfer a data word in time
for the transfer to take place correctly.
Loop Test Failure
At all times while the terminal is transmitting the relevant
receiver circuitry checks for an absence of transmission or any
sync, Manchester, parity or contiguity error in the terminals
transmission. This bit shall be set to logic one if any of these
error conditions are detected.
Illegal T/R Bit
This bit shall be reset to logic zero by the reception of any
valid command word with the exception TSW,TLC and TBW.
This bit shall be set to logic one if a valid mode command is
received with a transmit/receive (T/R) bit opposite to that
specified by MIL-STD-1553B.
Illegal Command
This bit shall be reset to logic zero by the reception of any
valid command word with exceptions TSW, TLC and TBW.
This bit shall be set to logic one if any of the following
conditions arise:
(a) The ILLEGAL COMMAND line to the subsystem
status latch is low at the time when INCMD goes
active low.
(b) A valid mode command is received with a reserved
mode code and the ALLOW CODE line to the
subsystem staus latch is high at the time when
INCMD goes low.
(c) An illegal transitter shutdown mode command is
received.
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
0
0
TX Timeout Bus 1
TX Timeout Bus 0
Terminal Flag Inhibited
0
Bus 1 Shutdown
Bus 0 Shutdown
Illegal Broadcast
Word Count High
Word Count Low
Illegal Command
Illegal T/R Bit
Loop Test Failure
SS Handshake Failure
TX Timeout Error


Similar Part No. - MAH3693FC

ManufacturerPart #DatasheetDescription
logo
Powerbox
MAH36 POWERBOX-MAH36 Datasheet
519Kb / 2P
   25 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
logo
CUI INC
MAH36 CUI-MAH36 Datasheet
106Kb / 3P
   absolute encoder
MAH36-1000-B1-07 CUI-MAH36-1000-B1-07 Datasheet
106Kb / 3P
   absolute encoder
MAH36-1000-B1-08 CUI-MAH36-1000-B1-08 Datasheet
106Kb / 3P
   absolute encoder
MAH36-1000-B1-10 CUI-MAH36-1000-B1-10 Datasheet
106Kb / 3P
   absolute encoder
More results

Similar Description - MAH3693FC

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT2565 AEROFLEX-CT2565 Datasheet
356Kb / 31P
   CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2561 AEROFLEX-CT2561 Datasheet
103Kb / 9P
   CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT1999 AEROFLEX-CT1999 Datasheet
259Kb / 25P
   CT1999 Remote Terminal and/or Bus Controller for MIL-STD-1553B
CT19901 AEROFLEX-CT19901 Datasheet
232Kb / 29P
   MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1995 AEROFLEX-CT1995 Datasheet
277Kb / 25P
   MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
   Core1553BBC MIL-STD-1553B Bus Controller
logo
List of Unclassifed Man...
UT1553B ETC1-UT1553B Datasheet
1Mb / 52P
   BCRT Bus Controller/Remote Terminal/Monitor
logo
Aeroflex Circuit Techno...
ACT3492 AEROFLEX-ACT3492 Datasheet
360Kb / 49P
   MIL-STD-1553B Remote Terminal, BUS Controller, or Passive Monitor Hybrid with Status Word Control Dual Low Power Monolithic BUS Tranceivers
CT2542 AEROFLEX-CT2542 Datasheet
313Kb / 17P
   CT 2542 Dual Redundant Remote Terminal FOR MIL-STD-1553B
logo
ATMEL Corporation
AT7913E ATMEL-AT7913E_14 Datasheet
1Mb / 26P
   SpaceWire Remote Terminal Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com