Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KDZ24B Datasheet(PDF) 6 Page - Rohm

Part # KDZ24B
Description  KDZ series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KDZ24B Datasheet(HTML) 6 Page - Rohm

  KDZ24B Datasheet HTML 1Page - Rohm KDZ24B Datasheet HTML 2Page - Rohm KDZ24B Datasheet HTML 3Page - Rohm KDZ24B Datasheet HTML 4Page - Rohm KDZ24B Datasheet HTML 5Page - Rohm KDZ24B Datasheet HTML 6Page - Rohm KDZ24B Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
KDZ22B
lElectrical characteristic curves
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Ta=25°C
VR=17V
n=30pcs
AVE : 0.103nA
150
160
170
180
190
200
210
220
230
240
250
Ta=25°C
f=1MHz
VR=0V
n=10pcs
AVE : 176.8pF
0.1
1
10
100
1000
0.1
1
10
0
5
10
15
20
25
30
No Break at 30kV
C=150pF
R=330W
IR DISPERSION MAP
Ct DISPERSION MAP
ZENER CURRENT : IZ(mA)
ZZ -IZ CHARACTERISTICS
ESD DISPERSION MAP
C=100pF
R=1.5kW
C=200pF
R=0W
6/6
2013.11 - Rev.G


Similar Part No. - KDZ24B

ManufacturerPart #DatasheetDescription
logo
Rohm
KDZ24B ROHM-KDZ24B Datasheet
135Kb / 5P
   Zener diode
KDZ24B ROHM-KDZ24B Datasheet
116Kb / 5P
   Zener diode
logo
Diodes Incorporated
KDZ24B DIODES-KDZ24B Datasheet
116Kb / 5P
   Zener diode
logo
Rohm
KDZ24B ROHM-KDZ24B Datasheet
116Kb / 5P
   Zener diode
KDZ24B ROHM-KDZ24B Datasheet
116Kb / 5P
   Zener diode
More results

Similar Description - KDZ24B

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AK2-XPX-KDX ALTECH-AK2-XPX-KDX Datasheet
287Kb / 1P
   30 mm Key Selector Switch Metal Operator AK2-xPy-KDz
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com