Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP-CF512ME3FR-ETNRK Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AP-CF512ME3FR-ETNRK
Description  Value Added Compact Flash Series ?
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF512ME3FR-ETNRK Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AP-CF512ME3FR-ETNRK Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF512ME3FR-ETNRK Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF512ME3FR-ETNRK Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF512ME3FR-ETNRK Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF512ME3FR-ETNRK Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF512ME3FR-ETNRK Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF512ME3FR-ETNRK Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-CF512ME3FR-ETNRK Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-CF512ME3FR-ETNRK Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Value Added
Compact Flash Ⅲ
Ⅲ series
AP-CFxxxxE3XR-XXXXXXK
8
© 2011 Apacer Technology Inc.
Rev. 1.0
4.2 Environmental Specifications
Environmental specification of the Compact Flash Card series (CFC) which follows the MIL-STD-810F
standards is available as shown in Table 4-4.
Table 4-4: Environmental specifications
Environment
Specification
Operation
0°C to 70 ℃ (Standard) ; -40°C to 85 ℃ (Extended Temperature)
Temperature
Storage
-40℃ to 100℃
Humidity
5% to 95% RH (Non-condensing)
Vibration (Non-Operation)
Sine wave: 10~2000Hz, 15G (X, Y, Z axes)
Shock (Non-Operation)
Half sine wave, Peak acceleration 50 G, 11 ms (X, Y, Z ; All 6 axes)


Similar Part No. - AP-CF512ME3FR-ETNRK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF512ME3FR-NDNRJ ETC2-AP-CF512ME3FR-NDNRJ Datasheet
185Kb / 21P
   Value Added Compact Flash Series ??Specification for Industrial CF
AP-CF512ME3FR-NDNRK ETC2-AP-CF512ME3FR-NDNRK Datasheet
795Kb / 45P
   Value Added Compact Flash Series ??Specification for Industrial CF
AP-CF512ME3FR-NRJ ETC2-AP-CF512ME3FR-NRJ Datasheet
185Kb / 21P
   Value Added Compact Flash Series ??Specification for Industrial CF
AP-CF512ME3FR-NRK ETC2-AP-CF512ME3FR-NRK Datasheet
795Kb / 45P
   Value Added Compact Flash Series ??Specification for Industrial CF
More results

Similar Description - AP-CF512ME3FR-ETNRK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF128ME3ER-NRK ETC2-AP-CF128ME3ER-NRK Datasheet
795Kb / 45P
   Value Added Compact Flash Series ??Specification for Industrial CF
AP-CF128ME3ER-NRJ ETC2-AP-CF128ME3ER-NRJ Datasheet
185Kb / 21P
   Value Added Compact Flash Series ??Specification for Industrial CF
AP-FD18A20B0001GR-KS ETC2-AP-FD18A20B0001GR-KS Datasheet
181Kb / 18P
   Value Added ATA Flash Drive ?
AP-FD25A20A00256R-KS ETC2-AP-FD25A20A00256R-KS Datasheet
182Kb / 19P
   Value Added ATA Flash Drive ?
AP-CF128MK7ES-NR ETC2-AP-CF128MK7ES-NR Datasheet
199Kb / 22P
   Value Added CompactFlash Series5
AP-FM0128EB2S3S-KS ETC2-AP-FM0128EB2S3S-KS Datasheet
188Kb / 21P
   Value Added ATA Disk Module
AP-FM0128E20S3S-KS1M ETC2-AP-FM0128E20S3S-KS1M Datasheet
218Kb / 21P
   Value Added ATA Disk Module ?
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128ED0S3S-KS1M ETC2-AP-FM0128ED0S3S-KS1M Datasheet
286Kb / 22P
   Value Added ATA Disk Module
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
   Value Added ATA Disk Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com