Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA44912W Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # TA44912W
Description  Asymmetric Thyristor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

TA44912W Datasheet(HTML) 1 Page - Dynex Semiconductor

  TA44912W Datasheet HTML 1Page - Dynex Semiconductor TA44912W Datasheet HTML 2Page - Dynex Semiconductor TA44912W Datasheet HTML 3Page - Dynex Semiconductor TA44912W Datasheet HTML 4Page - Dynex Semiconductor TA44912W Datasheet HTML 5Page - Dynex Semiconductor TA44912W Datasheet HTML 6Page - Dynex Semiconductor TA44912W Datasheet HTML 7Page - Dynex Semiconductor TA44912W Datasheet HTML 8Page - Dynex Semiconductor TA44912W Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TA449..W
1/12
APPLICATIONS
s UPS
s Induction Heating
s A.C. Motor Drives
s Switch Mode Power Supplies
s Choppers
FEATURES
s Low Loss Asymmetrical Diffusion Structure
s Fully Characterised For Operation up to 20kHz
s High dI/dt and dV/dt ratings
VOLTAGE RATINGS
KEY PARAMETERS
V
DRM
1400V
I
T(RMS)
400A
I
TSM
4000A
dVdt
1000V/
µs
dI/dt
1000A/
µs
t
q
10.0
µs
1400
1200
1000
TA449 14 W
TA449 12 W
TA449 10 W
Repetitive Peak
Reverse Voltage
V
RRM
V
10
10
10
Type Number
Repetitive Peak
Off-state Voltage
V
DRM
V
Outline type code: MU86.
See Package Details for further information.
CURRENT AND SURGE RATINGS
Symbol
Parameter
Conditions
Double Side Cooled
I
T(RMS)
RMS value
I
TSM
Surge (non-repetitive) on-state current
I2t
I2t for fusing
Units
Max.
Half sine wave, duty cycle 50%,
T
case = 80
oC, T
j = 125˚C.
400
A
T
j = 125
oC, t
p = 1ms, VR = 0
4000
A
t
p ≥ 10ms
80 x 103
A2s
I
T(AV)
Mean on-state current
255
A
Lower voltage grades available.
TA449..W
Asymmetric Thyristor
Advance Information
Replaces March 1998 version, DS4681-4.1
DS4681-5.0 January 2000


Similar Part No. - TA44912W

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
TA440 ALLEN-BRADLEY-TA440 Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
logo
Toshiba Semiconductor
TA4401CT TOSHIBA-TA4401CT Datasheet
230Kb / 11P
   1.9 ~ 2.5 GHz Band Power Amplifier
logo
Allen-Bradley
TA441 ALLEN-BRADLEY-TA441 Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
logo
Transko Electronics, In...
TA442AP TRANSKO-TA442AP Datasheet
312Kb / 4P
   Wireless, RF SAW Filter
Revision 0: September 2010
TA446AP TRANSKO-TA446AP Datasheet
320Kb / 3P
   Wireless, RF SAW Filter
Revision 0: March 2005
More results

Similar Description - TA44912W

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
TA329Q DYNEX-TA329Q Datasheet
102Kb / 10P
   Asymmetric Thyristor
ACR44U DYNEX-ACR44U Datasheet
67Kb / 7P
   Fast Turn-off Asymmetric Thyristor
logo
ABB
5SHY42L6500 ABB-5SHY42L6500 Datasheet
766Kb / 9P
   Asymmetric Integrated Gate- Commutated Thyristor
5SHY35L4512 ABB-5SHY35L4512 Datasheet
431Kb / 9P
   Asymmetric Integrated Gate- Commutated Thyristor
5SHY42L6530 ABB-5SHY42L6530 Datasheet
767Kb / 9P
   Asymmetric Integrated Gate- Commutated Thyristor
5SHY35L4511 ABB-5SHY35L4511 Datasheet
433Kb / 9P
   Asymmetric Integrated Gate- Commutated Thyristor
5SGA06D4502 ABB-5SGA06D4502 Datasheet
391Kb / 5P
   Asymmetric Gate turn-off Thyristor
5SGA40L4501 ABB-5SGA40L4501 Datasheet
245Kb / 9P
   Asymmetric Gate turn-off Thyristor
logo
Dynex Semiconductor
ACR300SG33 DYNEX-ACR300SG33 Datasheet
115Kb / 6P
   Fast Turn-on Asymmetric Thyristor
logo
ABB
5SGA15F2502 ABB-5SGA15F2502 Datasheet
314Kb / 9P
   Asymmetric Gate turn-off Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com