Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF219 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # TF219
Description  Fast Switching Thyristor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

TF219 Datasheet(HTML) 6 Page - Dynex Semiconductor

Back Button TF219 Datasheet HTML 2Page - Dynex Semiconductor TF219 Datasheet HTML 3Page - Dynex Semiconductor TF219 Datasheet HTML 4Page - Dynex Semiconductor TF219 Datasheet HTML 5Page - Dynex Semiconductor TF219 Datasheet HTML 6Page - Dynex Semiconductor TF219 Datasheet HTML 7Page - Dynex Semiconductor TF219 Datasheet HTML 8Page - Dynex Semiconductor TF219 Datasheet HTML 9Page - Dynex Semiconductor TF219 Datasheet HTML 10Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TF219..B
6/13
NOTES:
1. V
D
600V.
2. V
R
10V.
3. R.C Snubber, C = 0.22
µF, R = 4.7Ω
NOTES:
1. V
D
600V.
2. V
R
10V.
3. R.C Snubber, C = 0.22
µF, R = 4.7Ω


Similar Part No. - TF219

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
TF210S SECOS-TF210S Datasheet
206Kb / 2P
   Voltage 100V ~ 1000V 2.0 Amp Surface Mount Bridge Rectifiers
logo
Unisonic Technologies
TF212 UTC-TF212 Datasheet
130Kb / 3P
   CAPACITOR MICROPHONE APPLICATIONS
TF212 UTC-TF212 Datasheet
130Kb / 3P
   CAPACITOR MICROPHONE APPLICATIONS
TF2123 UTC-TF2123 Datasheet
201Kb / 4P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
TF2123G-A-AE3-R UTC-TF2123G-A-AE3-R Datasheet
201Kb / 4P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
More results

Similar Description - TF219

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
TF708 DYNEX-TF708 Datasheet
250Kb / 13P
   Fast Switching Thyristor
TF440 DYNEX-TF440 Datasheet
249Kb / 13P
   Fast Switching Thyristor
logo
Power Semiconductors
ATF1040 POSEICO-ATF1040 Datasheet
81Kb / 3P
   FAST SWITCHING THYRISTOR
ATF401 POSEICO-ATF401 Datasheet
81Kb / 3P
   FAST SWITCHING THYRISTOR
ATF416 POSEICO-ATF416 Datasheet
81Kb / 3P
   FAST SWITCHING THYRISTOR
ATF413 POSEICO-ATF413 Datasheet
68Kb / 2P
   FAST SWITCHING THYRISTOR
ATF515 POSEICO-ATF515 Datasheet
122Kb / 6P
   FAST SWITCHING THYRISTOR
logo
Dynex Semiconductor
TF915 DYNEX-TF915 Datasheet
236Kb / 13P
   Fast Switching Thyristor
logo
Power Semiconductors
ATF857 POSEICO-ATF857 Datasheet
87Kb / 3P
   FAST SWITCHING THYRISTOR
ATF615 POSEICO-ATF615 Datasheet
84Kb / 3P
   FAST SWITCHING THYRISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com