Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD_MDC-179 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MD_MDC-179
Description  Termination Insensitive Mixer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MD_MDC-179 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MD_MDC-179 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MD_MDC-179 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MD_MDC-179 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Termination Insensitive Mixer,
1 - 4000 MHz
Rev. V3
MD- / MDC-179
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is
considering for development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has
under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline
has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is
not guaranteed.
Conversion Loss vs. LO Power - RF
@ 2000 MHz –10 dBm, IF @ 60 MHz
3rd Order IM Ratio - Input +7 dBm
VSWR
IF Port Response
Ordering Information
Part Number
Package
MD-179 PIN
FP-2
MDC-179 SMA
C-7
Typical Performance Curves
4
5
6
7
8
9
10
02
46
8
10
12
14
LO P o we r ( dB m )
0.0
0.5
1.0
1.5
2.0
0
3
30
1000
3000
4500
IF F re que nc y ( M H z)
1
1.5
2
2.5
3
0
3
30
1000
3000
4500
F re que nc y ( M H z)
LO
RF
IF
40
45
50
55
60
0.3
3.0
30.0
1000.0
3000.0
4500.0
F re que nc y ( M H z)
IF Po rt T ermi nat ed
wi t h 3 . 0 :1 M ismat ch
IF Po r t M at ch


Similar Part No. - MD_MDC-179

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MD-MDC-179 MA-COM-MD-MDC-179_15 Datasheet
64Kb / 3P
   Termination Insensitive Mixer
More results

Similar Description - MD_MDC-179

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MDC-164 MA-COM-MDC-164 Datasheet
79Kb / 3P
   Termination-Insensitive Mixer, Termination-Insensitive Mixer,
MDS-158 MA-COM-MDS-158 Datasheet
106Kb / 3P
   Termination Insensitive Mixer
MD-MDC-MDS-169 MA-COM-MD-MDC-MDS-169_15 Datasheet
105Kb / 4P
   Termination Insensitive Mixer
MD_MDC_MDS-158 MA-COM-MD_MDC_MDS-158 Datasheet
106Kb / 3P
   Termination Insensitive Mixer
MD-161 MA-COM-MD-161 Datasheet
109Kb / 3P
   Termination Insensitive Mixer
CSM4T MA-COM-CSM4T Datasheet
100Kb / 3P
   Termination Insensitive Mixer
MD-179 MA-COM-MD-179 Datasheet
721Kb / 4P
   Termination Insensitive Mixer
CSM4T17 MA-COM-CSM4T17 Datasheet
86Kb / 3P
   Termination Insensitive Mixer
CSM4TH MA-COM-CSM4TH_15 Datasheet
525Kb / 4P
   Termination Insensitive Mixer
logo
List of Unclassifed Man...
CSM4T17 ETC1-CSM4T17 Datasheet
65Kb / 2P
   TERMINATION INSENSITIVE MIXER
logo
M/A-COM Technology Solu...
CSM4T17 MA-COM-CSM4T17_15 Datasheet
497Kb / 4P
   Termination Insensitive Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com