Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP04TT500-26-W3A Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # MP04TT500-26-W3A
Description  Dual Thyristor Water Cooled Module Advance Information
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP04TT500-26-W3A Datasheet(HTML) 1 Page - Dynex Semiconductor

  MP04TT500-26-W3A Datasheet HTML 1Page - Dynex Semiconductor MP04TT500-26-W3A Datasheet HTML 2Page - Dynex Semiconductor MP04TT500-26-W3A Datasheet HTML 3Page - Dynex Semiconductor MP04TT500-26-W3A Datasheet HTML 4Page - Dynex Semiconductor MP04TT500-26-W3A Datasheet HTML 5Page - Dynex Semiconductor MP04TT500-26-W3A Datasheet HTML 6Page - Dynex Semiconductor MP04TT500-26-W3A Datasheet HTML 7Page - Dynex Semiconductor MP04TT500-26-W3A Datasheet HTML 8Page - Dynex Semiconductor MP04TT500-26-W3A Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP04TT500
1/10
www.dynexsemi.com
FEATURES
s
Dual Device Module
s
Electrically Isolated Package
s
Pressure Contact Construction
s
International Standard Footprint
s
Alumina (Non Toxic) Isolation Medium
s
Integral Water Cooled Heatsink
APPLICATIONS
s
Motor Control
s
Controlled Rectifier Bridges
s
Heater Control
s
AC Phase Control
VOLTAGE RATINGS
ORDERING INFORMATION
Order As:
MP04TT500-XX-W2
1/4 - 18 NPT connection
MP04TT500-XX-W3
1/4 - 18 NPT connection
MP04TT500-XX-W3A
1/4 - 18 NPT water connection
thread
XX shown in the part number about represents V
DRM/100
selection required, eg. MP04TT500-27-W2
Note: When ordering, please use the complete part number.
KEY PARAMETERS
V
DRM
2800V
I
T(AV)(per arm)
480A
I
TSM(per arm)
11200A
I
T(RMS)(per arm)
753A
V
isol
3000V
MP04TT500
Dual Thyristor Water Cooled Module
Advance Information
DS5446-1.2 May 2001
Fig. 1 TT Circuit diagram
Fig. 2 Module package variants - (not to scale)
Module outline type code: MP04-W2
(See Package Details for further information)
2800
2700
2600
2500
MP04TT500-28
MP04TT500-27
MP04TT500-26
MP04TT500-25
Conditions
T
vj = 0˚ to 125˚C,
I
DRM = IRRM = 50mA
V
DSM = VRSM =
V
DRM = VRRM + 100V
respectively
Lower voltage grades available
Type Number
Repetitive Peak
Voltages
V
DRM VRRM
V
5 (G1)
6 (G2)
4 (K1)
7 (K2)
3 (A)
2 (A)
1 (AK)
Module outline type code:
MP04-W3
Module outline type code:
MP04-W3A


Similar Part No. - MP04TT500-26-W3A

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP04TT1400 DYNEX-MP04TT1400 Datasheet
188Kb / 10P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04TT1400-25-W2 DYNEX-MP04TT1400-25-W2 Datasheet
188Kb / 10P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04TT1400-25-W3 DYNEX-MP04TT1400-25-W3 Datasheet
188Kb / 10P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04TT1400-25-W3A DYNEX-MP04TT1400-25-W3A Datasheet
188Kb / 10P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04TT1400-26-W2 DYNEX-MP04TT1400-26-W2 Datasheet
188Kb / 10P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
More results

Similar Description - MP04TT500-26-W3A

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP02TT200 DYNEX-MP02TT200 Datasheet
127Kb / 9P
   Dual Thyristor Water Cooled Module Preliminary Information
MP03TT300 DYNEX-MP03TT300 Datasheet
148Kb / 10P
   Dual Thyristor Water Cooled Module Preliminary Information
MP04TT600 DYNEX-MP04TT600 Datasheet
264Kb / 10P
   Dual Thyristor Water Cooled Module Preliminary Information
MP03TT1250 DYNEX-MP03TT1250 Datasheet
141Kb / 9P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04TT1550 DYNEX-MP04TT1550 Datasheet
186Kb / 10P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP03TT580 DYNEX-MP03TT580 Datasheet
139Kb / 9P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP02TT800 DYNEX-MP02TT800 Datasheet
136Kb / 8P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04TT1400 DYNEX-MP04TT1400 Datasheet
188Kb / 10P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04DD810 DYNEX-MP04DD810 Datasheet
205Kb / 9P
   Dual Rectifier Diode Water Cooled Module Preliminary Information
GP400DDM12 DYNEX-GP400DDM12 Datasheet
129Kb / 9P
   Dual Switch IGBT Module Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com