Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP-CF004GK7ES-NDRM Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AP-CF004GK7ES-NDRM
Description  Value Added CompactFlash Series5
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF004GK7ES-NDRM Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AP-CF004GK7ES-NDRM Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-CF004GK7ES-NDRM Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF004GK7ES-NDRM Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF004GK7ES-NDRM Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF004GK7ES-NDRM Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF004GK7ES-NDRM Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF004GK7ES-NDRM Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF004GK7ES-NDRM Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-CF004GK7ES-NDRM Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Compact Flash 5 series
AP-CFxxxxK7XS-XXXXXX
4. Capacity Specification
Capacity specification of the Compact Flash Card series (CFC) is available as shown in Table 4-1. It lists
the specific capacity and the default numbers of heads, sectors and cylinders for each product line.
Table 4-1: Capacity specifications
Capacity
Total bytes
1
Cylinders
Heads
Sectors
Max LBA
128 MB
128,450,560
980
8
32
250,880
256 MB
256,901,120
980
16
32
501,760
512 MB
512,483,328
993
16
63
1,000,944
1GB
1,024,966,656
1,986
16
63
2,001,888
2GB
2,048,901,120
3,970
16
63
4,001,760
4GB
4,110,188,544
7,964
16
63
8,027,712
8GB
8,195,604,480
15,880
16
63
16,007,040
16GB
16,391,340,032
16,383
2
16
63
32,014,336
1. Display of total bytes varies from operating systems.
2. Cylinders, heads or sectors are not applicable for these capacities. Only LBA addressing applies
4.1 Performance Specification
Performances of the Standard and High Speed ATA-Flash Disk are listed in Table 4-2 and Table 4-3.
Table 4-2: Standard Performance specifications
Capacity
Performance
128 MB
256 MB
512 MB
1 GB
2 GB
4 GB
Sustained read
(MB/s)
21
21
25
25
25
29
Sustained write
(MB/s)
6
5
10
9
19
20
Table 4-3: High Speed Performance specifications
Capacity
Performance
256 MB
512 MB
1GB
2 GB
4 GB
8 GB
16 GB
Sustained
read (MB/s)
42
41
48
48
48
48
50
Sustained
write (MB/s)
11
11
19
19
30
30
30
Notes: performance may vary depending on flash configurations.
7
© 2011 Apacer Technology Inc.
Rev. 1.0


Similar Part No. - AP-CF004GK7ES-NDRM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF004GA5GS-ETNR ETC2-AP-CF004GA5GS-ETNR Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF004GA5GS-ETRM ETC2-AP-CF004GA5GS-ETRM Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF004GA5GS-NDNR ETC2-AP-CF004GA5GS-NDNR Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF004GA5GS-NDRM ETC2-AP-CF004GA5GS-NDRM Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF004GA5GS-NR ETC2-AP-CF004GA5GS-NR Datasheet
1Mb / 23P
   Compact Flash 4 Series
More results

Similar Description - AP-CF004GK7ES-NDRM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FM0128EB2S3S-KS ETC2-AP-FM0128EB2S3S-KS Datasheet
188Kb / 21P
   Value Added ATA Disk Module
AP-FM0128E20S3S-KS1M ETC2-AP-FM0128E20S3S-KS1M Datasheet
218Kb / 21P
   Value Added ATA Disk Module ?
AP-FD18A20B0001GR-KS ETC2-AP-FD18A20B0001GR-KS Datasheet
181Kb / 18P
   Value Added ATA Flash Drive ?
AP-CF256ME3FR-NRK ETC2-AP-CF256ME3FR-NRK Datasheet
793Kb / 44P
   Value Added Compact Flash Series ?
AP-FD25A20A00256R-KS ETC2-AP-FD25A20A00256R-KS Datasheet
182Kb / 19P
   Value Added ATA Flash Drive ?
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128ED0S3S-KS1M ETC2-AP-FM0128ED0S3S-KS1M Datasheet
286Kb / 22P
   Value Added ATA Disk Module
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
   Value Added ATA Disk Module
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS_14 Datasheet
186Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128E30S3R-KS ETC2-AP-FM0128E30S3R-KS Datasheet
166Kb / 19P
   Value Added ATA Disk Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com