Electronic Components Datasheet Search |
|
MAQ3691CC Datasheet(PDF) 11 Page - Dynex Semiconductor |
|
MAQ3691CC Datasheet(HTML) 11 Page - Dynex Semiconductor |
11 / 41 page MA3690/1/3 11/41 SUBSYSTEM INTERFACE The terminal / subsystem interface consists of a 16 bit bidirectional data highway and a number of control lines, many of which are of optional use. The subsystem lines have been arranged such as to allow a simple shared store technique to be readily implemented but sufficient flexibility has been designed to allow optimisation of the interface for a particular subsystem design. REMOTE TERMINAL MODE On initialisation, the RT address, address parity and broadcast enables are loaded from the subsystem via the data highway, Figure 4. The subsystem status bits are also loaded in a similar manner when required, Figure 5. This terminal uses two distinct methods for dealing with non mode data and mode data. In the first, a busy request / acknowledge handshake is used to ensure no data transfer takes place when the subsystem is busy thus ensuring no addressing / data conflict of the main data store. Mode data, however, may be transferred even if the subsystem has declared itself busy. This represents a departure from previous chipset philosophy. The validation of a data transfer also depends on data type. For non mode data, a data transfer request / acknowledge handshake is used to transfer each data word to or from the subsystem (both RT and BC) with a good block received (GBRN) denoting a correct transfer. For mode data, a mode data transfer (MDTN) is used to signal a mode data word with correct transfer being denoted by mode data received (MDRN). Thus, dependant on application, the l/O signals may be significantly reduced. An RT subsystem interface signal transfer is shown in Figure 6. BIT WORD The terminal contains a 16 regisiter, called BIT word, which records message errors and terminal status information. The entire BIT word contents are reset by power up initialisation or a legal mode command to reset remote terminal. The conditions for the setting of the BIT, and any additional reset conditions are given for each signal. The contents of the BIT word register shall not be altered by any of the following legal mode commands. Transmit Status Word (TSW), Transmit Last Command (TLC) and Transmit BIT Word (TBW). Transmitter Timeout Error This BIT shall be set to logic one if transmitter timeout occurs while the terminal is tranmitting. In addition, if the terminal is issued with a legal mode command to Initiate Self Test (code 00011) this bit shall be set if the range transmitter timeout mechanism does not operate within the of 660 µs to 800 µs. Subsystem Handshake Failure This bit shall be set to logic one if the subsystem does not acknowledge a terminal request to transfer a data word in time for the transfer to take place correctly. Loop Test Failure At all times while the terminal is transmitting the relevant receiver circuitry checks for an absence of transmission or any sync, Manchester, parity or contiguity error in the terminals transmission. This bit shall be set to logic one if any of these error conditions are detected. Illegal T/R Bit This bit shall be reset to logic zero by the reception of any valid command word with the exception TSW,TLC and TBW. This bit shall be set to logic one if a valid mode command is received with a transmit/receive (T/R) bit opposite to that specified by MIL-STD-1553B. Illegal Command This bit shall be reset to logic zero by the reception of any valid command word with exceptions TSW, TLC and TBW. This bit shall be set to logic one if any of the following conditions arise: (a) The ILLEGAL COMMAND line to the subsystem status latch is low at the time when INCMD goes active low. (b) A valid mode command is received with a reserved mode code and the ALLOW CODE line to the subsystem staus latch is high at the time when INCMD goes low. (c) An illegal transitter shutdown mode command is received. 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 0 TX Timeout Bus 1 TX Timeout Bus 0 Terminal Flag Inhibited 0 Bus 1 Shutdown Bus 0 Shutdown Illegal Broadcast Word Count High Word Count Low Illegal Command Illegal T/R Bit Loop Test Failure SS Handshake Failure TX Timeout Error |
Similar Part No. - MAQ3691CC |
|
Similar Description - MAQ3691CC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |