Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP-CF128MH4NR-ETNDNRQ Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AP-CF128MH4NR-ETNDNRQ
Description  ATA CF
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF128MH4NR-ETNDNRQ Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AP-CF128MH4NR-ETNDNRQ Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-CF128MH4NR-ETNDNRQ Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-CF128MH4NR-ETNDNRQ Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-CF128MH4NR-ETNDNRQ Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF128MH4NR-ETNDNRQ Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF128MH4NR-ETNDNRQ Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF128MH4NR-ETNDNRQ Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF128MH4NR-ETNDNRQ Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF128MH4NR-ETNDNRQ Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ATA CF
AP-CFxxxxH4NR-XXXXXXQ
5
© 2013 Apacer Technology Inc.
Rev. 1.6
4. Product Specifications
4.1 Capacity
Capacity specification of the ATA CF series is available as shown in Table 4-1. It lists the specific
capacity and the default numbers of heads, sectors and cylinders for each product line.
Table 4-1: Capacity specifications
Capacity
Total bytes
Cylinders
Heads
Sectors
Max LBA
128 MB
128,057,344
977
8
32
250,112
256 MB
256,901,120
980
16
32
501,760
512 MB
512,483,328
993
16
63
1,000,944
1GB
1,024,966,656
1986
16
63
2,001,888
2GB
2,048,385,024
3969
16
63
4,000,752
4GB
4,096,253,952
7937
16
63
8,000,496
8GB
8,001,552,384
15504
16
63
15,628,032
16GB
16,001,040,384
16383*
16
63
31,252,032
Notes:
Display of total bytes varies from operating systems.
Cylinders, heads or sectors are not applicable for these capacities. Only LBA addressing applies
Notes: 1 GB = 1,000,000,000 bytes; 1 sector = 512 bytes.
LBA count addressed in the table above indicates total user storage capacity and will remain the same throughout the lifespan of the
device. However, the total usable capacity of the SSD is most likely to be less than the total physical capacity because a small portion
of the capacity is reserved for device maintenance usages.
4.2 Performance
Performances of the CF cards are listed in Table 4-2
Table 4-2: Performance specifications
Capacity
Performance
128 MB
256 MB
512 MB
1 GB
2 GB
4 GB
8 GB
16 GB
Sustained
read (MB/s)
17
29
19
21
20
21
21
20
Sustained
write (MB/s)
4
8
7
12
11
11
13
15
Notes: performance may vary depending on flash configurations or host system settings.


Similar Part No. - AP-CF128MH4NR-ETNDNRQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF128ME3ER-ETNDNRK ETC2-AP-CF128ME3ER-ETNDNRK Datasheet
793Kb / 44P
   Value Added Compact Flash Series ?
AP-CF128ME3ER-ETNRK ETC2-AP-CF128ME3ER-ETNRK Datasheet
793Kb / 44P
   Value Added Compact Flash Series ?
AP-CF128ME3ER-NDNRJ ETC2-AP-CF128ME3ER-NDNRJ Datasheet
185Kb / 21P
   Value Added Compact Flash Series ??Specification for Industrial CF
AP-CF128ME3ER-NDNRK ETC2-AP-CF128ME3ER-NDNRK Datasheet
795Kb / 45P
   Value Added Compact Flash Series ??Specification for Industrial CF
AP-CF128ME3ER-NDNRK ETC2-AP-CF128ME3ER-NDNRK Datasheet
793Kb / 44P
   Value Added Compact Flash Series ?
More results

Similar Description - AP-CF128MH4NR-ETNDNRQ

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11011 SONIX-SN11011 Datasheet
225Kb / 18P
   USB to CF/ATA/ATAPI Interface Controller, Mass Storage Class Compliant?
SN11030 SONIX-SN11030 Datasheet
236Kb / 8P
   USB to CF/ATA/SM/Flash Interface Controller, Mass Storage Class Compliant
logo
Amphenol Corporation
101-00178-64 AMPHENOL-101-00178-64 Datasheet
143Kb / 1P
   CF Conn.-32
logo
Adam Technologies, Inc.
CF2A-50-SG-R ADAM-TECH-CF2A-50-SG-R Datasheet
128Kb / 1P
   CF TYPE SOCKET
CFE-50-LXX ADAM-TECH-CFE-50-LXX Datasheet
70Kb / 1P
   CF SOCKET EJECTOR
CFR-50-A-SG-2 ADAM-TECH-CFR-50-A-SG-2 Datasheet
146Kb / 1P
   CF TYPE SOCKET
logo
Transcend Information. ...
TS128MCF100I TRANSCEND-TS128MCF100I Datasheet
3Mb / 80P
   Industrial CF Card
logo
List of Unclassifed Man...
SIL3811 ETC2-SIL3811 Datasheet
302Kb / 1P
   Serial ATA to Parallel ATA Module
logo
Adam Technologies, Inc.
CFR-50-A-SG-E-X ADAM-TECH-CFR-50-A-SG-E-X Datasheet
114Kb / 1P
   CF SOCKET SLIM TYPE
logo
PHOENIX CONTACT
2701669 PHOENIX-2701669 Datasheet
52Kb / 1P
   Memory card - 32GB CF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com