Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP-CF004GE3NR-ETNDNRQ Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AP-CF004GE3NR-ETNDNRQ
Description  Compact Flash Series ??Industrial CF Specifications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF004GE3NR-ETNDNRQ Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AP-CF004GE3NR-ETNDNRQ Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-CF004GE3NR-ETNDNRQ Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-CF004GE3NR-ETNDNRQ Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF004GE3NR-ETNDNRQ Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF004GE3NR-ETNDNRQ Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF004GE3NR-ETNDNRQ Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF004GE3NR-ETNDNRQ Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF004GE3NR-ETNDNRQ Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF004GE3NR-ETNDNRQ Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Compact Flash Ⅲ
series
AP-CFxxxxE3NR-XXXXXXQ
© 2013 Apacer Technology Inc.
Rev. 1.1
6
4. Product Specifications
4.1 Capacity
Capacity specification of the Compact Flash Card series (CFC) is available as shown in Table 4-1. It lists
the specific capacity and the default numbers of heads, sectors and cylinders for each product line.
Table 4-1: Capacity specifications
Capacity
Total bytes
1,2
Cylinders
Heads
Sectors
Max LBA
128 MB
128,450,560
980
8
32
250,880
256 MB
256,901,120
980
16
32
501,760
512 MB
512,483,328
993
16
63
1,000,944
1GB
1,024,966,656
1,986
16
63
2,001,888
2GB
2,048,901,120
3,970
16
63
4,001,760
4GB
4,110,188,544
7,964
16
63
8,027,712
8GB
8,195,604,480
15,880
16
63
16,007,040
16GB
16,391,208,960
16,383
3
16
63
32,014,080
Notes:
Display of total bytes varies from operating systems.
Cylinders, heads or sectors are not applicable for these capacities. Only LBA addressing applies
Notes: 1 GB = 1,000,000,000 bytes; 1 sector = 512 bytes.
LBA count addressed in the table above indicates total user storage capacity and will remain the same throughout the lifespan of the
device. However, the total usable capacity of the SSD is most likely to be less than the total physical capacity because a small portion
of the capacity is reserved for device maintenance usages.
4.2 Performance Specification
Performances of the CF cards are listed in Table 4-2
Table 4-2: Performance specifications
Capacity
Performance
128 MB
256 MB
512 MB
1 GB
2 GB
4 GB
8 GB
16 GB
Sustained
read (MB/s)
17
29
19
21
20
21
21
20
Sustained
write (MB/s)
4
8
7
12
11
11
13
15
Notes: performance may vary depending on flash configurations or host system settings.


Similar Part No. - AP-CF004GE3NR-ETNDNRQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF004GE3FR-ETNDNRK ETC2-AP-CF004GE3FR-ETNDNRK Datasheet
793Kb / 44P
   Value Added Compact Flash Series ?
AP-CF004GE3FR-ETNRK ETC2-AP-CF004GE3FR-ETNRK Datasheet
793Kb / 44P
   Value Added Compact Flash Series ?
AP-CF004GE3FR-NDNRJ ETC2-AP-CF004GE3FR-NDNRJ Datasheet
185Kb / 21P
   Value Added Compact Flash Series ??Specification for Industrial CF
AP-CF004GE3FR-NDNRK ETC2-AP-CF004GE3FR-NDNRK Datasheet
795Kb / 45P
   Value Added Compact Flash Series ??Specification for Industrial CF
AP-CF004GE3FR-NDNRK ETC2-AP-CF004GE3FR-NDNRK Datasheet
793Kb / 44P
   Value Added Compact Flash Series ?
More results

Similar Description - AP-CF004GE3NR-ETNDNRQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF128ME3ER-NRJ ETC2-AP-CF128ME3ER-NRJ Datasheet
185Kb / 21P
   Value Added Compact Flash Series ??Specification for Industrial CF
AP-CF128ME3ER-NRK ETC2-AP-CF128ME3ER-NRK Datasheet
795Kb / 45P
   Value Added Compact Flash Series ??Specification for Industrial CF
logo
Transcend Information. ...
TS128MCF100I TRANSCEND-TS128MCF100I Datasheet
3Mb / 80P
   Industrial CF Card
logo
Apacer Technology Inc.
CS710-CF APACER-CS710-CF Datasheet
2Mb / 5P
   Apacer industrial CS710-CF card
CM710-CF APACER-CM710-CF Datasheet
2Mb / 5P
   Apacer industrial CM710-CF card
logo
List of Unclassifed Man...
AP-CF256MA5FS-RM ETC2-AP-CF256MA5FS-RM Datasheet
1Mb / 23P
   Compact Flash 4 Series
logo
Transcend Information. ...
TS8GCF100I-P TRANSCEND-TS8GCF100I-P Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
logo
ADL Embedded Solutions
ADLCF-II ADL-ADLCF-II Datasheet
224Kb / 2P
   Compact Flash
logo
Microchip Technology
PIC24F04KA200 MICROCHIP-PIC24F04KA200 Datasheet
207Kb / 26P
   Flash Programming Specifications
2010
PIC24F08KA101 MICROCHIP-PIC24F08KA101 Datasheet
727Kb / 48P
   Flash Programming Specifications
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com