Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP-CF512ME3FR-NDNRJ Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AP-CF512ME3FR-NDNRJ
Description  Value Added Compact Flash Series ??Specification for Industrial CF
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF512ME3FR-NDNRJ Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AP-CF512ME3FR-NDNRJ Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-CF512ME3FR-NDNRJ Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF512ME3FR-NDNRJ Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF512ME3FR-NDNRJ Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF512ME3FR-NDNRJ Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF512ME3FR-NDNRJ Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF512ME3FR-NDNRJ Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF512ME3FR-NDNRJ Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-CF512ME3FR-NDNRJ Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Value Added
Value Added
Value Added
Value Added Compact Flash Ⅲ
Ⅲ series
AP-CFxxxxE3XR-XXXXJ
8
© 2009 Apacer Technology Inc.
Rev. 1.2
4. Capacity Specification
Capacity specification of the Compact Flash Card series (CFC) is available as shown in Table 4-1. It lists
the specific capacity and the default numbers of heads, sectors and cylinders for each product line.
Table 4-1: Capacity specifications
Capacity
Total bytes
Cylinders
Heads
Sectors
Max LBA
128 MB
127,641,600
980
8
32
250,880
256 MB
256,352,256
980
16
32
501,760
512 MB
511,664,128
993
16
63
1,000,944
1GB
1,024,655,360
1,986
16
63
2,001,888
2GB
2,048,589,824
3,970
16
63
4,001,760
4GB
4,100,059,136
7,964
16
63
8,027,712
8GB
8,176,340,992
15,880
16
63
16,007,040
16GB
16,368,721,920
16,383
*
16
63
32,014,080
1. Cylinders, heads or sectors are not applicable for these capacities. Only LBA addressing applies
4.1 Performance Specification
Performances of the Standard and High Speed ATA-Flash Disk are listed in Table 4-2 and Table 4-3.
Table 4-2: Standard Performance specifications
Capacity
Performance
128 MB / 256 MB
512 MB / 1 GB
2 GB
16 GB
Sustained read (MB/s)
18
30
35
22
Sustained write (MB/s)
7
12
15
15
Table 4-3: High Speed Performance specifications
Capacity
Performance
256 MB / 512 MB
1GB / 2 GB / 4 GB / 8 GB
Sustained read (MB/s)
30
35
Sustained write (MB/s)
13
22~25


Similar Part No. - AP-CF512ME3FR-NDNRJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF512ME3FR-NDNRK ETC2-AP-CF512ME3FR-NDNRK Datasheet
795Kb / 45P
   Value Added Compact Flash Series ??Specification for Industrial CF
AP-CF512ME3FR-NDNRK ETC2-AP-CF512ME3FR-NDNRK Datasheet
793Kb / 44P
   Value Added Compact Flash Series ?
More results

Similar Description - AP-CF512ME3FR-NDNRJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF128ME3ER-NRK ETC2-AP-CF128ME3ER-NRK Datasheet
795Kb / 45P
   Value Added Compact Flash Series ??Specification for Industrial CF
AP-CF256ME3FR-NRK ETC2-AP-CF256ME3FR-NRK Datasheet
793Kb / 44P
   Value Added Compact Flash Series ?
AP-CF128ME3NR-NRQ ETC2-AP-CF128ME3NR-NRQ Datasheet
191Kb / 19P
   Compact Flash Series ??Industrial CF Specifications
AP-FD18A20B0001GR-KS ETC2-AP-FD18A20B0001GR-KS Datasheet
181Kb / 18P
   Value Added ATA Flash Drive ?
AP-FD25A20A00256R-KS ETC2-AP-FD25A20A00256R-KS Datasheet
182Kb / 19P
   Value Added ATA Flash Drive ?
AP-CF128MK7ES-NR ETC2-AP-CF128MK7ES-NR Datasheet
199Kb / 22P
   Value Added CompactFlash Series5
AP-FM0128EB2S3S-KS ETC2-AP-FM0128EB2S3S-KS Datasheet
188Kb / 21P
   Value Added ATA Disk Module
AP-FM0128E20S3S-KS1M ETC2-AP-FM0128E20S3S-KS1M Datasheet
218Kb / 21P
   Value Added ATA Disk Module ?
logo
Samsung semiconductor
S3F49FAX SAMSUNG-S3F49FAX Datasheet
286Kb / 27P
   S3F49FAX for Compact Flash SPECIFICATION Revision 1.0
logo
List of Unclassifed Man...
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com