Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5432 Datasheet(PDF) 2 Page - NEC

Part # 2SC5432
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5432 Datasheet(HTML) 2 Page - NEC

  2SC5432 Datasheet HTML 1Page - NEC 2SC5432 Datasheet HTML 2Page - NEC 2SC5432 Datasheet HTML 3Page - NEC 2SC5432 Datasheet HTML 4Page - NEC 2SC5432 Datasheet HTML 5Page - NEC 2SC5432 Datasheet HTML 6Page - NEC 2SC5432 Datasheet HTML 7Page - NEC 2SC5432 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SC5432
2
Preliminary Data Sheet
hFE CLASSIFICATION
RANK
EB
FB
Marking
TC
TD
hFE
80 to 110
100 to 145
TYPICAL CHARACTERISTICS (TA = 25
°C)
COLLECTOR CURRENT vs. DC BASE VOLTAGE
20
0
10
1.0
0.5
VBE - DC Base Voltage - V
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
150
0
50
TA - Ambient Temperature - °C
150
100
50
100
DC CURRENT GAIN vs. COLLECTOR CURRENT
IC - Collector Current - mA
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
25
VCE - Collector to Emitter Voltage - V
20
15
10
5
Free Air
VCE = 3 V
200
0.5
10
50
5
25
0
510
20
15
10
5
IB = 160 A
µ
140 A
120 A
100 A
80 A
60 A
40 A
20 A
20
10
2
1
100
20
50
VCE = 3 V
µ
µ
µ
µ
µ
µ
µ


Similar Part No. - 2SC5432

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5432 RENESAS-2SC5432 Datasheet
314Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
February 2002
2SC5432-T1 RENESAS-2SC5432-T1 Datasheet
314Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
February 2002
More results

Similar Description - 2SC5432

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5433 NEC-2SC5433 Datasheet
59Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC5434 NEC-2SC5434 Datasheet
61Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
logo
Renesas Technology Corp
2SC5432 RENESAS-2SC5432 Datasheet
314Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
February 2002
logo
NEC
2SC3663 NEC-2SC3663 Datasheet
110Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC5435 NEC-2SC5435 Datasheet
59Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC5437 NEC-2SC5437 Datasheet
63Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
logo
Renesas Technology Corp
2SC4093 RENESAS-2SC4093 Datasheet
175Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC3355 RENESAS-2SC3355 Datasheet
248Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
logo
California Eastern Labs
NE85634 CEL-NE85634 Datasheet
216Kb / 6P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
logo
Renesas Technology Corp
2SC2570A RENESAS-2SC2570A Datasheet
293Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com