Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8851-16MQL Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # KSZ8851-16MQL
Description  Single-Port Ethernet MAC Controller with 8/16-Bit or 32-Bit Non-PCI Interface
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8851-16MQL Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button KSZ8851-16MQL Datasheet HTML 7Page - Micrel Semiconductor KSZ8851-16MQL Datasheet HTML 8Page - Micrel Semiconductor KSZ8851-16MQL Datasheet HTML 9Page - Micrel Semiconductor KSZ8851-16MQL Datasheet HTML 10Page - Micrel Semiconductor KSZ8851-16MQL Datasheet HTML 11Page - Micrel Semiconductor KSZ8851-16MQL Datasheet HTML 12Page - Micrel Semiconductor KSZ8851-16MQL Datasheet HTML 13Page - Micrel Semiconductor KSZ8851-16MQL Datasheet HTML 14Page - Micrel Semiconductor KSZ8851-16MQL Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 89 page
background image
Micrel, Inc.
KSZ8851-16/32 MQL/MQLI
August 2009
11
M9999-083109-2.0
Pin Description for 16-Bit
Pin Number
Pin Name
Type
Pin Function
1
TEST_EN
Ipd
Test Enable
For normal operation, open or pull-down this pin to ground.
2
SCAN_EN
Ipd
Scan Test Scan Mux Enable
For normal operation, open or pull-down this pin to ground.
3
P1LED2
Opu
4
P1LED1
Ipu/O
5
P1LED0
Ipu/O
Port 1 LED indicators
1 defined as follows:
LED is ON when output is LOW; LED is OFF when output is HIGH.
Chip Global Control Register: CGCR
bit [15,9]
[0,0] Default
[0,1]
P1LED3
2
P1LED2
Link/Act
100Link/Act
P1LED1
Full duplex/Col
10Link/Act
P1LED0
Speed
Full duplex
Reg. CGCR bit [15,9]
[1,0]
[1,1]
P1LED3
2
Act
P1LED2
Link
P1LED1
Full duplex/Col
P1LED0
Speed
Notes:
1. Link = On; Activity = Blink; Link/Act = On/Blink; Full Dup/Col = On/Blink;
Full Duplex = On (Full duplex); Off (Half duplex)
Speed = On (100BASE-T); Off (10BASE-T)
2. P1LED3 is pin 27.
6
NC
No Connect.
7
NC
No Connect.
8
NC
No Connect.
9
DGND
Gnd
Digital ground
10
VDDIO
P
3.3V, 2.5V or 1.8V digital VDDIO input power supply for IO with well decoupling capacitors.
11
NC
No Connect.
12
NC
No Connect.
13
NC
No Connect.
14
PME
Ipu/O
Power Management Event: It is asserted (low or high depends on polarity set in PMECR
register) when one of the wake-on-LAN events is detected by KSZ8851M. The
KSZ8851M is requesting the system to wake up from low power mode.
15
NC
No Connect.
16
INTRN
Opu
Interrupt
Active Low signal to host CPU to indicate an interrupt status bit is set.
17
LDEVN
Opu
Local Device Not
Active Low output signal, asserted when AEN is Low and A7-A1 decode to the
KSZ8851M right address register. LDEVN is a combinational decode of the Address and
AEN signal.


Similar Part No. - KSZ8851-16MQL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8851-16MLL MICREL-KSZ8851-16MLL Datasheet
1Mb / 84P
   Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
KSZ8851-16MLL MICREL-KSZ8851-16MLL Datasheet
1Mb / 86P
   Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
logo
Microchip Technology
KSZ8851-16MLL MICROCHIP-KSZ8851-16MLL Datasheet
1Mb / 85P
   Single-Port Ethernet MAC Controller with 8-Bitor 16-Bit Non-PCI Interface
11/07/16
logo
Micrel Semiconductor
KSZ8851-16MLL-Eval MICREL-KSZ8851-16MLL-Eval Datasheet
1Mb / 86P
   Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
KSZ8851-16MLLI MICREL-KSZ8851-16MLLI Datasheet
1Mb / 84P
   Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
More results

Similar Description - KSZ8851-16MQL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8851-16MLLI MICREL-KSZ8851-16MLLI Datasheet
1Mb / 84P
   Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
KSZ8851-16MLLJ MICREL-KSZ8851-16MLLJ_10 Datasheet
517Kb / 90P
   Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
KSZ8851-16MLL MICREL-KSZ8851-16MLL_15 Datasheet
1Mb / 86P
   Single-Port Ethernet MAC Controller with 8-Bit or 16-Bit Non-PCI Interface
logo
Microchip Technology
KSZ8851-16MLL MICROCHIP-KSZ8851-16MLL Datasheet
1Mb / 85P
   Single-Port Ethernet MAC Controller with 8-Bitor 16-Bit Non-PCI Interface
11/07/16
KSZ8841-16M MICROCHIP-KSZ8841-16M Datasheet
2Mb / 98P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
05/14/19
logo
Micrel Semiconductor
KSZ8841 MICREL-KSZ8841_11 Datasheet
654Kb / 105P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
KSZ8841-16 MICREL-KSZ8841-16_08 Datasheet
654Kb / 105P
   Single-Port Ethernet MAC Controller with Non-PCI Interface
KSZ8841-PMQL MICREL-KSZ8841-PMQL Datasheet
550Kb / 2P
   Single-Port Ethernet MAC Controller with PCI Interface
logo
Microchip Technology
KSZ8841-PMQL MICROCHIP-KSZ8841-PMQL Datasheet
1Mb / 72P
   Single-Port Ethernet MAC Controller with PCI Interface
05/14/19
logo
Davicom Semiconductor, ...
DM9106EP DAVICOM-DM9106EP Datasheet
30Kb / 2P
   Three Port Ethernet Switch Controller with 32-bit PCI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com