Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JW075B Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # JW075B
Description  dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JW075B Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button JW075B Datasheet HTML 2Page - Lineage Power Corporation JW075B Datasheet HTML 3Page - Lineage Power Corporation JW075B Datasheet HTML 4Page - Lineage Power Corporation JW075B Datasheet HTML 5Page - Lineage Power Corporation JW075B Datasheet HTML 6Page - Lineage Power Corporation JW075B Datasheet HTML 7Page - Lineage Power Corporation JW075B Datasheet HTML 8Page - Lineage Power Corporation JW075B Datasheet HTML 9Page - Lineage Power Corporation JW075B Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Lineage Power
Data Sheet
April 2008
dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
JW050B, JW075B, JW100B, JW150B Power Modules:
Characteristic Curves (continued)
8-1166 (C)
Figure 5. Typical JW050B Output Characteristics
at Room Temperature
8-1135 (C)
Figure 6. Typical JW075B Output Characteristics
at Room Temperature
8-1168 (C)
Figure 7. Typical JW100B Output Characteristics
at Room Temperature
8-1141 (C)
Figure 8. Typical JW150B Output Characteristics
at Room Temperature
0
234
5
7
0
14
OUTPUT CURRENT, IO (A)
4
6
8
10
12
16
2
123
45
8
0
12
14
OUTPUT CURRENT, IO (A)
10
8
6
4
0
67
2
VI = 48 V
0
2345
12
0
14
OUTPUT CURRENT, IO (A)
4
6
8
10
12
1
6789
10
11
2
0
246
8
10
12
14
18
0
6
8
10
12
14
OUTPUT CURRENT, IO (A)
4
2
16
VI = 48 V


Similar Part No. - JW075B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JW075A MACOM-JW075A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
JW075A1 MACOM-JW075A1 Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
JW075F LINEAGEPOWER-JW075F Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
JW075F1 LINEAGEPOWER-JW075F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
More results

Similar Description - JW075B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
logo
Tyco Electronics
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
   dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
logo
Lineage Power Corporati...
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
logo
Astec America, Inc
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
logo
Lineage Power Corporati...
LAW005A LINEAGEPOWER-LAW005A Datasheet
358Kb / 8P
   LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
   36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com