Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXYP30N120C3 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXYP30N120C3
Description  High-Speed IGBT for 20-50 kHz Switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYP30N120C3 Datasheet(HTML) 2 Page - IXYS Corporation

  IXYP30N120C3 Datasheet HTML 1Page - IXYS Corporation IXYP30N120C3 Datasheet HTML 2Page - IXYS Corporation IXYP30N120C3 Datasheet HTML 3Page - IXYS Corporation IXYP30N120C3 Datasheet HTML 4Page - IXYS Corporation IXYP30N120C3 Datasheet HTML 5Page - IXYS Corporation IXYP30N120C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYP30N120C3
IXYH30N120C3
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 30A, VCE = 10V, Note 1
10
17
S
C
ies
1640
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
110
pF
C
res
38
pF
Q
g(on)
69
nC
Q
ge
I
C = 30A, VGE = 15V, VCE = 0.5 • VCES
9
nC
Q
gc
34
nC
t
d(on)
19
ns
t
ri
40
ns
E
on
2.6
mJ
t
d(off)
130
ns
t
fi
88
ns
E
off
1.1
mJ
t
d(on)
19
ns
t
ri
52
ns
E
on
6.0
mJ
t
d(off)
156
ns
t
fi
140
ns
E
off
1.6
mJ
R
thJC
0.30 °C/W
R
thCS
TO-220
0.50
°C/W
R
thCS
TO-247
0.21
°C/W
Inductive load, T
J = 25°C
I
C = 30A, VGE = 15V
V
CE = 0.5 • VCES, RG = 10
Note 2
Inductive load, T
J = 150°C
I
C = 30A, VGE = 15V
V
CE = 0.5 • VCES, RG = 10
Note 2
Notes:
1. Pulse test, t
 300μs, duty cycle, d  2%.
2. Switching times & energy losses may increase for higher V
CE(clamp), TJ or RG.
e
P
TO-247 Outline
1
2
3
Terminals: 1 - Gate
2 - Collector
3 - Emitter
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80 21.46
.819
.845
E
15.75 16.26
.610
.640
e
5.20
5.72 0.205 0.225
L
19.81 20.32
.780
.800
L1
4.50
.177
P
3.55
3.65
.140
.144
Q
5.89
6.40 0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
Pins: 1 - Gate
2 - Collector
3 - Emitter
TO-220 Outline


Similar Part No. - IXYP30N120C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYP30N65C3 IXYS-IXYP30N65C3 Datasheet
186Kb / 6P
   Optimized for 20-60kHz Switching
More results

Similar Description - IXYP30N120C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYN82N120C3H1 IXYS-IXYN82N120C3H1 Datasheet
192Kb / 7P
   High-Speed IGBT for 20-50 kHz Switching
IXYH24N90C3 IXYS-IXYH24N90C3 Datasheet
214Kb / 6P
   High-Speed IGBT for 20-50 kHz Switching
IXYH20N120C3D1 IXYS-IXYH20N120C3D1 Datasheet
188Kb / 7P
   High-Speed IGBT for 20-50 kHz Switching
MMIX1Y82N120C3H1 IXYS-MMIX1Y82N120C3H1 Datasheet
248Kb / 8P
   High-Speed IGBT for 20-50 kHz Switching
IXYH50N120C3D1 IXYS-IXYH50N120C3D1 Datasheet
186Kb / 7P
   High-Speed IGBT for 20-50 kHz Switching
IXYP20N120C3 IXYS-IXYP20N120C3 Datasheet
227Kb / 6P
   High-Speed IGBT for 20-50 kHz Switching
IXYH30N120C3D1 IXYS-IXYH30N120C3D1 Datasheet
189Kb / 7P
   High-Speed IGBT for 20-50 kHz Switching
IXYN82N120C3 IXYS-IXYN82N120C3 Datasheet
181Kb / 6P
   High-Speed IGBT for 20-50 kHz Switching
IXYH24N90C3D1 IXYS-IXYH24N90C3D1 Datasheet
370Kb / 7P
   High-Speed IGBT for 20-50 kHz Switching
MMIX1Y100N120C3H1 IXYS-MMIX1Y100N120C3H1 Datasheet
281Kb / 8P
   High-Speed IGBT for 20-50 kHz Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com