Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP04TT1400-28-W2 Datasheet(PDF) 9 Page - Dynex Semiconductor

Part # MP04TT1400-28-W2
Description  Dual Thyristor Water Cooled Welding Module Preliminary Information
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP04TT1400-28-W2 Datasheet(HTML) 9 Page - Dynex Semiconductor

Back Button MP04TT1400-28-W2 Datasheet HTML 2Page - Dynex Semiconductor MP04TT1400-28-W2 Datasheet HTML 3Page - Dynex Semiconductor MP04TT1400-28-W2 Datasheet HTML 4Page - Dynex Semiconductor MP04TT1400-28-W2 Datasheet HTML 5Page - Dynex Semiconductor MP04TT1400-28-W2 Datasheet HTML 6Page - Dynex Semiconductor MP04TT1400-28-W2 Datasheet HTML 7Page - Dynex Semiconductor MP04TT1400-28-W2 Datasheet HTML 8Page - Dynex Semiconductor MP04TT1400-28-W2 Datasheet HTML 9Page - Dynex Semiconductor MP04TT1400-28-W2 Datasheet HTML 10Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MP04TT1400
9/10
www.dynexsemi.com
PACKAGE DETAILS
For further package information, please visit our website or contact your nearest Customer Service Centre. All dimensions in mm, unless
stated otherwise. DO NOT SCALE.
Recommended fixings for mounting: M6 socket head cap screws
Nominal weight: 2530g
Auxiliary gate/cathode leads not supplied as standard, but maybe purchased separately.
Module outline type code: MP04-W3A


Similar Part No. - MP04TT1400-28-W2

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP04TT1550 DYNEX-MP04TT1550 Datasheet
186Kb / 10P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04TT1550-15-W2 DYNEX-MP04TT1550-15-W2 Datasheet
186Kb / 10P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04TT1550-15-W3 DYNEX-MP04TT1550-15-W3 Datasheet
186Kb / 10P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04TT1550-15-W3A DYNEX-MP04TT1550-15-W3A Datasheet
186Kb / 10P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04TT1550-16-W2 DYNEX-MP04TT1550-16-W2 Datasheet
186Kb / 10P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
More results

Similar Description - MP04TT1400-28-W2

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP03TT580 DYNEX-MP03TT580 Datasheet
139Kb / 9P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP02TT800 DYNEX-MP02TT800 Datasheet
136Kb / 8P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP03TT1250 DYNEX-MP03TT1250 Datasheet
141Kb / 9P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04TT1550 DYNEX-MP04TT1550 Datasheet
186Kb / 10P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP02TT200 DYNEX-MP02TT200 Datasheet
127Kb / 9P
   Dual Thyristor Water Cooled Module Preliminary Information
MP03TT300 DYNEX-MP03TT300 Datasheet
148Kb / 10P
   Dual Thyristor Water Cooled Module Preliminary Information
MP04TT600 DYNEX-MP04TT600 Datasheet
264Kb / 10P
   Dual Thyristor Water Cooled Module Preliminary Information
MP04TT500 DYNEX-MP04TT500 Datasheet
292Kb / 10P
   Dual Thyristor Water Cooled Module Advance Information
MP04DD810 DYNEX-MP04DD810 Datasheet
205Kb / 9P
   Dual Rectifier Diode Water Cooled Module Preliminary Information
DCR840F DYNEX-DCR840F Datasheet
139Kb / 9P
   Phase Control Thyristor Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com