Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXBOD1-25R Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXBOD1-25R
Description  Transient voltage protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBOD1-25R Datasheet(HTML) 5 Page - IXYS Corporation

  IXBOD1-25R Datasheet HTML 1Page - IXYS Corporation IXBOD1-25R Datasheet HTML 2Page - IXYS Corporation IXBOD1-25R Datasheet HTML 3Page - IXYS Corporation IXBOD1-25R Datasheet HTML 4Page - IXYS Corporation IXBOD1-25R Datasheet HTML 5Page - IXYS Corporation IXBOD1-25R Datasheet HTML 6Page - IXYS Corporation IXBOD1-25R Datasheet HTML 7Page - IXYS Corporation IXBOD1-25R Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
H - 5
© 2000 IXYS All rights reserved
IXBOD 1 -12R...42R(D)
Fig. 8 Transient thermal resistance.
K
A
Dimensions in mm (1 mm = 0.0394")
Fig. 5 Energy per pulse for single BOD element
for trapezoidal wave current. E
P must be multiplied
by number of elements for total energy.
Fig. 6 Energy per pulse for single BOD element
for exponentially decaying current pulse. E
P must
be multiplied by number of elements for total
energy.
K
A
V
a = 2 m/s
n = number of BOD-Elements in series
V
a = 0 m/s
[K/W]
Z
thJA
t [s]
Fig. 7 On-state voltage at T
VJ = 125°C.
[V]
V
T
i
T [A]


Similar Part No. - IXBOD1-25R

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBOD1-24RD IXYS-IXBOD1-24RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-28RD IXYS-IXBOD1-28RD Datasheet
258Kb / 8P
   Breakover Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com