Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO120 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ISO120
Description  Precision Low Cost ISOLATION AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO120 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ISO120 Datasheet HTML 1Page - Burr-Brown (TI) ISO120 Datasheet HTML 2Page - Burr-Brown (TI) ISO120 Datasheet HTML 3Page - Burr-Brown (TI) ISO120 Datasheet HTML 4Page - Burr-Brown (TI) ISO120 Datasheet HTML 5Page - Burr-Brown (TI) ISO120 Datasheet HTML 6Page - Burr-Brown (TI) ISO120 Datasheet HTML 7Page - Burr-Brown (TI) ISO120 Datasheet HTML 8Page - Burr-Brown (TI) ISO120 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
ISO120/121
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER
ISO120G
24-Pin DIP
225
ISO120BG
24-Pin DIP
225
ISO120SG
24-Pin DIP
225
ISO121G
40-Pin DIP
206
ISO121BG
40-Pin DIP
206
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
ABSOLUTE MAXIMUM RATINGS
CONNECTION DIAGRAM
Supply Voltage (any supply) ............................................................... 18V
V
IN, Sense Voltage .......................................................................... ±100V
External Oscillator Input ....................................................................
±25V
Signal Common 1 to Ground 1 ...........................................................
±1V
Signal Common 2 to Ground 2 ...........................................................
±1V
Continuous Isolation Voltage: ISO120 ...................................... 1500Vrms
ISO121 ....................................... 3500Vrms
V
ISO, dv/dt ...................................................................................... 20kV/µs
Junction Temperature ...................................................................... 150
°C
Storage Temperature ..................................................... –65
°C to +150°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
Output Short Duration ......................................... Continuous to Common
PACKAGE INFORMATION(1)
1/1
2/2
3/3
4/4
9/17
10/18
11/19
12/20
(1)
C
C
+V
–V
Com 2
V
Sense
Gnd 2
1H
1L
S1
S1
OUT
24/40
23/39
22/38
21/37
16/24
15/23
14/22
13/21
Gnd 1
V
Ext Osc
Com 1
–V
+V
C
C
IN
S2
S2
2L
2H
NOTE: (1) First pin number is for ISO120.
Second pin number is for ISO121.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
Electrostatic discharge can cause damage ranging from per-
formance degradation to complete device failure. Burr-Brown
Corporation recommends that all integrated circuits be handled
and stored using appropriate ESD protection methods.
ELECTROSTATIC
DISCHARGE SENSITIVITY
ORDERING INFORMATION
TEMPERATURE
MODEL
RANGE
ISO120G
–25
°C to 85°C
ISO120BG
–25
°C to 85°C
ISO120SG
–55C to 125
°C
ISO121G
–25
°C to 85°C
ISO121BG
–25
°C to 85°C


Similar Part No. - ISO120

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO120 BURR-BROWN-ISO120 Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO120BG BURR-BROWN-ISO120BG Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO120G BURR-BROWN-ISO120G Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO120SG BURR-BROWN-ISO120SG Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO120SGQ BURR-BROWN-ISO120SGQ Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
More results

Similar Description - ISO120

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO120 BURR-BROWN-ISO120 Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO124 TI1-ISO124 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
logo
Burr-Brown (TI)
ISO122 BURR-BROWN-ISO122 Datasheet
188Kb / 13P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO122PE4 TI-ISO122PE4 Datasheet
762Kb / 20P
[Old version datasheet]   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Burr-Brown (TI)
ISO124 BURR-BROWN-ISO124 Datasheet
252Kb / 12P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO122 TI1-ISO122_15 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
logo
Burr-Brown (TI)
ISO130 BURR-BROWN-ISO130 Datasheet
108Kb / 11P
   High IMR, Low Cost ISOLATION AMPLIFIER
ISO103 BURR-BROWN-ISO103 Datasheet
112Kb / 9P
   Low-Cost, Internally Powered ISOLATION AMPLIFIER
logo
Analog Devices
277 AD-277_15 Datasheet
1Mb / 4P
   Precision Isolation Amplifier
logo
List of Unclassifed Man...
1A184 ETC1-1A184 Datasheet
28Kb / 1P
   IA184 LOW-COST, HIGH-LINEARITY ISOLATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com