Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8201MIRZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL8201MIRZ
Description  10A, High Efficiency DC/DC Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8201MIRZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL8201MIRZ Datasheet HTML 1Page - Intersil Corporation ISL8201MIRZ Datasheet HTML 2Page - Intersil Corporation ISL8201MIRZ Datasheet HTML 3Page - Intersil Corporation ISL8201MIRZ Datasheet HTML 4Page - Intersil Corporation ISL8201MIRZ Datasheet HTML 5Page - Intersil Corporation ISL8201MIRZ Datasheet HTML 6Page - Intersil Corporation ISL8201MIRZ Datasheet HTML 7Page - Intersil Corporation ISL8201MIRZ Datasheet HTML 8Page - Intersil Corporation ISL8201MIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN6657.2
October 21, 2010
Simplified Block Diagram
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
PACKAGE
(RoHS Compliant)
PKG. DWG. #
ISL8201MIRZ
ISL8201M
15 Ld QFN
L15.15x15
ISL8201MEVAL1Z
Evaluation Board
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil plastic packaged products employ special material sets, molding compounds and 100% matte tin plate plus anneal (e3)
termination finish. These products do contain Pb but they are RoHS compliant by EU exemption 5 (Pb in glass of cathode ray tubes, electronic
components and fluorescent tubes). These Intersil RoHS compliant products are compatible with both SnPb and Pb-free soldering operations.
These Intersil RoHS compliant products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements
of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL8201M. For more information on MSL please see techbrief
TB363.
DRIVER
DRIVER
GATE
CONTROL
LOGIC
POR
AND
SOFT-START
LDO
+
-
PWM Controller
+
-
0.6V
0.4V
OSCILLATOR
DIS
+
-
PWM
SAMPLE
AND
HOLD
+
-
21.5µA
ISET
INHIBIT
PVCC
RFB-TI
RSET-IN
PGND
FB
COMP/EN
PVCC
PHASE
PGND
VOUT
VIN
ISET
FIGURE 1. INTERNAL BLOCK DIAGRAM
ISL8201M


Similar Part No. - ISL8201MIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8201MIRZ INTERSIL-ISL8201MIRZ Datasheet
886Kb / 16P
   10A, High Efficiency DC/DC Module
logo
Renesas Technology Corp
ISL8201MIRZ RENESAS-ISL8201MIRZ Datasheet
1Mb / 16P
   10A, High Efficiency DC/DC Module
More results

Similar Description - ISL8201MIRZ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4600 LINER-LTM4600_15 Datasheet
427Kb / 26P
   10A High Efficiency DC/DC Module
logo
Intersil Corporation
ISL8201M INTERSIL-ISL8201M Datasheet
886Kb / 16P
   10A, High Efficiency DC/DC Module
logo
Renesas Technology Corp
ISL8201M RENESAS-ISL8201M Datasheet
1Mb / 16P
   10A, High Efficiency DC/DC Module
logo
Linear Technology
LTM4600HV LINER-LTM4600HV_15 Datasheet
452Kb / 26P
   10A, 28VIN High Efficiency DC/DC Module
logo
Lowpower Semiconductor ...
LP6221A POWER-LP6221A Datasheet
439Kb / 7P
   High Efficiency 10A Boost DC/DC Convertor
logo
Analog Devices
LTM4658 AD-LTM4658 Datasheet
1Mb / 26P
   Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
logo
Linear Technology
LTM4602 LINER-LTM4602_15 Datasheet
337Kb / 24P
   6A High Efficiency DC/DC Module
logo
Cyntec Co., Ltd.
VPN12AD1E-FU CYNTEC-VPN12AD1E-FU Datasheet
815Kb / 12P
   High Efficiency DC/DC Power Module
logo
Renesas Technology Corp
ISL8204M RENESAS-ISL8204M Datasheet
1Mb / 19P
   Complete High Efficiency DC/DC Power Module
logo
Linear Technology
LTM4602HV LINER-LTM4602HV_15 Datasheet
334Kb / 24P
   6A, 28VIN High Efficiency DC/DC Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com