Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP03XXX275-16 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # MP03XXX275-16
Description  Phase Control Dual SCR, SCR/Diode Modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP03XXX275-16 Datasheet(HTML) 1 Page - Dynex Semiconductor

  MP03XXX275-16 Datasheet HTML 1Page - Dynex Semiconductor MP03XXX275-16 Datasheet HTML 2Page - Dynex Semiconductor MP03XXX275-16 Datasheet HTML 3Page - Dynex Semiconductor MP03XXX275-16 Datasheet HTML 4Page - Dynex Semiconductor MP03XXX275-16 Datasheet HTML 5Page - Dynex Semiconductor MP03XXX275-16 Datasheet HTML 6Page - Dynex Semiconductor MP03XXX275-16 Datasheet HTML 7Page - Dynex Semiconductor MP03XXX275-16 Datasheet HTML 8Page - Dynex Semiconductor MP03XXX275-16 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
MP03 XXX 275 Series
Code
Circuit
HBT
HBP
HBN
MP03/275 - 22
MP03/275 - 20
MP03/275 - 18
MP03/275 - 16
277
234
A
A
216
A
T
case = 75
oC
T
heatsink = 75
oC
T
heatsink = 85
oC
T
case = 85
oC
T
case = 75
oC
I
T(RMS)
RMS value
A
181
A
430
Mean on-state current
Halfwave, resistive load
I
T(AV)
2200
2000
1800
1600
T
(vj) = 125
oC
I
DRM = IRRM
= 30mA
V
DSM
& V
RSM
=
V
DRM & VRRM+ 100V
respectively
Module type code: MP03.
See Package Details for further information.
FEATURES
s Dual Device Module
s Electrically Isolated Package
s Pressure Contact Construction
s International Standard Footprint
s Alumina (non-toxic) Isolation Medium
APPLICATIONS
s Motor Control
s Controlled Rectifier Bridges
s Heater Control
s AC Phase Control
CURRENT RATINGS - PER ARM
KEY PARAMETERS
V
DRM
2200V
I
TSM
8100A
I
T(AV) (per arm)
277A
V
isol
2500V
PACKAGE OUTLINE
Parameter
Symbol
Conditions
Max.
Units
CIRCUIT OPTIONS
Lower voltage grades available.
For full description of part number see "Ordering instructions"
on page 3.
VOLTAGE RATINGS
Type
Number
Repetitive
Peak
Voltages
V
DRM VRRM
Conditions
MP03 XXX 275 Series
Phase Control Dual SCR, SCR/Diode Modules
Replaces December 1998 version, DS4481-4.0
DS4481-5.0 January 2000


Similar Part No. - MP03XXX275-16

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP03XXX130 DYNEX-MP03XXX130 Datasheet
111Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX175 DYNEX-MP03XXX175 Datasheet
113Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX190 DYNEX-MP03XXX190 Datasheet
107Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX190-08 DYNEX-MP03XXX190-08 Datasheet
107Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX190-10 DYNEX-MP03XXX190-10 Datasheet
107Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
More results

Similar Description - MP03XXX275-16

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP03XXX330 DYNEX-MP03XXX330 Datasheet
122Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX300 DYNEX-MP03XXX300 Datasheet
116Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP02X175 DYNEX-MP02X175 Datasheet
114Kb / 8P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX130 DYNEX-MP03XXX130 Datasheet
111Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX190 DYNEX-MP03XXX190 Datasheet
107Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP02XXX190 DYNEX-MP02XXX190 Datasheet
100Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
MP02X130 DYNEX-MP02X130 Datasheet
127Kb / 8P
   Phase Control Dual SCR, SCR/Diode Modules
MP03XXX175 DYNEX-MP03XXX175 Datasheet
113Kb / 10P
   Phase Control Dual SCR, SCR/Diode Modules
logo
International Rectifier
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T9G01000A POWEREX-T9G01000A_13 Datasheet
508Kb / 4P
   Phase Control SCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com