Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK52B-L Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SK52B-L
Description  5 Amp Schottky Rectifier 20 to 100 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK52B-L Datasheet(HTML) 1 Page - Micro Commercial Components

  SK52B-L Datasheet HTML 1Page - Micro Commercial Components SK52B-L Datasheet HTML 2Page - Micro Commercial Components SK52B-L Datasheet HTML 3Page - Micro Commercial Components SK52B-L Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SK52B-L
THRU
SK510B-L
5 Amp Schottky
Rectifier
20 to 100 Volts
Features
High Current Capability
For Surface Mount Applications
Higher Temp Soldering : 260
for 10 Seconds At Terminals
Available on Tape and Reel
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SK52B-
L
SK52B
20V
14V
20V
SK53B-L
SK53B
30V
21V
30V
SK54B-L
SK54B
40V
28V
40V
SK55B-L
SK55B
50V
35V
50V
SK56B-L
SK56B
60V
42V
60V
SK58B-L
SK58B
80V
56V
80V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
5.0A
TA = 120
°C
Peak Forward Surge
Current
IFSM
100A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
.55V
.75V
IFM = 5.0A;
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1.0mA
20mA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
200pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 200
µsec, Duty cycle 2%
SK58B-L~510B-
L
.85V
SK52B-L~54B-L
SK55B-L~56B-L
DO-214AA
(SMB) (LEAD FRAME)
°C
MCC
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Operating Temperature: -55
OC to +150OC
Storage Temperature: -55
OC to +150OC
Maximum Thermal Resistance; 16
OC/W Junction To Lead
55
°C/W Junction To Ambient
SK510B-L
SK510B
100V
70V
100V
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
A
B
D
C
E
F
G
H
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.160
.185
4.06
4.70
B
.130
.155
3.30
3.94
C
.006
.012
0.15
0.31
D..030
.060
0.76
1..52
E
.200
.220
5.08
5.59
F
.079
.096
2.00
2.44
G
.075
.087
1.91
2.21
H
.002
.008
0.05
0.203
0.050”
0.106"
0.083”
SUGGESTED SOLDER
PAD LAYOUT
Revision: B
2013/01/01
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Moisture Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
Epoxy meets UL 94 V-0 flammability rating
Maximum Ratings


Similar Part No. - SK52B-L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK52B-L MCC-SK52B-L Datasheet
265Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK52B-L MCC-SK52B-L Datasheet
302Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK52B-L MCC-SK52B-L Datasheet
224Kb / 4P
   5 Amp Schottky Rectifier 20 to 200 Volts
logo
Shanghai Leiditech Elec...
SK52B-L LEIDITECH-SK52B-L Datasheet
359Kb / 3P
   5 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK52B-L MCC-SK52B-L_15 Datasheet
224Kb / 4P
   5 Amp Schottky Rectifier 20 to 200 Volts
More results

Similar Description - SK52B-L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK52A-L MCC-SK52A-L Datasheet
230Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK52L MCC-SK52L Datasheet
621Kb / 3P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK56B-LTP MCC-SK56B-LTP Datasheet
302Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK52 MCC-SK52_08 Datasheet
604Kb / 5P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK52L MCC-SK52L_11 Datasheet
265Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK52L MCC-SK52L_15 Datasheet
202Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
logo
Shanghai Leiditech Elec...
SK52B-L LEIDITECH-SK52B-L Datasheet
359Kb / 3P
   5 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK52B-L MCC-SK52B-L Datasheet
265Kb / 4P
   5 Amp Schottky Rectifier 20 to 100 Volts
SK52 MCC-SK52 Datasheet
93Kb / 3P
   5 Amp Schottky Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com