Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3402 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SI3402
Description  FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SI3402 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SI3402 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3402 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3402 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI3402 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI3402 Datasheet HTML 11Page - List of Unclassifed Manufacturers SI3402 Datasheet HTML 12Page - List of Unclassifed Manufacturers SI3402 Datasheet HTML 13Page - List of Unclassifed Manufacturers SI3402 Datasheet HTML 14Page - List of Unclassifed Manufacturers SI3402 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Si3402
Rev. 1.31
11
3.2.1. Rectification Diode Bridges and
Surge Suppressor
The 802.3 specification defines the input voltage at the
RJ-45 connector of the PD with no reference to polarity.
In other words, the PD must be able to accept power of
either polarity at each of its inputs. This requirement
necessitates the use of two sets of diode bridges, one
for the CT1 and CT2 pins and one for the SP1 and SP2
pins to rectify the voltage. Furthermore, the standard
requires that a PD withstand a high-voltage transient
surge consisting of a 1000 V common-mode impulse
with 300 ns rise time and 50 µs half fall time. Typically,
the diode bridge and the surge suppressor have been
implemented externally, adding cost and complexity to
the PD system design.
The diode bridge* and the surge suppressor have been
integrated into the Si3402, thus reducing system cost
and design complexity.
*Note: Silicon Laboratories recommends that on-chip diode
bridges be bypassed when >7 W of output power is
required.
By integrating the diode bridges, the Si3402 gains
access to the input side of the diode bridge. Monitoring
the voltage at the input of the diode bridges instead of
the voltage across the load capacitor provides the
earliest indication of a power loss. This true early power
loss indicator, PLOSS, provides a local microcontroller
time to save states and shut down gracefully before the
load capacitor discharges below the minimum 802.3-
specified operating voltage of 36 V. Integration of the
surge suppressor enables optimization of the clamping
voltage and guarantees protection of all connected
circuitry.
As an added benefit, the transient surge suppressor,
when tripped, actively disables the hotswap interface
and switching regulator, preventing downstream circuits
from encountering the high-energy transients.
3.2.2. Detection
In order to identify a device as a valid PD, a PSE will
apply a voltage in the range of 2.8 to 10 V on the cable
and look for the 25.5 k
 signature resistor. The Si3402
will react to voltages in this range by connecting an
external 25.5 k
 resistor between VPOS and VNEG.
This external resistor and internal low-leakage control
circuitry create the proper signature to alert the PSE
that a valid PD has been detected and is ready to have
power applied. The internal hotswap switch is disabled
during this time to prevent the switching regulator and
attached load circuitry from generating errors in the
detection signature.
Since the Si3402 integrates the diode bridges, the IC
can compensate for the voltage and resistance effects
of the diode bridges. The 802.3 specification requires
that the PSE use a multi-point,
V/I measurement
technique to remove the diode-induced dc offset from
the signature resistance measurement. However, the
specification does not address the diode's nonlinear
resistance and the error induced in the signature
resistor measurement. Since the diode's resistance
appears in series with the signature resistor, the PD
system must find some way of compensating for this
error. In systems where the diode bridges are external,
compensation is difficult and suffers from errors. Since
the diode bridges are integrated in the Si3402, the IC
can compensate for this error by offsetting resistance
across all operating conditions and thus meeting the
802.3 requirements. An added benefit is that this
function can be tested during the IC’s automated testing
step, guaranteeing system compliance when used in
the final PD application. For more information about
supporting higher-power applications (above 12.95 W),
see
“AN313:
Using
the
Si3402
in
High
Power
Applications” and “AN314: Power Combining Circuit for
PoE for up to 18.5 W Output”.
3.2.3. Classification
Once the PSE has detected a valid PD, the PSE may
classify the PD for one of five power levels or classes. A
class is based on the expected power consumption of
the powered device. An external resistor sets the
nominal class current that can then be read by the PSE
to determine the proper power requirements of the PD.
When the PSE presents a fixed voltage between 15.5 V
and 20.5 V to the PD, the Si3402 asserts the class
current from VPOS through the RCL resistor. The
resistor values associated with each class are shown in
Table 10.
Table 9. Hotswap Interface Modes
Input Voltage
(|CT1-CT2| or |SP1-SP2|)
Si3402 Mode
0 to 2.7 V
Inactive
2.7 to 11 V
Detection signature
11 to 14 V
Detection turns off and
internal bias starts
14 to 22 V
Classification signature
22 to 42 V
Transition region
42 up to 57 V
Switcher operating mode
(hysteresis limit based on
rising input voltage)
57 down to 36 V
Switcher operating mode
(hysteresis limit based on
falling input voltage)


Similar Part No. - SI3402

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3402 SILABS-SI3402 Datasheet
1Mb / 10P
   OPTIMIZED CLASS 1 PD DESIGNS USING
SI3402-B SILABS-SI3402-B Datasheet
1Mb / 21P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
logo
Skyworks Solutions Inc.
SI3402-B SKYWORKS-SI3402-B Datasheet
1Mb / 22P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Rev. 1.1
logo
Silicon Laboratories
SI3402-B-GM SILABS-SI3402-B-GM Datasheet
1Mb / 21P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Si3402-B-GM SILABS-Si3402-B-GM Datasheet
65Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - SI3402

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3402-B SILABS-SI3402-B Datasheet
1Mb / 21P
   FULLY-INTEGRATED 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
SI3400 SILABS-SI3400 Datasheet
447Kb / 20P
   FULLY-INTEGRATED 802.3-COMPLIANT PD INTERFACE AND SWITCHING REGULATOR
logo
Skyworks Solutions Inc.
SI3402-B SKYWORKS-SI3402-B Datasheet
1Mb / 22P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Rev. 1.1
logo
List of Unclassifed Man...
SI3400-GM ETC2-SI3400-GM Datasheet
458Kb / 20P
   FULLY-INTEGRATED 802.3-COMPLIANT PD INTERFACE AND SWITCHING REGULATOR
logo
Skyworks Solutions Inc.
SI3402-C SKYWORKS-SI3402-C Datasheet
1Mb / 21P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
Revision 0.4 to Revision 1.0
logo
Silicon Laboratories
SI3402-C SILABS-SI3402-C Datasheet
596Kb / 21P
   FULLY-INTEGRATED IEEE 802.3-COMPLIANT POE PD INTERFACE AND LOW-EMI SWITCHING REGULATOR
logo
Skyworks Solutions Inc.
SI3404 SKYWORKS-SI3404 Datasheet
474Kb / 26P
   Fully-Integrated IEEE 802.3 Type 1-Compliant POE PD Interface and High-Efficiency Switching Regulator with Compact Footprint
Revision 0.5 February, 2018
SI3406X SKYWORKS-SI3406X Datasheet
920Kb / 37P
   Fully-Integrated IEEE 802.3-Compliant POE PD Interface and High-Efficiency Switching Regulators with Sleep, Wake, and LED Drive
Revision 1.1 July, 2022
logo
Monolithic Power System...
EV8008-V-00A MPS-EV8008-V-00A Datasheet
471Kb / 9P
   Fully-Integrated IEEE 802.3af/at-Compliant PoE PD Interface with Peak Current Mode Flyback Controller Evaluation Board
EV8008L-V-00A MPS-EV8008L-V-00A Datasheet
490Kb / 9P
   Fully-Integrated IEEE 802.3af/at-Compliant PoE PD Interface with Peak Current Mode Flyback Controller Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com