Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3J-13-F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # S3J-13-F
Description  3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

S3J-13-F Datasheet(HTML) 1 Page - Diodes Incorporated

  S3J-13-F Datasheet HTML 1Page - Diodes Incorporated S3J-13-F Datasheet HTML 2Page - Diodes Incorporated S3J-13-F Datasheet HTML 3Page - Diodes Incorporated S3J-13-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S3A/B - S3M/B
Document number: DS16005 Rev. 18 - 2
1 of 4
www.diodes.com
March 2014
© Diodes Incorporated
S3A/B - S3M/B
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Features
Glass Passivated Die Construction
Low Forward Voltage Drop and High Current Capability
Surge Overload Rating to 100A Peak
Ideally Suited for Automated Assembly
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SMB/SMC
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
Polarity: Cathode Band or Cathode Notch
Weight: SMB 0.093 grams (approximate)
SMC 0.21 grams (approximate)
Ordering Information* (Note 4)
Part Number
Compliance
Case
Packaging
S3xB-13-F
Standard
SMB
3000/Tape & Reel
S3x-13-F
Standard
SMC
3000/Tape & Reel
*x = Device type, e.g. S3AB-13-F (SMB package); S3A-13-F (SMC Package).
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
 
Green
Top View
Bottom View
S3x = Product Type Marking Code, ex. S3K (SMC)
S3xB = Product Type Marking Code, ex. S3KB (SMB)
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year (ex: 14 for 2014)
WW = Week code (01 to 53)
YWW
S3x(B)


Similar Part No. - S3J-13-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S3J-E3 VISHAY-S3J-E3 Datasheet
94Kb / 4P
   Surface Mount Glass Passivated Rectifier
30-Jun-06
S3J-E357T VISHAY-S3J-E357T Datasheet
94Kb / 4P
   Surface Mount Glass Passivated Rectifier
30-Jun-06
S3J-E39AT VISHAY-S3J-E39AT Datasheet
94Kb / 4P
   Surface Mount Glass Passivated Rectifier
30-Jun-06
logo
Diotec Semiconductor
S3J-Q DIOTEC-S3J-Q Datasheet
105Kb / 2P
   Surface Mount Silicon Rectifier Diodes
logo
DONGGUAN YOU FENG WEI E...
S3J-SMC YFWDIODE-S3J-SMC Datasheet
100Kb / 2P
   Surface Mount Standard Rectifiers
More results

Similar Description - S3J-13-F

ManufacturerPart #DatasheetDescription
logo
Daya Electric Group Co....
S3A DAYA-S3A Datasheet
54Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S3G-13-F DIODES-S3G-13-F Datasheet
133Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S3GB-13-F DIODES-S3GB-13-F Datasheet
248Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S3JB-13-F DIODES-S3JB-13-F Datasheet
133Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S3KB-13 DIODES-S3KB-13 Datasheet
271Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
S3ABF ZSELEC-S3ABF Datasheet
88Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
GF3A ZSELEC-GF3A Datasheet
72Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S3AB-13 DIODES-S3AB-13 Datasheet
248Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S3A DIODES-S3A_10 Datasheet
135Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16005 Rev. 14 - 2
S3KB-13-F DIODES-S3KB-13-F Datasheet
133Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com