Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPC-2030 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EPC-2030
Description  Programmable Embedded Controller with Intel짰 Atom??D525 Platform
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EPC-2030 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EPC-2030 Datasheet HTML 1Page - List of Unclassifed Manufacturers EPC-2030 Datasheet HTML 2Page - List of Unclassifed Manufacturers EPC-2030 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
66
All specifications are subject to change without notice.
EPC-2020/2030/2032
Programmable Embedded Controller with Intel® Atom™
D525 Platform
*CTOS means Configure-to-Order Service.
Standard Accessories
WMK-2000
Wall-mount kit for EPC-2000 Series
Optional Accessories
PAC-P065W
19V/3.4A 65W AC/DC adapter kit
DRK-2000
Din rail mounting kit for EPC-2000 Series
TML-96
96-pin Din Rail Mountable Screw Terminal
TML-37
37-pin Din Rail Mountable Screw Terminal
CBL-96-1.5P
1.5M length Shielding Cable with 96-pin Half-pitch Connector at Each End
CBL-37-1.5P
1.5M length Shielding Cable with 37-pin D-type (M) Connector at Each End
Optional Configuration (CTOS* Kit)
SSD-25040
Intel® 2.5” 40GB SATAII SSD kit
DIO-16/16L(PCI)H
16-CH Input / 16-CH Output Isolated Digital I/O Board for PCI
DIO-32/32L(PCI)H
32-CH Input / 32-CH Output Isolated Digital I/O Board for PCI
COMM-2PD(PCI)H
2-CH Isolated RS-422A/485 Communication I/O Board with Isolation for PCI


Similar Part No. - EPC-2030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPC-2000 ETC2-EPC-2000 Datasheet
2Mb / 2P
   Fanless, Cable-less and Modularized Design
More results

Similar Description - EPC-2030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-3110 ETC2-LEC-3110 Datasheet
556Kb / 4P
   1U Fanless Rackmount Communication Platform with Intel짰 Atom??D525
LEC-3210 ETC2-LEC-3210 Datasheet
314Kb / 2P
   2U Fanless Rackmount Communication Platform with Intel짰 Atom??D525
logo
AAEON Technology
AEC-6612B AAEON-AEC-6612B Datasheet
271Kb / 2P
   Intel짰 Atom??D525 Processor
AEC-6643 AAEON-AEC-6643 Datasheet
286Kb / 2P
   Embedded Controller with Intel짰 Atom??D2550 B3 Processor
AEC-6522 AAEON-AEC-6522 Datasheet
258Kb / 2P
   Intel짰 Atom??N455/D525 Processor
logo
Advantech Co., Ltd.
SYS-6W6806-4H01 ADVANTECH-SYS-6W6806-4H01_14 Datasheet
1Mb / 2P
   Intel짰 Atom??D525 System with 6 ISA Expansions
ARK-1503 ADVANTECH-ARK-1503 Datasheet
535Kb / 2P
   Intel짰 Atom??D525/D425 Fanless Embedded Box PC Integrated Display Interface
logo
Protech Systems Co., Lt...
SA-5082 PROTECHSYSTEMS-SA-5082 Datasheet
499Kb / 2P
   Intel짰 Atom??D525 Book Size PC
logo
AAEON Technology
EMB-LN9T AAEON-EMB-LN9T Datasheet
287Kb / 2P
   Embedded Motherboard with Intel Atom N455/D525 Processor
logo
Advantech Co., Ltd.
ARK-6320 ADVANTECH-ARK-6320 Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Cost-effective Mini-ITX Fanless Embedded Box PC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com