Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP03TT1250 Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # MP03TT1250
Description  Dual Thyristor Water Cooled Welding Module Preliminary Information
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP03TT1250 Datasheet(HTML) 7 Page - Dynex Semiconductor

  MP03TT1250 Datasheet HTML 1Page - Dynex Semiconductor MP03TT1250 Datasheet HTML 2Page - Dynex Semiconductor MP03TT1250 Datasheet HTML 3Page - Dynex Semiconductor MP03TT1250 Datasheet HTML 4Page - Dynex Semiconductor MP03TT1250 Datasheet HTML 5Page - Dynex Semiconductor MP03TT1250 Datasheet HTML 6Page - Dynex Semiconductor MP03TT1250 Datasheet HTML 7Page - Dynex Semiconductor MP03TT1250 Datasheet HTML 8Page - Dynex Semiconductor MP03TT1250 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MP03TT1250
7/9
www.dynexsemi.com
PACKAGE DETAILS
For further package information, please visit our website or contact your nearest Customer Service Centre. All dimensions in mm, unless
stated otherwise. DO NOT SCALE.
Recommended fixings for mounting: M5 socket head cap screws
Nominal weight: 1100g
Auxiliary gate/cathode leads not supplied as standard, but maybe purchased separately.
Module outline type code: MP03-W3 and W4
28.5
5
35
42.5
Ø5.5
M8
80
92
Fast on tabs
2.8 x 0.8
G1
K1
K2
G2
1
2
3
27.5
37
Thread size:
W3 : 1/4 – 18 NPT connection
W4 : 1/4 BSP connection


Similar Part No. - MP03TT1250

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP03TT300 DYNEX-MP03TT300 Datasheet
148Kb / 10P
   Dual Thyristor Water Cooled Module Preliminary Information
MP03TT300-15 DYNEX-MP03TT300-15 Datasheet
148Kb / 10P
   Dual Thyristor Water Cooled Module Preliminary Information
MP03TT300-16 DYNEX-MP03TT300-16 Datasheet
148Kb / 10P
   Dual Thyristor Water Cooled Module Preliminary Information
MP03TT300-17 DYNEX-MP03TT300-17 Datasheet
148Kb / 10P
   Dual Thyristor Water Cooled Module Preliminary Information
MP03TT300-18 DYNEX-MP03TT300-18 Datasheet
148Kb / 10P
   Dual Thyristor Water Cooled Module Preliminary Information
More results

Similar Description - MP03TT1250

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP04TT1400 DYNEX-MP04TT1400 Datasheet
188Kb / 10P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP03TT580 DYNEX-MP03TT580 Datasheet
139Kb / 9P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP02TT800 DYNEX-MP02TT800 Datasheet
136Kb / 8P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04TT1550 DYNEX-MP04TT1550 Datasheet
186Kb / 10P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP02TT200 DYNEX-MP02TT200 Datasheet
127Kb / 9P
   Dual Thyristor Water Cooled Module Preliminary Information
MP03TT300 DYNEX-MP03TT300 Datasheet
148Kb / 10P
   Dual Thyristor Water Cooled Module Preliminary Information
MP04TT600 DYNEX-MP04TT600 Datasheet
264Kb / 10P
   Dual Thyristor Water Cooled Module Preliminary Information
MP04TT500 DYNEX-MP04TT500 Datasheet
292Kb / 10P
   Dual Thyristor Water Cooled Module Advance Information
MP04DD810 DYNEX-MP04DD810 Datasheet
205Kb / 9P
   Dual Rectifier Diode Water Cooled Module Preliminary Information
DCR840F DYNEX-DCR840F Datasheet
139Kb / 9P
   Phase Control Thyristor Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com