Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC24 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DC24
Description  Client Side Antennas
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DC24 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DC24 Datasheet HTML 4Page - List of Unclassifed Manufacturers DC24 Datasheet HTML 5Page - List of Unclassifed Manufacturers DC24 Datasheet HTML 6Page - List of Unclassifed Manufacturers DC24 Datasheet HTML 7Page - List of Unclassifed Manufacturers DC24 Datasheet HTML 8Page - List of Unclassifed Manufacturers DC24 Datasheet HTML 9Page - List of Unclassifed Manufacturers DC24 Datasheet HTML 10Page - List of Unclassifed Manufacturers DC24 Datasheet HTML 11Page - List of Unclassifed Manufacturers DC24 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
3.5GHz Solid Parabolic Dish
3.5GHz Solid Parabolic Dish
3.5GHz Solid Parabolic Dish
3.5GHz Solid Parabolic Dish
Part No: DA35-25, DA35-28
Part #
Part #
Part #
Part #
Frequency
Frequency
Frequency
Frequency
(MHz)
(MHz)
(MHz)
(MHz)
Gain
Gain
Gain
Gain
(dBi)
(dBi)
(dBi)
(dBi)
BW
BW
BW
BW
(deg)
(deg)
(deg)
(deg)
Front
Front
Front
Front
to Back
to Back
to Back
to Back
Polarity
Polarity
Polarity
Polarity
Weight
Weight
Weight
Weight
(lbs)
(lbs)
(lbs)
(lbs)
Dimensions (in)
Dimensions (in)
Dimensions (in)
Dimensions (in)
GD9
GD9
GD9
GD9----18
18
18
18
900-928
19
16.5
>30dB
Hor/Ver
27
4’ dia
HDGD24
HDGD24
HDGD24
HDGD24----24
24
24
24
1700-2700
24
8
>24dB
Hor/Ver
5.5
42 x 24
HDDC24
HDDC24
HDDC24
HDDC24----24
24
24
24
1700-2700
24
8
>24dB
Hor/Ver
8.2
28.5 x 36
GD35
GD35
GD35
GD35----25
25
25
25
3400-3600
25
13
>20dB
Hor / Ver
8.2
28.5 x 36
DA35
DA35
DA35
DA35----25
25
25
25
3400-3600
25
10
>32dB
Hor / Ver
11
26 dia
DA35
DA35
DA35
DA35----28
28
28
28
3400-3600
28
7.5
>35dB
Hor / Ver
22
35.4 dia
HDDA5W
HDDA5W
HDDA5W
HDDA5W----29
29
29
29
5150-5825
29
6
>30dB
Hor/Ver
11
26 dia
HDDA5W
HDDA5W
HDDA5W
HDDA5W----32
32
32
32
5150-5825
32
4
>38dB
Hor/Ver
12
35.4 dia
HDDA5W
HDDA5W
HDDA5W
HDDA5W----29
29
29
29----DP
DP
DP
DP
5150-5825
29
4
>30dB
Dual
Polarity
11
26 dia
HDDA5W
HDDA5W
HDDA5W
HDDA5W----32
32
32
32----DP
DP
DP
DP
5150-5825
32
4
>35dB
Dual
Polarity
22
35.4 dia
GD5x
GD5x
GD5x
GD5x----29
29
29
29
5150-5825
29
4
>25dB
Hor/Ver
11
28.5 x 36
5GHz Solid Parabolic Dish
5GHz Solid Parabolic Dish
5GHz Solid Parabolic Dish
5GHz Solid Parabolic Dish
Part No: HDDA5W
900MHz Parabolic Grid Dish
900MHz Parabolic Grid Dish
900MHz Parabolic Grid Dish
900MHz Parabolic Grid Dish
Part No: GD9-18
Point-to-Point Backhaul Antennas
The Pacific Wireless Point-to-Point Backhaul antennas are specifically
designed for high performance long distance applications. Backhaul
antennas are offered in the 900MHz, 2.4, 3.5 and 5GHz frequencies.
The grid dish backhaul systems are lightweight and offer excellent
windloading performance.
The solid parabolic dishes are constructed to withstand the harshest
of environments. An optional radome cover is available.
8
8
8
8
Point-to-Point Backhaul Antennas


Similar Part No. - DC24

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
DC24 LSTD-DC24 Datasheet
908Kb / 1P
   Directional Antenna
logo
List of Unclassifed Man...
DC2406KL ETC1-DC2406KL Datasheet
40Kb / 1P
   DC2406KLSeries Fan
DC2406KL-04W-B10-L00 ETC1-DC2406KL-04W-B10-L00 Datasheet
40Kb / 1P
   DC2406KLSeries Fan
DC2406KL-04W-B20-L00 ETC1-DC2406KL-04W-B20-L00 Datasheet
40Kb / 1P
   DC2406KLSeries Fan
DC2406KL-04W-B30-L00 ETC1-DC2406KL-04W-B30-L00 Datasheet
40Kb / 1P
   DC2406KLSeries Fan
More results

Similar Description - DC24

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C54CST TI1-TMS320C54CST_13 Datasheet
2Mb / 176P
[Old version datasheet]   Client Side Telephony DSP
TMS320C54CST TI-TMS320C54CST Datasheet
2Mb / 171P
[Old version datasheet]   Client Side Telephony DSP
logo
List of Unclassifed Man...
701192 ETC2-701192 Datasheet
130Kb / 1P
   TMS320C54CST Client Side Developers Kit
logo
Pulse A Technitrol Comp...
W1047 PULSE-W1047 Datasheet
158Kb / 5P
   ANTENNAS
logo
Toshiba Semiconductor
BG3 TOSHIBA-BG3 Datasheet
1Mb / 17P
   CLIENT SSD
logo
NEC
US110 NEC-US110 Datasheet
452Kb / 2P
   Thin Client Terminals
logo
Toshiba Semiconductor
MQ01ABDXXX TOSHIBA-MQ01ABDXXX Datasheet
529Kb / 2P
   CLIENT MOBILE HDD
Rev. 01
logo
Level One
GEP-2651 LVL1-GEP-2651 Datasheet
418Kb / 5P
   DHCP Client/Server
GEP-2682 LVL1-GEP-2682 Datasheet
414Kb / 5P
   DHCP Client/Server
logo
Tyco Electronics
1307023 MACOM-1307023 Datasheet
50Kb / 2P
   Picocell Antennas
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com