Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD24-19 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GD24-19
Description  Client Side Antennas
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GD24-19 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GD24-19 Datasheet HTML 1Page - List of Unclassifed Manufacturers GD24-19 Datasheet HTML 2Page - List of Unclassifed Manufacturers GD24-19 Datasheet HTML 3Page - List of Unclassifed Manufacturers GD24-19 Datasheet HTML 4Page - List of Unclassifed Manufacturers GD24-19 Datasheet HTML 5Page - List of Unclassifed Manufacturers GD24-19 Datasheet HTML 6Page - List of Unclassifed Manufacturers GD24-19 Datasheet HTML 7Page - List of Unclassifed Manufacturers GD24-19 Datasheet HTML 8Page - List of Unclassifed Manufacturers GD24-19 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Part #
Part #
Part #
Part #
Type
Type
Type
Type
Gain (dBi)
Gain (dBi)
Gain (dBi)
Gain (dBi)
BW
BW
BW
BW
(deg)
(deg)
(deg)
(deg)
Front to
Front to
Front to
Front to
Back
Back
Back
Back
Polarity
Polarity
Polarity
Polarity
Weight
Weight
Weight
Weight
(lbs)
(lbs)
(lbs)
(lbs)
Dimensions
Dimensions
Dimensions
Dimensions
(in.)
(in.)
(in.)
(in.)
ES58
ES58
ES58
ES58----17
17
17
17
Echo Series
17
25
>30dB
Hor/Ver
1.3
10 x 2.5
P A 5 8
P A 5 8
P A 5 8
P A 5 8 ---- 1 9
1 9
1 9
1 9
Flat Panel
19
16
>30dB
Hor/Ver
1.5
7.5 x 7.5 x.8
P A 5 8
P A 5 8
P A 5 8
P A 5 8 ---- 2 4
2 4
2 4
2 4
Flat Panel
24
8
>40dB
Hor/Ver
3.75
16 x 11 x 8.8
GD22
GD22
GD22
GD22----MT
MT
MT
MT
5.8GHz MotorolaTM
Gain Booster
19
12 / 8
>18dB
Hor/Ver
4
14 x 12
GD26
GD26
GD26
GD26----MT
MT
MT
MT
5.8GHz MotorolaTM
Gain Booster
24
8 / 6
>22dB
Hor/Ver
6
24 x 17
GD29
GD29
GD29
GD29----MT
MT
MT
MT
5.8GHz MotorolaTM
Gain Booster
27
5 / 4
>22dB
Hor/Ver
11
34 x 28
GD22
GD22
GD22
GD22----TR
TR
TR
TR
2.4/5.8GHZ TrangoTM
Gain Booster
14, 19
12 / 8
>30dB
Hor/Ver
4
14 x 12
GD26
GD26
GD26
GD26----TR
TR
TR
TR
2.4/5.8GHZ TrangoTM
Gain Booster
18, 24
8 / 6
>22dB
Hor/Ver
6
24 x 17
GD29
GD29
GD29
GD29----TR
TR
TR
TR
2.4/5.8GHZ TrangoTM
Gain Booster
22, 27
5 / 4
>22dB
Hor/Ver
11
34 x 28
GD5x
GD5x
GD5x
GD5x----22
22
22
22
Grid
22
11
>25dB
Hor/Ver
4
14 x 12
GD5x
GD5x
GD5x
GD5x----26
26
26
26
Grid
26
6
>30dB
Hor/Ver
6
24 x 17
GD5x
GD5x
GD5x
GD5x----29
29
29
29
Grid
29
4
>25dB
Hor/Ver
11
34 x 28
HDGD5x
HDGD5x
HDGD5x
HDGD5x
Grid
29
4
>25dB
Hor/Ver
11
34 x 28
5150—5825MHz
4900—5850MHz
Part #
Part #
Part #
Part #
Type
Type
Type
Type
Gain
Gain
Gain
Gain
(dBi)
(dBi)
(dBi)
(dBi)
BW
BW
BW
BW
(h/v)
(h/v)
(h/v)
(h/v)
Front to
Front to
Front to
Front to
Back
Back
Back
Back
Polarity
Polarity
Polarity
Polarity
Weight
Weight
Weight
Weight
Dimensions (in.)
Dimensions (in.)
Dimensions (in.)
Dimensions (in.)
R2T2458
R2T2458
R2T2458
R2T2458
Dual Band RooTenna®
15
22
>25dB
Hor/Ver
1.8
9 x 9 x 2
R2T58
R2T58
R2T58
R2T58----19
19
19
19
RooTenna®
19
16
>30dB
Hor/Ver
1.8
9 x9 x 2
R2T58
R2T58
R2T58
R2T58----24
24
24
24
RooTenna®
24
9
>30dB
Hor/Ver
6
16.25x14.75x1
GD5W
GD5W
GD5W
GD5W----21P
21P
21P
21P
Grid
21
11/10
>18dB
Hor/Ver
3
11.8 x 15.7
GD5W
GD5W
GD5W
GD5W----25P
25P
25P
25P
Grid
25
6 / 6
>20dB
Hor/Ver
6
16.8 x 24
GD5W
GD5W
GD5W
GD5W----28P
28P
28P
28P
Grid
28
5 / 4
>25dB
Hor/Ver
11
28.5 x 36
DCE
DCE
DCE
DCE----ANT5819
ANT5819
ANT5819
ANT5819
Enclosure Antenna
19
22
>20dB
Ver.
2.5
10 x 7.1 x 2.25
5150—5850MHz
Client Side Antennas
5
5
5
5


Similar Part No. - GD24-19

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
GD24-19 LSTD-GD24-19 Datasheet
1Mb / 2P
   Ultra low wind loading and low visual impact
More results

Similar Description - GD24-19

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C54CST TI1-TMS320C54CST_13 Datasheet
2Mb / 176P
[Old version datasheet]   Client Side Telephony DSP
TMS320C54CST TI-TMS320C54CST Datasheet
2Mb / 171P
[Old version datasheet]   Client Side Telephony DSP
logo
List of Unclassifed Man...
701192 ETC2-701192 Datasheet
130Kb / 1P
   TMS320C54CST Client Side Developers Kit
logo
Pulse A Technitrol Comp...
W1047 PULSE-W1047 Datasheet
158Kb / 5P
   ANTENNAS
logo
Toshiba Semiconductor
BG3 TOSHIBA-BG3 Datasheet
1Mb / 17P
   CLIENT SSD
logo
NEC
US110 NEC-US110 Datasheet
452Kb / 2P
   Thin Client Terminals
logo
Toshiba Semiconductor
MQ01ABDXXX TOSHIBA-MQ01ABDXXX Datasheet
529Kb / 2P
   CLIENT MOBILE HDD
Rev. 01
logo
Level One
GEP-2651 LVL1-GEP-2651 Datasheet
418Kb / 5P
   DHCP Client/Server
GEP-2682 LVL1-GEP-2682 Datasheet
414Kb / 5P
   DHCP Client/Server
logo
Tyco Electronics
1307023 MACOM-1307023 Datasheet
50Kb / 2P
   Picocell Antennas
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com