Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP02XX260 Datasheet(PDF) 8 Page - Dynex Semiconductor

Part # MP02XX260
Description  Dual Diode Modules
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP02XX260 Datasheet(HTML) 8 Page - Dynex Semiconductor

  MP02XX260 Datasheet HTML 1Page - Dynex Semiconductor MP02XX260 Datasheet HTML 2Page - Dynex Semiconductor MP02XX260 Datasheet HTML 3Page - Dynex Semiconductor MP02XX260 Datasheet HTML 4Page - Dynex Semiconductor MP02XX260 Datasheet HTML 5Page - Dynex Semiconductor MP02XX260 Datasheet HTML 6Page - Dynex Semiconductor MP02XX260 Datasheet HTML 7Page - Dynex Semiconductor MP02XX260 Datasheet HTML 8Page - Dynex Semiconductor MP02XX260 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MP02 XX 260 Series
8/9
G
1
2
3
1
2
3
HB
GN
1
2
3
PACKAGE DETAILS
For further package information, please contact your local Customer Service Centre. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
CIRCUIT CONFIGURATIONS
23
23
24
13
80
94
2x M6
Ø6.5
12
3
Nominal weight: 350g
Recommended fixings for mounting: M6 socket head cap screws
Recommended mounting torque: 6Nm (55lb.ins)
Recommended torque for electrical connections: 5Nm (44lb.ins)
Maximum torque for electrical connections: 8Nm (70lb.ins)
Module outline type code: MP02


Similar Part No. - MP02XX260

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP02XX280 DYNEX-MP02XX280 Datasheet
90Kb / 9P
   Dual Diode Modules
MP02XX280-14 DYNEX-MP02XX280-14 Datasheet
90Kb / 9P
   Dual Diode Modules
MP02XX280-16 DYNEX-MP02XX280-16 Datasheet
90Kb / 9P
   Dual Diode Modules
MP02XX280-18 DYNEX-MP02XX280-18 Datasheet
90Kb / 9P
   Dual Diode Modules
MP02XX280-20 DYNEX-MP02XX280-20 Datasheet
90Kb / 9P
   Dual Diode Modules
More results

Similar Description - MP02XX260

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP02XX175 DYNEX-MP02XX175 Datasheet
85Kb / 9P
   Dual Diode Modules
MP03XX260 DYNEX-MP03XX260 Datasheet
94Kb / 9P
   Dual Diode Modules
MP03XX440 DYNEX-MP03XX440 Datasheet
101Kb / 10P
   Dual Diode Modules
MP02XX130 DYNEX-MP02XX130 Datasheet
87Kb / 9P
   Dual Diode Modules
MP03XX280 DYNEX-MP03XX280 Datasheet
109Kb / 9P
   Dual Diode Modules
MP02XX280 DYNEX-MP02XX280 Datasheet
90Kb / 9P
   Dual Diode Modules
logo
Inchange Semiconductor ...
MDD710-26N2 ISC-MDD710-26N2 Datasheet
295Kb / 3P
   Dual Diode Modules
logo
Powerex Power Semicondu...
ED41 POWEREX-ED41 Datasheet
594Kb / 10P
   Dual SCR/Diode Isolated modules
logo
American Microsemicondu...
CN2412 AMMSEMI-CN2412 Datasheet
1Mb / 3P
   CN* Fast Recovery Dual Diode Modules
CD2412 AMMSEMI-CD2412 Datasheet
1Mb / 3P
   CN* Fast Recovery Dual Diode Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com