Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP02TT200-14 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # MP02TT200-14
Description  Dual Thyristor Water Cooled Module Preliminary Information
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP02TT200-14 Datasheet(HTML) 4 Page - Dynex Semiconductor

  MP02TT200-14 Datasheet HTML 1Page - Dynex Semiconductor MP02TT200-14 Datasheet HTML 2Page - Dynex Semiconductor MP02TT200-14 Datasheet HTML 3Page - Dynex Semiconductor MP02TT200-14 Datasheet HTML 4Page - Dynex Semiconductor MP02TT200-14 Datasheet HTML 5Page - Dynex Semiconductor MP02TT200-14 Datasheet HTML 6Page - Dynex Semiconductor MP02TT200-14 Datasheet HTML 7Page - Dynex Semiconductor MP02TT200-14 Datasheet HTML 8Page - Dynex Semiconductor MP02TT200-14 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MP02TT200
4/9
www.dynexsemi.com
Fig. 3 Maximum (limit) on-state characteristics
1
10
1
2
3 4 5
50
0
5
10
15
Duration
60
100
140
ms
cycles at 50Hz
180
I2t
20
10
20 30
Fig. 6 Transient thermal impedance - dc
Fig. 4 Surge (non-repetitive) on-state current vs time
(with 50% V
RSM
at T
case
= 125˚C)
Fig. 5 Gate characteristics
0.5
1.0
2.0
Instantaneous on-state voltage, VT - (V)
0
500
1000
1500
2000
Measured under pulse conditions
Tj = 125˚C
1.5
2.5
100
10
1.0
0.1
0.001
0.01
0.1
1.0
10
Gate trigger current, IGT - (A)
Tj = 125˚C
Tj = 25˚C
Upper
limit
99%
Lower
li
mit
1%
VFGM
VGD
IFGM
5W
10W
50W
75W
100W
Pulse
Width
µs
20
25
100
500
1ms
10ms
50
100
100
100
100
100
10
100
100
100
100
100
50
-
400
100
100
100
25
-
-
Pulse Frequency
Hz
Table gives pulse power PGM in watts
10
1
0.1
1000
100
0.01
0.001
Time - (s)
1.0
0.1
0.01
0.001


Similar Part No. - MP02TT200-14

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP02TT800 DYNEX-MP02TT800 Datasheet
136Kb / 8P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP02TT800-13 DYNEX-MP02TT800-13 Datasheet
136Kb / 8P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP02TT800-14 DYNEX-MP02TT800-14 Datasheet
136Kb / 8P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP02TT800-15 DYNEX-MP02TT800-15 Datasheet
136Kb / 8P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP02TT800-16 DYNEX-MP02TT800-16 Datasheet
136Kb / 8P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
More results

Similar Description - MP02TT200-14

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP03TT300 DYNEX-MP03TT300 Datasheet
148Kb / 10P
   Dual Thyristor Water Cooled Module Preliminary Information
MP04TT600 DYNEX-MP04TT600 Datasheet
264Kb / 10P
   Dual Thyristor Water Cooled Module Preliminary Information
MP03TT1250 DYNEX-MP03TT1250 Datasheet
141Kb / 9P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04TT1550 DYNEX-MP04TT1550 Datasheet
186Kb / 10P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP03TT580 DYNEX-MP03TT580 Datasheet
139Kb / 9P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP02TT800 DYNEX-MP02TT800 Datasheet
136Kb / 8P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04TT1400 DYNEX-MP04TT1400 Datasheet
188Kb / 10P
   Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04TT500 DYNEX-MP04TT500 Datasheet
292Kb / 10P
   Dual Thyristor Water Cooled Module Advance Information
MP04DD810 DYNEX-MP04DD810 Datasheet
205Kb / 9P
   Dual Rectifier Diode Water Cooled Module Preliminary Information
DCR840F DYNEX-DCR840F Datasheet
139Kb / 9P
   Phase Control Thyristor Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com