Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDFB51 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # MDFB51
Description  Fast Recovery Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MDFB51 Datasheet(HTML) 2 Page - Dynex Semiconductor

  MDFB51 Datasheet HTML 1Page - Dynex Semiconductor MDFB51 Datasheet HTML 2Page - Dynex Semiconductor MDFB51 Datasheet HTML 3Page - Dynex Semiconductor MDFB51 Datasheet HTML 4Page - Dynex Semiconductor MDFB51 Datasheet HTML 5Page - Dynex Semiconductor MDFB51 Datasheet HTML 6Page - Dynex Semiconductor MDFB51 Datasheet HTML 7Page - Dynex Semiconductor MDFB51 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MDFB51
2/8
SURGE RATINGS
Conditions
Max.
Units
24.0
kA
2880 x 103
A
2s
I
2t for fusing
I
2t
Surge (non-repetitive) forward current
I
FSM
Parameter
Symbol
10ms half sine; with 0% V
RRM, Tj = 150
oC
19.2
kA
1843 x 103
A
2s
I
2t for fusing
I
2t
Surge (non-repetitive) forward current
I
FSM
10ms half sine; with 50% V
RRM, Tj = 150
oC
THERMAL AND MECHANICAL DATA
dc
Conditions
Max.
Units
oC/W
-
0.021
Anode dc
Clamping force 44.0kN
with mounting compound
Thermal resistance - case to heatsink
R
th(c-h)
0.03
Double side
-
Single side
Thermal resistance - junction to case
R
th(j-c)
Single side cooled
Symbol
Parameter
-
0.06
oC/W
oC/W
Cathode dc
-
0.023
oC/W
Double side cooled
-
0.011
oC/W
T
stg
Storage temperature range
–55
175
oC
kN
44.0
40.0
Clamping force
-
T
vj
Virtual junction temperature
Foward (conducting)
-
150
oC
Min.
CHARACTERISTICS
t
rr
100
Symbol
Typ.
Units
Parameter
V
FM
Forward voltage
I
RRM
Peak reverse current
Reverse recovery time
Q
RA1
Recovered charge (50% chord)
I
RM
Reverse recovery current
K
Soft factor
V
TO
Threshold voltage
r
T
Slope resistance
V
FRM
Forward recovery voltage
di/dt = 1000A/
µs, T
j = 125
oC-
40
V
At T
vj = 150
oC
-
0.3
m
At T
vj = 150
oC
-
1.1
V
1.8
-
-
-
400
A
-
1000
µC
6.0
-
µs
At V
RRM, Tcase = 150
oC-
mA
At 1500A peak, T
case = 25
oC
-
1.6
V
Conditions
Max.
I
F = 1000A, diRR/dt = 100A/µs
T
case = 150
oC, V
R = 100V


Similar Part No. - MDFB51

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MDFB85 DYNEX-MDFB85 Datasheet
70Kb / 8P
   Fast Recovery Diode
MDFB8545 DYNEX-MDFB8545 Datasheet
70Kb / 8P
   Fast Recovery Diode
More results

Similar Description - MDFB51

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com