Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERZE14A391 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ERZE14A391
Description  ?쏾NR??Transient/Surge Absorbers (Type D)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZE14A391 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ERZE14A391 Datasheet HTML 6Page - Panasonic Semiconductor ERZE14A391 Datasheet HTML 7Page - Panasonic Semiconductor ERZE14A391 Datasheet HTML 8Page - Panasonic Semiconductor ERZE14A391 Datasheet HTML 9Page - Panasonic Semiconductor ERZE14A391 Datasheet HTML 10Page - Panasonic Semiconductor ERZE14A391 Datasheet HTML 11Page - Panasonic Semiconductor ERZE14A391 Datasheet HTML 12Page - Panasonic Semiconductor ERZE14A391 Datasheet HTML 13Page - Panasonic Semiconductor ERZE14A391 Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
D
T
F
F
f 0.8
L
Series E10
Ratings and Characteristics
● Operating Temperature Range : –40 to 85 °C ● Storage Temperature Range : –40 to 125 °C
✽Ip Measuring current of clamping voltage : 50 A
Dimensions in mm (not to scale)
Part No.
Varistor
Voltage
Maximum
Allowable
Voltage
Clamping
Voltage
(max.)
Ip
Rated
Power
Maximum
Energy
Maximum
Peak Current
(8/20 μs)
Capacitance
(max.)
(10/1000 μs) (2 ms)
1 time 2 times
V1 mA (V)
ACrms (V)
DC (V)
(V)
(W)
(J)
(J)
(A)
(A)
at 1 kHz (pF)
ERZE10A201
200(185 to 225)
130
170
340
0.5
47
34
4500 3000
630
ERZE10A221
220(198 to 242)
140
180
360
0.5
50
36
4500 3000
600
ERZE10A241
240(216 to 264)
150
200
395
0.5
56
40
4500 3000
570
ERZE10A271
270(247 to 303)
175
225
455
0.5
64
46
4500 3000
530
ERZE10A331
330(297 to 363)
210
270
545
0.5
72
52
4500 3000
470
ERZE10A361
360(324 to 396)
230
300
595
0.5
84
60
4500 3000
430
ERZE10A391
390(351 to 429)
250
320
650
0.5
91
65
4500 3000
400
ERZE10A431
430(387 to 473)
275
350
710
0.5
99
71
4500 3000
350
ERZE10A471
470(423 to 517)
300
385
775
0.5
106
76
4500 3000
320
ERZE10A511
510(459 to 561)
320
410
845
0.5
117
84
4500 3000
300
ERZE10A561
560(504 to 616)
350
450
930
0.5
120
86
4500 3000
290
ERZE10A621
620(558 to 682)
385
505
1025
0.5
126
88
4500 3000
280
ERZE10A681
680(612 to 748)
420
560
1120
0.5
133
95
4500 3000
260
ERZE10A751
750(675 to 825)
460
615
1240
0.5
140
100
4500 3000
250
ERZE10A821
820(738 to 902)
510
670
1355
0.5
154
110
4500 3000
230
ERZE10A911 910(819 to 1001)
550
745
1500
0.5
168
112
4500 3000
220
ERZE10A102 1000(900 to 1100)
625
825
1650
0.5
182
130
4500 3000
200
ERZE10A112 1100(990 to 1210)
680
895
1815
0.5
196
140
4500 3000
180
Part No.
D max.
T max.
F±1.0
A max.
L±1.0
ERZE10A201
11.5
5.3
7.5
15.0
2.1
ERZE10A221
11.5
5.4
7.5
15.0
2.3
ERZE10A241
11.5
5.5
7.5
15.0
2.4
ERZE10A271
11.5
5.7
7.5
15.0
2.5
ERZE10A331
11.5
6.0
7.5
15.0
2.8
ERZE10A361
11.5
6.2
7.5
15.0
2.9
ERZE10A391
11.5
6.3
7.5
15.0
3.0
ERZE10A431
11.5
6.5
7.5
15.0
3.1
ERZE10A471
11.5
6.8
7.5
15.0
3.3
ERZE10A511
11.5
7.0
7.5
15.0
3.5
ERZE10A561
11.5
7.4
7.5
15.0
3.8
ERZE10A621
12.5
7.8
7.5
16.0
4.0
ERZE10A681
12.5
8.1
7.5
16.0
4.2
ERZE10A751
12.5
8.6
7.5
16.0
4.6
ERZE10A821
12.5
8.9
7.5
16.0
5.0
ERZE10A911
12.5
9.5
7.5
16.0
5.7
ERZE10A102
12.5
10.0
7.5
16.0
6.2
ERZE10A112
12.5
10.6
7.5
16.0
6.8
Jul. 2013
01
10


Similar Part No. - ERZE14A391

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZ-CF2MK271 PANASONIC-ERZ-CF2MK271 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZ-V05D390 PANASONIC-ERZ-V05D390 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-V05D431 PANASONIC-ERZ-V05D431 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
logo
International Rectifier
ERZ-V05D471 IRF-ERZ-V05D471 Datasheet
355Kb / 16P
   High Power Factor/Low THD
ERZ-V05D471 IRF-ERZ-V05D471 Datasheet
331Kb / 21P
   IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
More results

Similar Description - ERZE14A391

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZ-VA5V271 PANASONIC-ERZ-VA5V271 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VA9D471 PANASONIC-ERZ-VA9D471 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V14D101 PANASONIC-ERZ-V14D101 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V20R221 PANASONIC-ERZ-V20R221 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VA5V221 PANASONIC-ERZ-VA5V221 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VGAD471 PANASONIC-ERZ-VGAD471 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V05D431 PANASONIC-ERZ-V05D431 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V20R241 PANASONIC-ERZ-V20R241 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V05D390 PANASONIC-ERZ-V05D390 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA9D271 PANASONIC-ERZ-VA9D271 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com