Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERZE10A201 Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # ERZE10A201
Description  ?쏾NR??Transient/Surge Absorbers (Type D)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZE10A201 Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button ERZE10A201 Datasheet HTML 7Page - Panasonic Semiconductor ERZE10A201 Datasheet HTML 8Page - Panasonic Semiconductor ERZE10A201 Datasheet HTML 9Page - Panasonic Semiconductor ERZE10A201 Datasheet HTML 10Page - Panasonic Semiconductor ERZE10A201 Datasheet HTML 11Page - Panasonic Semiconductor ERZE10A201 Datasheet HTML 12Page - Panasonic Semiconductor ERZE10A201 Datasheet HTML 13Page - Panasonic Semiconductor ERZE10A201 Datasheet HTML 14Page - Panasonic Semiconductor ERZE10A201 Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
10000
1000
100
10
1
20
100
1000
Impulse Width (μs)
10000
10
4Tim
es
10
5Times
10
6 Times
5 min. interval
2 min. interval
10 sec. interval
2 times :
up to 10 times :
up to 10
6 times :
30
40
50
60
70
80
90
100
200
300
400
500
600
700
800
900
1000
2000
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
561
511
471
431
391
361
331
221
271
241
201
561
511
471
431
391
361
331
271
241
221
201
Current (A)
Test Current Waveform
10
-6 to 10-3 A: Direct Current
10
-1 to 104 A: 8/20 μs
5000
4000
3000
2000
1000
900
800
700
600
500
400
300
200
112
102
911
821
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
112
102
911
821
751
681
621
Current (A)
Test Current Waveform
10
-6 to 10-3 A: Direct Current
10
-1 to 104 A: 8/20 μs
751
681
621
10000
1000
100
10
1
20
100
1000
Impulse Width (μs)
10000
10
4Tim
es
10
5Times
10
6 Times
5 min. interval
2 min. interval
10 sec. interval
2 times :
up to 10 times :
up to 10
6 times :
ERZE10A621 to ERZE10A112
ERZE10A201 to ERZE10A561
ERZE10A621 to ERZE10A112
ERZE10A201 to ERZE10A561
Typical Characteristics
Voltage vs. Current
Impulse Derating (Relation between impulse
width and impulse current multiple)
Jul. 2013
01
11


Similar Part No. - ERZE10A201

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZ-CF2MK271 PANASONIC-ERZ-CF2MK271 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZ-V05D390 PANASONIC-ERZ-V05D390 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-V05D431 PANASONIC-ERZ-V05D431 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
logo
International Rectifier
ERZ-V05D471 IRF-ERZ-V05D471 Datasheet
355Kb / 16P
   High Power Factor/Low THD
ERZ-V05D471 IRF-ERZ-V05D471 Datasheet
331Kb / 21P
   IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
More results

Similar Description - ERZE10A201

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZ-VA5V271 PANASONIC-ERZ-VA5V271 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VA9D471 PANASONIC-ERZ-VA9D471 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V14D101 PANASONIC-ERZ-V14D101 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V20R221 PANASONIC-ERZ-V20R221 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VA5V221 PANASONIC-ERZ-VA5V221 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VGAD471 PANASONIC-ERZ-VGAD471 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V05D431 PANASONIC-ERZ-V05D431 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V20R241 PANASONIC-ERZ-V20R241 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V05D390 PANASONIC-ERZ-V05D390 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA9D271 PANASONIC-ERZ-VA9D271 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com