Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJP060805 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERJP060805
Description  Anti-Surge Thick Film Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJP060805 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERJP060805 Datasheet HTML 1Page - Panasonic Semiconductor ERJP060805 Datasheet HTML 2Page - Panasonic Semiconductor ERJP060805 Datasheet HTML 3Page - Panasonic Semiconductor ERJP060805 Datasheet HTML 4Page - Panasonic Semiconductor ERJP060805 Datasheet HTML 5Page - Panasonic Semiconductor ERJP060805 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Anti-Surge Thick Film Chip Resistors
1
2
3
4
5
6
7
8
9
10
11
12
Thick Film
Chip Resistors
Product Code
Size, Power Rating
Type: inch
P03 : 0603
PA3 : 0603
P06 : 0805
P08 : 1206
P14 : 1210
Power R.
0.20 W
0.25 W
0.50 W
0.66 W
0.50 W
Resistance Tolerance
Code
D
F
J
Tolerance
± 0.5 %
± 1 %
± 5 %
The first two or three digits are significant figures
of resistance and the third or 4th one denotes
number of zeros following.
Three digit type (±5%),
four digit type (±1%, ±0.5%)
Example: 222
2.2 k , 1002
10 k
Resistance Value
Packaging Methods
Code
V
U
Type
ERJP03
ERJPA3
ERJP06
ERJP08
ERJP14
Packaging
Punched Carrier Taping
4 mm pitch, 5,000 pcs.
Embossed Carrier Taping
4 mm pitch, 5,000 pcs.
a
b
t
W
L
Anti-Surge Thick Film Chip Resistors
0603, 0805, 1206, 1210
Type:
ERJ P03, PA3, P06, P08, P14
Features
● ESD surge characteristics superior to standard metal film resistors
● High reliability
Metal glaze thick film resistive element and three layers of electrodes
● Suitable for both reflow and flow soldering
● High power…0.20 W : 1608(0603) size(ERJP03)
0.25 W : 1608(0603) size(ERJPA3)
0.50 W : 2012(0805) size(ERJP06), 3225(1210) size(ERJP14)
0.66 W : 3216(1206) size(ERJP08)
● Reference Standards…IEC 60115-8, JIS C 5201-8, EIAJ RC-2134B
● AEC-Q200 qualified
● RoHS compliant
Explanation of Part Numbers
■ Packaging Methods, Land Pattern, Soldering Conditions and Safety Precautions
Please see Data Files
Thick film
resistive element
Electrode (Inner)
Electrode (Outer)
Electrode
(Between)
Alumina substrate
Protective coating
Construction
Dimensions in mm (not to scale)
Type
(inch size)
Dimensions (mm)
Mass (Weight)
[g/1000 pcs.]
LWa
b
t
ERJP03
(0603)
1.60
±0.15
0.80
+0.15
0.15
+0.15
0.30
±0.15
0.45
±0.10
2
ERJPA3
(0603)
1.60
±0.15
0.80
+0.15
0.15
+0.15
0.25
±0.10
0.45
±0.10
2
ERJP06
(0805)
2.00
±0.20
1.25
±0.10
0.25
±0.20
0.40
±0.20
0.60
±0.10
4
ERJP08
(1206)
3.20
+0.05
1.60
+0.05
0.40
±0.20
0.50
±0.20
0.60
±0.10
10
ERJP14
(1210)
3.20
±0.20
2.50
±0.20
0.35
±0.20
0.50
±0.20
0.60
±0.10
16
–0.20
–0.15
–0.05
–0.10
–0.05
–0.10
Feb. 2014
06
19


Similar Part No. - ERJP060805

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJP060805 PANASONIC-ERJP060805 Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Re sis tors
ERJP060805 PANASONIC-ERJP060805 Datasheet
122Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJP060805 PANASONIC-ERJP060805 Datasheet
137Kb / 5P
   Anti-Surge Thick Film Chip Re sis tors 0603, 0805, 1206, 1210, 0805
More results

Similar Description - ERJP060805

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-P14J2R4U PANASONIC-ERJ-P14J2R4U Datasheet
188Kb / 6P
   Anti-Surge Thick Film Chip Resistors
ERJ-T08J1R0V PANASONIC-ERJ-T08J1R0V Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJ-P06F1003V PANASONIC-ERJ-P06F1003V Datasheet
160Kb / 6P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14F1002U PANASONIC-ERJ-P14F1002U Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14J6R8U PANASONIC-ERJ-P14J6R8U Datasheet
188Kb / 6P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14J220U PANASONIC-ERJ-P14J220U Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJ-P08J100V PANASONIC-ERJ-P08J100V Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14D1003U PANASONIC-ERJ-P14D1003U Datasheet
177Kb / 6P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14J162U PANASONIC-ERJ-P14J162U Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14D1000U PANASONIC-ERJ-P14D1000U Datasheet
122Kb / 5P
   Anti-Surge Thick Film Chip Resistors
logo
Ohmite Mfg. Co.
ASSERIES OHMITE-ASSERIES Datasheet
639Kb / 2P
   Anti-surge Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com