Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQS904 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IQS904
Description  Single Channel Capacitive Sensor and Controller for Dimmer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS904 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button IQS904 Datasheet HTML 2Page - List of Unclassifed Manufacturers IQS904 Datasheet HTML 3Page - List of Unclassifed Manufacturers IQS904 Datasheet HTML 4Page - List of Unclassifed Manufacturers IQS904 Datasheet HTML 5Page - List of Unclassifed Manufacturers IQS904 Datasheet HTML 6Page - List of Unclassifed Manufacturers IQS904 Datasheet HTML 7Page - List of Unclassifed Manufacturers IQS904 Datasheet HTML 8Page - List of Unclassifed Manufacturers IQS904 Datasheet HTML 9Page - List of Unclassifed Manufacturers IQS904 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Copyright © Azoteq (Pty) Ltd 2010.
IQS904 Datasheet
Page 6 of 23
All Rights Reserved.
Revision 1.06
December 2011
5 High Sensitivity
Through patented design and advanced signal
processing, the device is able to provide
extremely high sensitivity to detect proximity.
This enables designs to detect proximities at
distances that cannot be equalled by most
other products. When the device is used in
environments where noise or ground effects
exist that lower the sensitivity, a reduced
proximity threshold is proposed to ensure
reliable functioning of the sensor.
6 User Interface Description
The various power levels are summarised in Table 6.1.
Table 6.1
Power Levels for different operational modes
POWER % Duty Cycle
Power
50 Hz
60 Hz
DC
FITD (Find-In-The-Dark)
42.1
30.5
0.58
Low
47
37.5
1
High
100
100
100
6.1 User Interface: User Selectable Dimming Level
Long touch:
longer than 1 second.
Short touch:
shorter than 1 second.
Operation of UI:
Proximity detection will switch load on at FITD% for 16 seconds (50/60Hz dependent)
From initial OFF state,
short touch goes to full power.
From any ON state,
long touch & holding touch will change duty cycle / dimming
From any OFF state,
long touch start at low power and increase to full power. Holding touch
will change duty cycle / dimming
From any ON state,
short touch switches off.
Any
long touch held for longer than 60s switches off (This setting can be disabled by setting
the halt setting to always halt)
Timings:
Long touch ramp time: 3 seconds.
Flat top and bottom pause time: 1.5 seconds.
Total cycle time: 9 seconds.
Auto-off time: 1 hour
Automatic dim time after Auto-off: 30 seconds.
Auto-off is enabled when switched on by
long touch
FITD time on Prox trigger: 16 seconds or 5 seconds


Similar Part No. - IQS904

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IQS127 ETC2-IQS127 Datasheet
518Kb / 8P
   IQ Switch - ProxSenseTM Series
IQS128 ETC2-IQS128 Datasheet
1Mb / 33P
   Single Channel Capacitive Proximity, Touch Controller
IQS128L ETC2-IQS128L Datasheet
1Mb / 33P
   Single Channel Capacitive Proximity, Touch Controller
IQS128 ETC2-IQS128_16 Datasheet
1Mb / 23P
   DYCAL??: Intelligent Hysteresis
IQS132 ETC2-IQS132 Datasheet
1Mb / 7P
   IQ Switch - ProxSenseTM Series
More results

Similar Description - IQS904

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8T143AU62TTR STMICROELECTRONICS-STM8T143AU62TTR Datasheet
1Mb / 65P
   Single-channel capacitive sensor for touch and proximity detection
October 2013 Rev 6
logo
List of Unclassifed Man...
ILI2511 ETC-ILI2511 Datasheet
571Kb / 18P
   Single Chip Capacitive Touch Sensor Controller
V1.05 2016/11/28
logo
CORE RIVER Semiconducto...
TC305K CORERIVER-TC305K Datasheet
2Mb / 14P
   Capacitive Touch Sensor Controller
Revised May. 26, 2021
logo
List of Unclassifed Man...
IQS228AS ETC2-IQS228AS Datasheet
1Mb / 30P
   Single Channel Capacitive Proximity/Touch Controller
IQS128 ETC2-IQS128 Datasheet
1Mb / 33P
   Single Channel Capacitive Proximity, Touch Controller
IQS227AS ETC2-IQS227AS Datasheet
1Mb / 31P
   Single Channel Capacitive Proximity/Touch Controller
logo
Holt Integrated Circuit...
HI-2410 HOLTIC-HI-2410 Datasheet
258Kb / 3P
   CAPACITIVE TOUCH LIGHT DIMMER CIRCUITS
logo
List of Unclassifed Man...
IQS229 ETC2-IQS229 Datasheet
989Kb / 15P
   Single Channel Capacitive Proximity/Touch Controller for SAR Applications
IQS231 ETC2-IQS231 Datasheet
1Mb / 37P
   Single Channel Capacitive Proximity/Touch Controller for SAR applications
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083_08 Datasheet
367Kb / 35P
   Proximity Capacitive Touch Sensor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com